Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

RT9167-15PB Datasheet(PDF) 3 Page - Richtek Technology Corporation

Part # RT9167-15PB
Description  Low-Noise, Fixed Output Voltage,300mA/500mA LDO Regulator
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICHTEK [Richtek Technology Corporation]
Direct Link  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation

RT9167-15PB Datasheet(HTML) 3 Page - Richtek Technology Corporation

  RT9167-15PB Datasheet HTML 1Page - Richtek Technology Corporation RT9167-15PB Datasheet HTML 2Page - Richtek Technology Corporation RT9167-15PB Datasheet HTML 3Page - Richtek Technology Corporation RT9167-15PB Datasheet HTML 4Page - Richtek Technology Corporation RT9167-15PB Datasheet HTML 5Page - Richtek Technology Corporation RT9167-15PB Datasheet HTML 6Page - Richtek Technology Corporation RT9167-15PB Datasheet HTML 7Page - Richtek Technology Corporation RT9167-15PB Datasheet HTML 8Page - Richtek Technology Corporation RT9167-15PB Datasheet HTML 9Page - Richtek Technology Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 13 page
background image
RT9167/A
3
DS9167/A-26 March 2007
www.richtek.com
Absolute Maximum Ratings
Input Voltage ------------------------------------------------------------------------------------------------------------ 8V
Power Dissipation, PD @ TA = 25
°C
SOT-23-5 ---------------------------------------------------------------------------------------------------------------- 0.4W
SOP-8 -------------------------------------------------------------------------------------------------------------------- 0.625W
Package Thermal Resistance (Note1)
SOT-23-5,
θJA ----------------------------------------------------------------------------------------------------------- 250°C/W
SOT-23-5,
θJC ---------------------------------------------------------------------------------------------------------- 130°C/W
SOP-8,
θJA -------------------------------------------------------------------------------------------------------------- 160°C/W
SOP-8,
θJC -------------------------------------------------------------------------------------------------------------- 60°C/W
Operating Junction Temperature Range --------------------------------------------------------------------------
40°C to 125°C
Storage Temperature Range ----------------------------------------------------------------------------------------
65°C to 150°C
Lead Temperature (Soldering, 10 sec.) --------------------------------------------------------------------------- 260
°C
Electrical Characteristics
(VIN = 5.0V, CIN = 1
μF, COUT = 1μF, TA = 25°C, unless otherwise specified)
Parameter
Symbol
Test Conditions
Min
Typ
Max
Units
2.9
--
7
Input Voltage Range
VIN
IL = 50mA
2.7
--
7
V
Output Voltage Accuracy
ΔVOUT IL = 1mA
-2
--
+2
%
RT9167
300
--
--
Maximum Output
Current
RT9167A
IMAX
500
--
--
mA
RT9167
400
--
--
Current Limit
RT9167A
ILIM
RLOAD = 1Ω
500
700
--
mA
RT9167/A
No Load
--
80
150
RT9167/A
IOUT = 300mA
--
90
150
Quiescent Current
RT9167A
IG
IOUT = 500mA
--
90
150
μA
RT9167/A
IOUT = 1mA
--
1.1
5
RT9167/A
IOUT = 50mA
--
55
100
RT9167/A
IOUT = 300mA
--
350
450
Dropout Voltage
(2)
(VOUT(Normal) = 3.0V
Version)
RT9167A
VDROP
IOUT = 500mA
--
600
750
mV
Line Regulation
ΔVLINE VIN= (VOUT+0.15) to 7V, IOUT =1mA
--
--
6
mV/V
RT9167/A
IOUT = 0mA to 300mA
--
--
30
Load Regulation
RT9167A
ΔVLOAD
IOUT = 0mA to 500mA
--
--
35
mV
EN Input High Threshold
VIH
VIN= 3V to 5.5V
1.6
--
--
V
EN Input Low Threshold
VIL
VIN = 3V to 5.5V
--
--
0.4
V
EN Bias Current
ISD
--
--
100
nA
Shutdown Supply Current
IGSD
VOUT = 0V
--
0.01
1
μA
Thermal Shutdown Temperature
TSD
--
155
--
°C
To be continued


Similar Part No. - RT9167-15PB

ManufacturerPart #DatasheetDescription
logo
Richtek Technology Corp...
RT9167-17PB RICHTEK-RT9167-17PB Datasheet
206Kb / 10P
   The RT9167B is a 300mA low dropout and low noise
RT9167-18GB RICHTEK-RT9167-18GB Datasheet
206Kb / 10P
   The RT9167B is a 300mA low dropout and low noise
RT9167-18PB RICHTEK-RT9167-18PB Datasheet
206Kb / 10P
   The RT9167B is a 300mA low dropout and low noise
More results

Similar Description - RT9167-15PB

ManufacturerPart #DatasheetDescription
logo
Power IC Ltd.
PL0300 PICSEMI-PL0300 Datasheet
327Kb / 12P
   Low Noise, Fixed Output Voltage 300mA LDO Regulator
logo
BCD Semiconductor Manuf...
AP2115 BCDSEMI-AP2115 Datasheet
148Kb / 16P
   300mA FIXED OUTPUT VOLTAGE LDO REGULATOR
AP2117 BCDSEMI-AP2117 Datasheet
51Kb / 2P
   300mA FIXED OUTPUT VOLTAGE LDO REGULATOR
logo
List of Unclassifed Man...
RT9168 ETC-RT9168 Datasheet
236Kb / 13P
   200MA / 500MA FIXED OUTPUT VOLTAGE LDO REGULATOR
logo
Richtek Technology Corp...
RT9168 RICHTEK-RT9168 Datasheet
155Kb / 11P
   200mA/500mA Fixed Output Voltage LDO Regulator
logo
Exar Corporation
SPX3819M5-L-3-3-TR EXAR-SPX3819M5-L-3-3-TR Datasheet
1Mb / 13P
   500mA Low-Noise LDO Voltage Regulator
logo
Sipex Corporation
SPX3819 SIPEX-SPX3819 Datasheet
137Kb / 12P
   500mA, Low-Noise LDO Voltage Regulator
logo
Taiwan Semiconductor Co...
TS5214 TSC-TS5214 Datasheet
315Kb / 7P
   300mA Low Noise LDO Voltage Regulator
TS5214 TSC-TS5214_08 Datasheet
436Kb / 8P
   300mA Low Noise LDO Voltage Regulator
logo
Exar Corporation
SPX3819M5-L-5-0-TR EXAR-SPX3819M5-L-5-0-TR Datasheet
1Mb / 13P
   500mA Low-Noise LDO Voltage Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com