Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

RT9164A-28PG Datasheet(PDF) 11 Page - Richtek Technology Corporation

Part # RT9164A-28PG
Description  1A Fixed and Adjustable Low Dropout Positive Voltage Regulators
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICHTEK [Richtek Technology Corporation]
Direct Link  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation

RT9164A-28PG Datasheet(HTML) 11 Page - Richtek Technology Corporation

Back Button RT9164A-28PG Datasheet HTML 6Page - Richtek Technology Corporation RT9164A-28PG Datasheet HTML 7Page - Richtek Technology Corporation RT9164A-28PG Datasheet HTML 8Page - Richtek Technology Corporation RT9164A-28PG Datasheet HTML 9Page - Richtek Technology Corporation RT9164A-28PG Datasheet HTML 10Page - Richtek Technology Corporation RT9164A-28PG Datasheet HTML 11Page - Richtek Technology Corporation RT9164A-28PG Datasheet HTML 12Page - Richtek Technology Corporation RT9164A-28PG Datasheet HTML 13Page - Richtek Technology Corporation RT9164A-28PG Datasheet HTML 14Page - Richtek Technology Corporation  
Zoom Inzoom in Zoom Outzoom out
 11 / 14 page
background image
RT9164A
11
DS9164A-13 August 2007
www.richtek.com
PD = (VIN - VOUT) x IOUT
TJUNCTION = TAMBIENT + (PD x
θJA)
Note: TJUNCTION must not exceed 125°C
Current Limit Protection
RT9164A is protected against overload conditions. Current
protection is triggered at typically 1.8A.
Thermal Consideration
The RT9164A series contain thermal limiting circuitry
designed to protect itself from over-temperature conditions.
Even for normal load conditions, maximum junction
temperature ratings must not be exceeded. As mention in
thermal protection section, we need to consider all sources
of thermal resistance between junction and ambient. It
includes junction-to-case, case-to-heat-sink interface, and
heat sink thermal resistance itself.
Junction-to-case thermal resistance is specified from the
IC junction to the bottom of the case directly below the
die. Proper mounting is required to ensure the best possible
thermal flow from this area of the package to the heat
sink. The case of all devices in this series is electrically
connected to the output. Therefore, if the case of the device
must be electrically isolated, a thermally conductive spacer
is recommended.
VIN
VOUT
ADJ
RT9164A
R1
R2
V
IN
Connect R2 to load
(Connect R1 to VOUT
or case)
R
L
R
P Parasitic
Line Resistance
Figure 6. Best Load Regulation Using Adjustable
Output Regulator
Thermal Protection
RT9164A has thermal protection which limits junction
temperature to 150
°C. However, device functionality is only
guaranteed to a maximum junction temperature of +125
°C.
The power dissipation and junction temperature for RT9164A
are given by


Similar Part No. - RT9164A-28PG

ManufacturerPart #DatasheetDescription
logo
Richtek Technology Corp...
RT9164AGG RICHTEK-RT9164AGG Datasheet
245Kb / 14P
   Low Dropout Performance, 1.4V Max, Full Current Rating Over Line and Temperature
More results

Similar Description - RT9164A-28PG

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
RT9164 ETC-RT9164 Datasheet
266Kb / 12P
   1A FIXED AND ADJUSTABLE LOW DROPOUT POSITIVE VOLTAGE REGULATORS
logo
KIA Semiconductor Techn...
1117 KIA-1117 Datasheet
33Kb / 4P
   1A LOW DROPOUT FIXED AND ADJUSTABLE POSITIVE VOLTAGE REGULATORS
logo
International Rectifier
IRU1206 IRF-IRU1206 Datasheet
114Kb / 8P
   1A VERY LOW DROPOUT POSITIVE FIXED AND ADJUSTABLE REGULATORS
logo
Advanced Power Electron...
APU1206 A-POWER-APU1206 Datasheet
187Kb / 9P
   1A VERY LOW DROPOUT POSITIVE FIXED AND ADJUSTABLE REGULATORS
logo
International Rectifier
IRU1206 IRF-IRU1206 Datasheet
94Kb / 12P
   1A VERY LOW DROPOUT POSITIVE FIXED AND ADJUSTABLE REGULATORS
logo
Advanced Power Electron...
APU1206 A-POWER-APU1206_16 Datasheet
231Kb / 10P
   1A VERY LOW DROPOUT POSITIVE FIXED AND ADJUSTABLE REGULATORS
logo
ON Semiconductor
NCP1117 ONSEMI-NCP1117 Datasheet
215Kb / 17P
   Low-Dropout Positive Fixed and Adjustable Voltage Regulators
January, 2017 ??Rev. 28
logo
Integral Corp.
IL33269 INTEGRAL-IL33269 Datasheet
105Kb / 2P
   LOW DROPOUT POSITIVE FIXED AND ADJUSTABLE VOLTAGE REGULATORS
logo
Richtek Technology Corp...
RT9164B RICHTEK-RT9164B Datasheet
146Kb / 7P
   1A Fixed Low Dropout Positive Voltage Regulators
RT9176 RICHTEK-RT9176 Datasheet
241Kb / 13P
   1.5A Fixed and Adjustable Low Dropout Positive Voltage Regulators
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com