Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

RT9134PC Datasheet(PDF) 4 Page - Richtek Technology Corporation

Part # RT9134PC
Description  Rail-to-Rail Quad Operational Amplifier
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICHTEK [Richtek Technology Corporation]
Direct Link  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation

RT9134PC Datasheet(HTML) 4 Page - Richtek Technology Corporation

  RT9134PC Datasheet HTML 1Page - Richtek Technology Corporation RT9134PC Datasheet HTML 2Page - Richtek Technology Corporation RT9134PC Datasheet HTML 3Page - Richtek Technology Corporation RT9134PC Datasheet HTML 4Page - Richtek Technology Corporation RT9134PC Datasheet HTML 5Page - Richtek Technology Corporation RT9134PC Datasheet HTML 6Page - Richtek Technology Corporation RT9134PC Datasheet HTML 7Page - Richtek Technology Corporation RT9134PC Datasheet HTML 8Page - Richtek Technology Corporation RT9134PC Datasheet HTML 9Page - Richtek Technology Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 11 page
background image
RT9134
Preliminary
4
DS9134-04
August 2007
www.richtek.com
(VS+ = +2.5V, VS
− = −2.5V, RL = 10kΩ and CL = 10pF to 2.5V, TA =25°C, unless otherwise specified)
Parameter
Symbol
Test Conditions
Min
Typ
Max
Units
Input Characteristics
Input Offset Voltage
VOS
VCM = 2.5V
--
2
15
mV
Average Offset Voltage Drift
ΔVOS/ΔT -40°C≦TA≦85°C
--
5
--
uV/
°C
Input Bias Current
IB
VCM = 2.5V
--
2
50
nA
Input Impedance
RIN
--
1
--
G
Ω
Input Capacitance
CIN
--
1.35
--
pF
Common-Mode Input Range
CMIR
-0.5
--
+5.5
V
Common-Mode Rejection Ratio CMRR
For VIN from –0.5V to +5.5V
45
65
--
dB
Open-Loop Gain
AVOL
0.5V≦VOUT≦+4.5V
75
95
--
dB
Output Characteristics
Output swing Low
VOL
IL = -5mA
--
−2.42 −2.35
V
Output swing High
VOH
IL = +5mA
2.35
2.42
--
V
Continuous
VCOM Buffer Output current
IOC
--
±35
--
mA
Peak
VCOM Buffer Output current
IPC
--
±90
--
mA
Power Supply
Power Supply Rejection Ratio
PSRR
VS is moved from ±2.25V to ±7.75V
50
70
--
dB
Supply Current/Amplifier
ISY
No Load
--
500
750
uA
Dynamic Performance
Slew Rate(Note)
SR
-4.0V≦VOUT≦+4.0V, 20% to 80%
--
12
--
V/us
Setting to ±0.1% (AV = +1)
tS
(AV = +1), VOUT = 2V step
--
500
--
ns
-3dB Bandwidth
BW
RL = 10kΩ, CL =10 pF
--
12
--
MHz
Gain-Bandwidth Product
GBWP
RL = 10kΩ, CL =10 pF
--
5
--
MHz
Phase Margin
PM
RL = 10kΩ, CL =10 pF
--
50
--
°
Channel Separation
CS
f = 5MHz
--
75
--
dB
Note: Slew rate is measured on rising and falling edges.


Similar Part No. - RT9134PC

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
RT9131 ETC1-RT9131 Datasheet
215Kb / 6P
   Class AB stereo Headphone Drive with Mute
RT9131CN ETC1-RT9131CN Datasheet
215Kb / 6P
   Class AB stereo Headphone Drive with Mute
RT9131CS ETC1-RT9131CS Datasheet
215Kb / 6P
   Class AB stereo Headphone Drive with Mute
logo
Richtek Technology Corp...
RT9133A RICHTEK-RT9133A Datasheet
218Kb / 13P
   Rail-to-Rail Operational Amplifier
RT9133AGB RICHTEK-RT9133AGB Datasheet
218Kb / 13P
   Rail-to-Rail Operational Amplifier
More results

Similar Description - RT9134PC

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
TS914IDT STMICROELECTRONICS-TS914IDT Datasheet
1Mb / 17P
   Rail-to-rail CMOS quad operational amplifier
logo
Advanced Linear Devices
ALD4704 ALD-ALD4704_10 Datasheet
85Kb / 9P
   QUAD RAIL-TO-RAIL CMOS OPERATIONAL AMPLIFIER
ALD4704A ALD-ALD4704A Datasheet
62Kb / 6P
   QUAD RAIL-TO-RAIL CMOS OPERATIONAL AMPLIFIER
logo
STMicroelectronics
TS914 STMICROELECTRONICS-TS914_07 Datasheet
189Kb / 19P
   Rail-to-rail CMOS quad operational amplifier
TS914 STMICROELECTRONICS-TS914 Datasheet
102Kb / 13P
   RAIL TO RAIL CMOS QUAD OPERATIONAL AMPLIFIER
April 1999
logo
Advanced Linear Devices
ALD4704A ALD-ALD4704A_V01 Datasheet
89Kb / 9P
   QUAD RAIL-TO-RAIL CMOS OPERATIONAL AMPLIFIER
2018
ALD4701 ALD-ALD4701_10 Datasheet
86Kb / 9P
   QUAD MICROPOWER RAIL-TO-RAIL CMOS OPERATIONAL AMPLIFIER
ALD4702A ALD-ALD4702A_V01 Datasheet
86Kb / 9P
   QUAD 5V RAIL-TO-RAIL PRECISION OPERATIONAL AMPLIFIER
2018
logo
SG Micro Corp
SGM8044 SGMICRO-SGM8044 Datasheet
296Kb / 10P
   Quad Rail-to-Rail I/O Operational Amplifier
logo
Richtek Technology Corp...
RT9136 RICHTEK-RT9136 Datasheet
235Kb / 11P
   Rail-to-Rail Quad Unity-Gain Operational Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com