Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

RT9024 Datasheet(PDF) 5 Page - Richtek Technology Corporation

Part # RT9024
Description  Low-Dropout Linear Regulator Controller with PGOOD Indication
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICHTEK [Richtek Technology Corporation]
Direct Link  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation

RT9024 Datasheet(HTML) 5 Page - Richtek Technology Corporation

  RT9024 Datasheet HTML 1Page - Richtek Technology Corporation RT9024 Datasheet HTML 2Page - Richtek Technology Corporation RT9024 Datasheet HTML 3Page - Richtek Technology Corporation RT9024 Datasheet HTML 4Page - Richtek Technology Corporation RT9024 Datasheet HTML 5Page - Richtek Technology Corporation RT9024 Datasheet HTML 6Page - Richtek Technology Corporation RT9024 Datasheet HTML 7Page - Richtek Technology Corporation RT9024 Datasheet HTML 8Page - Richtek Technology Corporation RT9024 Datasheet HTML 9Page - Richtek Technology Corporation  
Zoom Inzoom in Zoom Outzoom out
 5 / 9 page
background image
RT9024
Preliminary
5
DS9024-01
March 2007
www.richtek.com
Typical Operating Characteristics
Feedback Voltage vs. Temperature
0.7
0.75
0.8
0.85
0.9
-50
-25
0
25
50
75
100
125
Temperature (
°C)
VIN = 1.5V, VCC = 12V, RPGOOD = 100k
CIN = COUT = 100uF, R1 = 1k, R2 = 2k
Quiescent Current vs. Temperature
0.30
0.33
0.35
0.38
0.40
0.43
0.45
0.48
0.50
-50
-25
0
25
50
75
100
125
Temperature (
°C)
VIN = 1.5V, VCC = 12V, RPGOOD = 100k
CIN = COUT = 100uF, R1 = 1k, R2 = 2k
Sink Current vs. DRI Voltage
0
5
10
15
20
25
0
0.5
1
1.5
2
2.5
3
DRI Voltage (V)
TA = 25°C
DRI Sink Current vs. DRI Voltage
DRI Source Current vs. Temperature
35
40
45
50
55
60
-50
-25
0
25
50
75
100
125
Temperature (
°C)
VFB = 1V, VCC = 12V, VDRI = 6V
DRI Sink Current vs. Temperature
12
15
18
21
24
27
30
-50
-25
0
25
50
75
100
125
Temperature (
°C)
VFB = 0.6V, VCC = 12V, VDRI = 6V
PGOOD Delay Time vs. Temperature
1.5
2
2.5
3
3.5
4
-50
-25
0
25
50
75
100
125
Temperature (
°C)
VIN = 1.5V, VCC = 12V
RPGOOD = 100k
R1 = 1k, R2 = 2k


Similar Part No. - RT9024

ManufacturerPart #DatasheetDescription
logo
Richtek Technology Corp...
RT9022 RICHTEK-RT9022 Datasheet
148Kb / 11P
   High Voltage, Low Quiescent, 60mA LDO Regulator
RT9022GE RICHTEK-RT9022GE Datasheet
148Kb / 11P
   High Voltage, Low Quiescent, 60mA LDO Regulator
RT9022GJ6 RICHTEK-RT9022GJ6 Datasheet
148Kb / 11P
   High Voltage, Low Quiescent, 60mA LDO Regulator
RT9022GU6 RICHTEK-RT9022GU6 Datasheet
148Kb / 11P
   High Voltage, Low Quiescent, 60mA LDO Regulator
RT9022PE RICHTEK-RT9022PE Datasheet
148Kb / 11P
   High Voltage, Low Quiescent, 60mA LDO Regulator
More results

Similar Description - RT9024

ManufacturerPart #DatasheetDescription
logo
Richtek Technology Corp...
RT9194 RICHTEK-RT9194 Datasheet
222Kb / 10P
   Low-Dropout Linear Regulator Controller with PGOOD Indication
RT9046 RICHTEK-RT9046 Datasheet
200Kb / 11P
   Low-Dropout Linear Regulator Controller with PGOOD
logo
Anpec Electronics Corop...
APL5611 ANPEC-APL5611 Datasheet
260Kb / 16P
   Low Dropout Linear Regulator Controller
logo
ON Semiconductor
NCP102 ONSEMI-NCP102 Datasheet
106Kb / 9P
   Low Dropout Linear Regulator Controller
January, 2008 - Rev. 1
logo
Anpec Electronics Corop...
APL5610 ANPEC-APL5610_11 Datasheet
278Kb / 17P
   Low Dropout Linear Regulator Controller
APL5610 ANPEC-APL5610 Datasheet
271Kb / 17P
   Low Dropout Linear Regulator Controller
logo
Richtek Technology Corp...
RT9008 RICHTEK-RT9008 Datasheet
118Kb / 9P
   Low Dropout Linear Regulator Controller with Soft-Start
logo
uPI Group Inc.
UP0115P UPI-UP0115P Datasheet
1Mb / 11P
   Controller for Low-Dropout Linear Regulator
logo
Diodes Incorporated
AP131 DIODES-AP131_09 Datasheet
123Kb / 7P
   300mA LOW DROPOUT LINEAR REGULATOR WITH
AP131 Rev. 7
AP7173 DIODES-AP7173_09 Datasheet
385Kb / 16P
   1.5A LOW DROPOUT LINEAR REGULATOR WITH
AP7173 Rev. 7
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com