Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

RT9022PE Datasheet(PDF) 5 Page - Richtek Technology Corporation

Part # RT9022PE
Description  High Voltage, Low Quiescent, 60mA LDO Regulator
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICHTEK [Richtek Technology Corporation]
Direct Link  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation

RT9022PE Datasheet(HTML) 5 Page - Richtek Technology Corporation

  RT9022PE Datasheet HTML 1Page - Richtek Technology Corporation RT9022PE Datasheet HTML 2Page - Richtek Technology Corporation RT9022PE Datasheet HTML 3Page - Richtek Technology Corporation RT9022PE Datasheet HTML 4Page - Richtek Technology Corporation RT9022PE Datasheet HTML 5Page - Richtek Technology Corporation RT9022PE Datasheet HTML 6Page - Richtek Technology Corporation RT9022PE Datasheet HTML 7Page - Richtek Technology Corporation RT9022PE Datasheet HTML 8Page - Richtek Technology Corporation RT9022PE Datasheet HTML 9Page - Richtek Technology Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 11 page
background image
RT9022
Preliminary
5
DS9022-00
September 2007
www.richtek.com
Typical Operating Characteristics
VOUT = 15V, ILOAD = 20mA
Line Transient Response
VIN
(V)
Time (1ms/Div)
18
17
VOUT
(10mV/Div)
VOUT = 15V, ILOAD = 3mA
Line Transient Response
VIN
(V)
Time (1ms/Div)
18
17
VOUT
(10mV/Div)
Dropout Voltage vs. Load Current
0
100
200
300
400
0
102030
405060
Load Current (mA)
VOUT = 15V
TJ = 100
°C
TJ = 25
°C
TJ =
−40°C
Output Voltage vs. Temperature
14.0
14.5
15.0
15.5
16.0
-50
-25
0
25
50
75
100
Temperature
VIN = 18V, ILOAD = 0mA
(
°C)
Quiescent Current vs. Temperature
35
40
45
50
55
60
-50
-25
0
25
50
75
100
Temperature
VIN = 5V, VOUT = 1.25V
(
°C)
Feedback Voltage vs. Temperature
1.20
1.22
1.24
1.26
1.28
1.30
-50
-25
0
25
50
75
100
Temperature
VIN = 5V
(
°C)


Similar Part No. - RT9022PE

ManufacturerPart #DatasheetDescription
logo
Richtek Technology Corp...
RT9024 RICHTEK-RT9024 Datasheet
217Kb / 9P
   Low-Dropout Linear Regulator Controller with PGOOD Indication
RT9024GE RICHTEK-RT9024GE Datasheet
217Kb / 9P
   Low-Dropout Linear Regulator Controller with PGOOD Indication
RT9024PE RICHTEK-RT9024PE Datasheet
217Kb / 9P
   Low-Dropout Linear Regulator Controller with PGOOD Indication
RT9025 RICHTEK-RT9025 Datasheet
34Kb / 2P
   The ESD tests are used to classify the electrostatic discharge of microcircuits.
More results

Similar Description - RT9022PE

ManufacturerPart #DatasheetDescription
logo
Taiwan Semiconductor Co...
TS3480 TSC-TS3480_08 Datasheet
91Kb / 5P
   Low Quiescent Current LDO Voltage Regulator
TS3480 TSC-TS3480 Datasheet
269Kb / 5P
   Low Quiescent Current LDO Voltage Regulator
TS3480CX50 TSC-TS3480CX50 Datasheet
91Kb / 5P
   Low Quiescent Current LDO Voltage Regulator
logo
National Semiconductor ...
LM2936 NSC-LM2936 Datasheet
853Kb / 15P
   Ultra-Low Quiescent Current LDO Voltage Regulator
logo
Texas Instruments
LM2936 TI-LM2936_15 Datasheet
1Mb / 34P
[Old version datasheet]   Ultra-Low Quiescent Current LDO Voltage Regulator
SM74501 TI1-SM74501 Datasheet
428Kb / 14P
[Old version datasheet]   Ultra-Low Quiescent Current LDO Voltage Regulator
LM2936Q TI1-LM2936Q Datasheet
420Kb / 17P
[Old version datasheet]   Ultra-Low Quiescent Current LDO Voltage Regulator
logo
Microchip Technology
MCP1726 MICROCHIP-MCP1726_14 Datasheet
682Kb / 32P
   1A, Low-Voltage, Low Quiescent Current LDO Regulator
03/25/14
MCP1727 MICROCHIP-MCP1727 Datasheet
806Kb / 32P
   1.5A, Low Voltage, Low Quiescent Current LDO Regulator
2007
MCP1727-ADJE MICROCHIP-MCP1727-ADJE Datasheet
705Kb / 32P
   1.5A, Low Voltage, Low Quiescent Current LDO Regulator
12/08/06
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com