Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

RT9013-15PB Datasheet(PDF) 10 Page - Richtek Technology Corporation

Part # RT9013-15PB
Description  500mA, Low Dropout, Low Noise Ultra-Fast Without Bypass Capacitor CMOS LDO Regulator
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICHTEK [Richtek Technology Corporation]
Direct Link  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation

RT9013-15PB Datasheet(HTML) 10 Page - Richtek Technology Corporation

Back Button RT9013-15PB Datasheet HTML 4Page - Richtek Technology Corporation RT9013-15PB Datasheet HTML 5Page - Richtek Technology Corporation RT9013-15PB Datasheet HTML 6Page - Richtek Technology Corporation RT9013-15PB Datasheet HTML 7Page - Richtek Technology Corporation RT9013-15PB Datasheet HTML 8Page - Richtek Technology Corporation RT9013-15PB Datasheet HTML 9Page - Richtek Technology Corporation RT9013-15PB Datasheet HTML 10Page - Richtek Technology Corporation RT9013-15PB Datasheet HTML 11Page - Richtek Technology Corporation RT9013-15PB Datasheet HTML 12Page - Richtek Technology Corporation  
Zoom Inzoom in Zoom Outzoom out
 10 / 12 page
background image
RT9013
Preliminary
10
DS9013-05 August 2007
www.richtek.com
Outline Dimension
A
A1
e
b
B
D
C
H
L
SOT-23-5 Surface Mount Package
Dimensions In Millimeters
Dimensions In Inches
Symbol
Min
Max
Min
Max
A
0.889
1.295
0.035
0.051
A1
0.000
0.152
0.000
0.006
B
1.397
1.803
0.055
0.071
b
0.356
0.559
0.014
0.022
C
2.591
2.997
0.102
0.118
D
2.692
3.099
0.106
0.122
e
0.838
1.041
0.033
0.041
H
0.080
0.254
0.003
0.010
L
0.300
0.610
0.012
0.024


Similar Part No. - RT9013-15PB

ManufacturerPart #DatasheetDescription
logo
Richtek Technology Corp...
RT9013-18GB RICHTEK-RT9013-18GB Datasheet
193Kb / 10P
   300mA, Low Dropout, Low Noise Ultra-Fast Without Bypass Capacitor CMOS LDO Regulator
RT9013-18GB RICHTEK-RT9013-18GB Datasheet
189Kb / 10P
   120mA, Low Dropout, Low Noise Ultra-Fast Without Bypass Capacitor CMOS LDO Regulator
RT9013-18PB RICHTEK-RT9013-18PB Datasheet
193Kb / 10P
   300mA, Low Dropout, Low Noise Ultra-Fast Without Bypass Capacitor CMOS LDO Regulator
RT9013-18PB RICHTEK-RT9013-18PB Datasheet
189Kb / 10P
   120mA, Low Dropout, Low Noise Ultra-Fast Without Bypass Capacitor CMOS LDO Regulator
More results

Similar Description - RT9013-15PB

ManufacturerPart #DatasheetDescription
logo
Richtek Technology Corp...
RT9013B RICHTEK-RT9013B Datasheet
193Kb / 10P
   300mA, Low Dropout, Low Noise Ultra-Fast Without Bypass Capacitor CMOS LDO Regulator
RT9013A RICHTEK-RT9013A Datasheet
189Kb / 10P
   120mA, Low Dropout, Low Noise Ultra-Fast Without Bypass Capacitor CMOS LDO Regulator
logo
AiT Semiconductor Inc.
A6500B AITSEMI-A6500B Datasheet
1Mb / 12P
   LOW DROPOUT VOLTAGE REGULATOR 500mA ULTRA-LOW NOISE, ULTRA-FAST CMOS LDO REGULATOR
REV1.0
A6518 AITSEMI-A6518 Datasheet
826Kb / 9P
   CMOS LOW DROPOUT REGULATOR (LDO) 500mA ADJUSTABLE, ULTRA-LOW NOISE, ULTRA-FAST
REV1.3
A6518A AITSEMI-A6518A Datasheet
824Kb / 9P
   CMOS LOW DROPOUT REGULATOR (LDO) 500mA ADJUSTABLE, 1.2VFB,ULTRA-LOW NOISE, ULTRA-FAST
REV1.2
logo
Unisonic Technologies
LR1120 UTC-LR1120_12 Datasheet
173Kb / 4P
   500mA, LOW DROPOUT, LOW NOISE ULTRA-FAST WITH SOFT START CMOS LDO REGULATOR
L1152 UTC-L1152 Datasheet
148Kb / 5P
   500mA, LOW DROPOUT, LOW NOISE ULTRA-FAST WITH SOFT START CMOS LDO REGULATOR
L1152 UTC-L1152_11 Datasheet
166Kb / 5P
   500mA, LOW DROPOUT, LOW NOISE ULTRA-FAST WITH SOFT START CMOS LDO REGULATOR
logo
AiT Semiconductor Inc.
A6318 AITSEMI-A6318 Datasheet
974Kb / 13P
   REGULATOR CMOS LOW DROPOUT REGULATOR (LDO) 300mA ULTRA-LOW NOISE, ULTRA-FAST
REV2.2
logo
ACE Technology Co., LTD...
ACE5050LA ACE-ACE5050LA Datasheet
343Kb / 4P
   500mA High PSRR, Ultra-low Noise, Ultra-Fast CMOS LDO Regulator
VER 1.1
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com