Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

RT9012-FSPQW Datasheet(PDF) 11 Page - Richtek Technology Corporation

Part # RT9012-FSPQW
Description  300mA Dual LDO Regulator with POR
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICHTEK [Richtek Technology Corporation]
Direct Link  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation

RT9012-FSPQW Datasheet(HTML) 11 Page - Richtek Technology Corporation

Back Button RT9012-FSPQW Datasheet HTML 3Page - Richtek Technology Corporation RT9012-FSPQW Datasheet HTML 4Page - Richtek Technology Corporation RT9012-FSPQW Datasheet HTML 5Page - Richtek Technology Corporation RT9012-FSPQW Datasheet HTML 6Page - Richtek Technology Corporation RT9012-FSPQW Datasheet HTML 7Page - Richtek Technology Corporation RT9012-FSPQW Datasheet HTML 8Page - Richtek Technology Corporation RT9012-FSPQW Datasheet HTML 9Page - Richtek Technology Corporation RT9012-FSPQW Datasheet HTML 10Page - Richtek Technology Corporation RT9012-FSPQW Datasheet HTML 11Page - Richtek Technology Corporation  
Zoom Inzoom in Zoom Outzoom out
 11 / 11 page
background image
RT9012
Preliminary
11
DS9012-06 August 2007
www.richtek.com
Richtek Technology Corporation
Headquarter
5F, No. 20, Taiyuen Street, Chupei City
Hsinchu, Taiwan, R.O.C.
Tel: (8863)5526789 Fax: (8863)5526611
Richtek Technology Corporation
Taipei Office (Marketing)
8F, No. 137, Lane 235, Paochiao Road, Hsintien City
Taipei County, Taiwan, R.O.C.
Tel: (8862)89191466 Fax: (8862)89191465
Email: marketing@richtek.com
Outline Dimension
W-Type 8L DFN 2x2 Package
Dimensions In Millimeters
Dimensions In Inches
Symbol
Min
Max
Min
Max
A
0.700
0.800
0.028
0.031
A1
0.000
0.050
0.000
0.002
A3
0.175
0.250
0.007
0.010
b
0.200
0.300
0.008
0.012
D
1.950
2.050
0.077
0.081
D2
1.000
1.250
0.039
0.049
E
1.950
2.050
0.077
0.081
E2
0.400
0.650
0.016
0.026
e
0.500
0.020
L
0.300
0.400
0.012
0.016
1
1
2
2
Note : The configuration of the Pin #1 identifier is optional,
but must be located within the zone indicated.
DETAIL A
Pin #1 ID and Tie Bar Mark Options
D
1
E
A3
A
A1
D2
E2
L
b
e
SEE DETAIL A


Similar Part No. - RT9012-FSPQW

ManufacturerPart #DatasheetDescription
logo
Richtek Technology Corp...
RT9012-FMPQV RICHTEK-RT9012-FMPQV Datasheet
316Kb / 11P
   300mA Dual LDO Regulator with POR
RT9012-FMPQW RICHTEK-RT9012-FMPQW Datasheet
316Kb / 11P
   300mA Dual LDO Regulator with POR
More results

Similar Description - RT9012-FSPQW

ManufacturerPart #DatasheetDescription
logo
Richtek Technology Corp...
RT9012 RICHTEK-RT9012_11 Datasheet
316Kb / 11P
   300mA Dual LDO Regulator with POR
RT9010 RICHTEK-RT9010 Datasheet
245Kb / 10P
   300mA LDO Regulator with POR
logo
List of Unclassifed Man...
EUP7212 ETC1-EUP7212 Datasheet
262Kb / 10P
   Dual 150/300mA LDO with POR
logo
Micrel Semiconductor
MIC5312 MICREL-MIC5312 Datasheet
400Kb / 11P
   LowQ Mode Dual 300mA LDO with Integrated POR
logo
Richtek Technology Corp...
RT9055 RICHTEK-RT9055 Datasheet
208Kb / 9P
   300mA Dual LDO Regulator
logo
Catalyst Semiconductor
CAT6221 CATALYST-CAT6221 Datasheet
761Kb / 11P
   300mA CMOS Dual LDO Regulator
logo
Unisonic Technologies
LR9XXYY UTC-LR9XXYY Datasheet
166Kb / 5P
   300mA SMALL DUAL LDO REGULATOR
logo
Richtek Technology Corp...
RT9014 RICHTEK-RT9014_11 Datasheet
379Kb / 12P
   Ultra Low Noise 300mA Dual LDO Regulator with POR, NMOS Driver and Requiring No Bypass Capacitor
RT9014 RICHTEK-RT9014 Datasheet
391Kb / 12P
   Ultra Low Noise 300mA Dual LDO Regulator with POR, NMOS Driver and Requiring No Bypass Capacitor
logo
Nisshinbo Micro Devices...
R1130X NISSHINBO-R1130X Datasheet
1Mb / 22P
   300mA LDO REGULATOR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com