Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

RT9010-1HPJ6 Datasheet(PDF) 5 Page - Richtek Technology Corporation

Part # RT9010-1HPJ6
Description  300mA LDO Regulator with POR
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICHTEK [Richtek Technology Corporation]
Direct Link  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation

RT9010-1HPJ6 Datasheet(HTML) 5 Page - Richtek Technology Corporation

  RT9010-1HPJ6 Datasheet HTML 1Page - Richtek Technology Corporation RT9010-1HPJ6 Datasheet HTML 2Page - Richtek Technology Corporation RT9010-1HPJ6 Datasheet HTML 3Page - Richtek Technology Corporation RT9010-1HPJ6 Datasheet HTML 4Page - Richtek Technology Corporation RT9010-1HPJ6 Datasheet HTML 5Page - Richtek Technology Corporation RT9010-1HPJ6 Datasheet HTML 6Page - Richtek Technology Corporation RT9010-1HPJ6 Datasheet HTML 7Page - Richtek Technology Corporation RT9010-1HPJ6 Datasheet HTML 8Page - Richtek Technology Corporation RT9010-1HPJ6 Datasheet HTML 9Page - Richtek Technology Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 10 page
background image
RT9010
5
DS9010-03 August 2007
www.richtek.com
Typical Operating Characteristics
Output Voltage vs. Temperature
1.7
1.75
1.8
1.85
1.9
-50
-25
0
25
50
75
100
125
Temperature
RT9010-18
(
°C)
Output Voltage vs. Temperature
3.2
3.25
3.3
3.35
3.4
-50
-25
0
25
50
75
100
125
Temperature
RT9010-33
(
°C)
Dropout Voltage vs. Load Current
0
50
100
150
200
250
300
350
0
50
100
150
200
250
300
Load Current (mA)
RT9010-33
TJ = 25
°C
TJ = -40
°C
TJ = 125
°C
Quiescent Current vs. Temperature
50
55
60
65
70
-50
-25
0
25
50
75
100
125
Temperature
RT9010-33
VIN = VEN = 4.3V
CIN = COUT 1uF/X7R
(
°C)
POR Delay
0.01
0.1
1
10
100
1000
10000
0.0001
0.0010
0.0100
0.1000
1.0000
POR Setting Capacitance (uF)
RT9010-28
0.0001
0.001
0.01
0.1
1
PSRR
-80
-60
-40
-20
0
20
10
100
1000
10000
100000
1000000
Frequency (Hz)
ILOAD = 100mA
ILOAD = 10mA
ILOAD = 50mA
RT9010-15
VIN = 4.3V
± 0.1V
CIN = COUT 1uF/X7R
0.01
0.1
1
10k
100k
1000k
(Hz)


Similar Part No. - RT9010-1HPJ6

ManufacturerPart #DatasheetDescription
logo
Richtek Technology Corp...
RT9011 RICHTEK-RT9011 Datasheet
336Kb / 12P
   Portable Power Management 300mA Dual LDO Regulator
RT9011-BJGJ6 RICHTEK-RT9011-BJGJ6 Datasheet
336Kb / 12P
   Portable Power Management 300mA Dual LDO Regulator
RT9011-BJGJ6 RICHTEK-RT9011-BJGJ6 Datasheet
389Kb / 15P
   Portable Power Management 300mA Dual LDO Regulator
RT9011-BMGJ6 RICHTEK-RT9011-BMGJ6 Datasheet
336Kb / 12P
   Portable Power Management 300mA Dual LDO Regulator
RT9011-BMGQW RICHTEK-RT9011-BMGQW Datasheet
336Kb / 12P
   Portable Power Management 300mA Dual LDO Regulator
More results

Similar Description - RT9010-1HPJ6

ManufacturerPart #DatasheetDescription
logo
Richtek Technology Corp...
RT9012 RICHTEK-RT9012_11 Datasheet
316Kb / 11P
   300mA Dual LDO Regulator with POR
RT9012 RICHTEK-RT9012 Datasheet
314Kb / 11P
   300mA Dual LDO Regulator with POR
logo
List of Unclassifed Man...
EUP7212 ETC1-EUP7212 Datasheet
262Kb / 10P
   Dual 150/300mA LDO with POR
logo
Micrel Semiconductor
MIC5312 MICREL-MIC5312 Datasheet
400Kb / 11P
   LowQ Mode Dual 300mA LDO with Integrated POR
logo
Nisshinbo Micro Devices...
R1130X NISSHINBO-R1130X Datasheet
1Mb / 22P
   300mA LDO REGULATOR
logo
RICOH electronics devic...
R1130 RICOH-R1130 Datasheet
1Mb / 22P
   300mA LDO REGULATOR
logo
Unisonic Technologies
LR9282 UTC-LR9282 Datasheet
175Kb / 4P
   300mA LDO REGULATOR
logo
Richtek Technology Corp...
RT9179 RICHTEK-RT9179 Datasheet
163Kb / 10P
   Adjustable, 300mA LDO Regulator with Enable
RT9179 RICHTEK-RT9179_08 Datasheet
138Kb / 10P
   Adjustable, 300mA LDO Regulator with Enable
RT9055 RICHTEK-RT9055 Datasheet
208Kb / 9P
   300mA Dual LDO Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com