Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

RT9012 Datasheet(PDF) 8 Page - Richtek Technology Corporation

Part # RT9012
Description  300mA Dual LDO Regulator with POR
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICHTEK [Richtek Technology Corporation]
Direct Link  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation

RT9012 Datasheet(HTML) 8 Page - Richtek Technology Corporation

Back Button RT9012 Datasheet HTML 3Page - Richtek Technology Corporation RT9012 Datasheet HTML 4Page - Richtek Technology Corporation RT9012 Datasheet HTML 5Page - Richtek Technology Corporation RT9012 Datasheet HTML 6Page - Richtek Technology Corporation RT9012 Datasheet HTML 7Page - Richtek Technology Corporation RT9012 Datasheet HTML 8Page - Richtek Technology Corporation RT9012 Datasheet HTML 9Page - Richtek Technology Corporation RT9012 Datasheet HTML 10Page - Richtek Technology Corporation RT9012 Datasheet HTML 11Page - Richtek Technology Corporation  
Zoom Inzoom in Zoom Outzoom out
 8 / 11 page
background image
RT9012
Preliminary
8
DS9012-06 August 2007
www.richtek.com
Power-On
Time (10
μs/Div)
RT9012-FM
Both ILOAD = 10mA
VEN
(5V/Div)
VOUT2
(2V/Div)
VOUT1
(1V/Div)
POR
(5V/Div)
Start Up
Time (5
μs/Div)
RT9012-FM, VIN = 5V
IOUT1 = IOUT2 = 50mA
(5V/Div)
(1V/Div)
VEN
VOUT1
VOUT2
EN Pin Shutdown Response
Time (50
μs/Div)
RT9012-FM, VIN = 5V
IOUT1 = IOUT2 = 50mA
(5V/Div)
(1V/Div)
VEN
VOUT1
VOUT2
Noise
Time (10ms/Div)
RT9012-GS, ILOAD = 50mA
VIN = VEN = 4.5V(By battery)
CIN = COUT1 = COUT2 = 1uF/X7R
300
200
100
0
-100
-200
-300
Noise
Time (10ms/Div)
RT9012-GS, No LOAD
VIN = VEN = 4.5V(By battery)
CIN = COUT1 = COUT2 = 1uF/X7R
150
100
50
0
-50
-100
-150


Similar Part No. - RT9012

ManufacturerPart #DatasheetDescription
logo
Richtek Technology Corp...
RT9012-FMPQV RICHTEK-RT9012-FMPQV Datasheet
316Kb / 11P
   300mA Dual LDO Regulator with POR
RT9012-FMPQW RICHTEK-RT9012-FMPQW Datasheet
316Kb / 11P
   300mA Dual LDO Regulator with POR
RT9012-GMPQV RICHTEK-RT9012-GMPQV Datasheet
316Kb / 11P
   300mA Dual LDO Regulator with POR
RT9012-GPPQW RICHTEK-RT9012-GPPQW Datasheet
316Kb / 11P
   300mA Dual LDO Regulator with POR
RT9012-GSPQV RICHTEK-RT9012-GSPQV Datasheet
316Kb / 11P
   300mA Dual LDO Regulator with POR
More results

Similar Description - RT9012

ManufacturerPart #DatasheetDescription
logo
Richtek Technology Corp...
RT9012 RICHTEK-RT9012_11 Datasheet
316Kb / 11P
   300mA Dual LDO Regulator with POR
RT9010 RICHTEK-RT9010 Datasheet
245Kb / 10P
   300mA LDO Regulator with POR
logo
List of Unclassifed Man...
EUP7212 ETC1-EUP7212 Datasheet
262Kb / 10P
   Dual 150/300mA LDO with POR
logo
Micrel Semiconductor
MIC5312 MICREL-MIC5312 Datasheet
400Kb / 11P
   LowQ Mode Dual 300mA LDO with Integrated POR
logo
Richtek Technology Corp...
RT9055 RICHTEK-RT9055 Datasheet
208Kb / 9P
   300mA Dual LDO Regulator
logo
Catalyst Semiconductor
CAT6221 CATALYST-CAT6221 Datasheet
761Kb / 11P
   300mA CMOS Dual LDO Regulator
logo
Unisonic Technologies
LR9XXYY UTC-LR9XXYY Datasheet
166Kb / 5P
   300mA SMALL DUAL LDO REGULATOR
logo
Richtek Technology Corp...
RT9014 RICHTEK-RT9014_11 Datasheet
379Kb / 12P
   Ultra Low Noise 300mA Dual LDO Regulator with POR, NMOS Driver and Requiring No Bypass Capacitor
RT9014 RICHTEK-RT9014 Datasheet
391Kb / 12P
   Ultra Low Noise 300mA Dual LDO Regulator with POR, NMOS Driver and Requiring No Bypass Capacitor
logo
Nisshinbo Micro Devices...
R1130X NISSHINBO-R1130X Datasheet
1Mb / 22P
   300mA LDO REGULATOR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com