Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

RT9005BPSP Datasheet(PDF) 2 Page - Richtek Technology Corporation

Part # RT9005BPSP
Description  DDR VDDQ and Termination Voltage Regulator
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICHTEK [Richtek Technology Corporation]
Direct Link  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation

RT9005BPSP Datasheet(HTML) 2 Page - Richtek Technology Corporation

  RT9005BPSP Datasheet HTML 1Page - Richtek Technology Corporation RT9005BPSP Datasheet HTML 2Page - Richtek Technology Corporation RT9005BPSP Datasheet HTML 3Page - Richtek Technology Corporation RT9005BPSP Datasheet HTML 4Page - Richtek Technology Corporation RT9005BPSP Datasheet HTML 5Page - Richtek Technology Corporation RT9005BPSP Datasheet HTML 6Page - Richtek Technology Corporation RT9005BPSP Datasheet HTML 7Page - Richtek Technology Corporation RT9005BPSP Datasheet HTML 8Page - Richtek Technology Corporation RT9005BPSP Datasheet HTML 9Page - Richtek Technology Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
RT9005A/B
Preliminary
2
DS9005A/B-01 September 2007
www.richtek.com
Typical Application Circuit
Functional Pin Description
Pin No.
Pin Name
Pin Function
1
BP
Noise Reduction. Connecting a 10nF capacitor to GND to reduce output noise.
7,
Exposed Pad (9)
GND
Common Ground (T he exposed pad must be soldered to a large PCB and
connected to GND for maximum power dissipation). The GND pad are a should be
as large as possible and using many vias to conduct the heat into the buried GND
plate of PCB layer.
2
VIN1
Linear Regulator Power Input Voltage.
3
VIN2
Input voltage which supplies current to the output pin. Connect this pin to a
well-decoupled supply voltage. To prevent the input rail from dropping during large
load transient, a large, low ESR capacitor is recommended to use. The capacitor
should be placed as close as possible to the VIN2 pin.
4
VCNTL
VCNTL supplies the internal control circuitr y and provides the drive voltage. The
driving capability of output current is proportioned to the VCNTL. Connect this pin
to 3.3V bias supply to handle large output current with at least 10uF capacitor from
this pin to GND.
5
VREFEN
Reference voltage input and active low VOUT2 shutdown control pin. Two resistors
dividing down the VIN voltage on the pin to create the regulated output voltage.
Pulling the pin to ground turns off the device by an open-drain, such as 2N7002,
signal N-MOSFET.
6
VOUT2
Regulator Output. VOUT2 is regulated to REFEN voltage that is used to terminate
the bus resistors. It is capable of sinking and sourcing current while regulating the
output rail. To maintain adequate large signal transient response, typical value of
1000
μF AL electrolytic capacitor with 10μF ceramic capacitors are recommended to
reduce the effects of current transients on VOUT.
8
VOUT1
Regulator 2.5V/1.8/1.5V Output.
Note : If there is any application need to use 10
μF ceramic capacitor in front of RTT, please shut one 1000μF (Aluminum
eletrolytic capacitor).
VIN1
VREFEN
GND
VOUT2
RT9005A/B
EN
2N7002
R1
R2
CSS
VIN1
CVCNTL
CIN2
RTT
COUT2
GND
VOUT1
COUT1
VOUT1
7,
Exposed Pad(9)
3
5
8
6
BP
1
VIN2
VCNTL
CIN1
CBP
VIN2
VCTNL = 3.3V
2
4
2.2uF
10nF
2.2uF
1uF
470uF
47uF
470uF


Similar Part No. - RT9005BPSP

ManufacturerPart #DatasheetDescription
logo
Richtek Technology Corp...
RT9001 RICHTEK-RT9001 Datasheet
158Kb / 9P
   600mA, Ultra-Fast Transient Response LDO Regulator
RT9001-12GG RICHTEK-RT9001-12GG Datasheet
158Kb / 9P
   600mA, Ultra-Fast Transient Response LDO Regulator
RT9001-12PG RICHTEK-RT9001-12PG Datasheet
158Kb / 9P
   600mA, Ultra-Fast Transient Response LDO Regulator
RT9001-13GG RICHTEK-RT9001-13GG Datasheet
158Kb / 9P
   600mA, Ultra-Fast Transient Response LDO Regulator
RT9001-13PG RICHTEK-RT9001-13PG Datasheet
158Kb / 9P
   600mA, Ultra-Fast Transient Response LDO Regulator
More results

Similar Description - RT9005BPSP

ManufacturerPart #DatasheetDescription
logo
California Micro Device...
CM3202 CALMIRCO-CM3202 Datasheet
358Kb / 12P
   DDR VDDQ and Termination Voltage Regulator
CM3205 CALMIRCO-CM3205 Datasheet
235Kb / 10P
   DDR VDDQ and Termination Voltage Regulator
logo
ON Semiconductor
CM3202-02DE ONSEMI-CM3202-02DE Datasheet
199Kb / 11P
   DDR VDDQ and VTT Termination Voltage Regulator
March, 2011 ??Rev. 3
logo
HTC Korea TAEJIN Techno...
TJ3212 HTC-TJ3212 Datasheet
564Kb / 11P
   DDR VDDQ and VTT Termination Voltage Regulator
logo
Semtech Corporation
SC2597 SEMTECH-SC2597 Datasheet
1,011Kb / 13P
   Low Voltage DDR Termination Regulator
SC2599 SEMTECH-SC2599 Datasheet
1Mb / 13P
   Low Voltage DDR Termination Regulator
logo
Intersil Corporation
LP2998 INTERSIL-LP2998 Datasheet
338Kb / 18P
   DDR-II and DDR-I Termination Regulator
logo
Semtech Corporation
SC2598 SEMTECH-SC2598 Datasheet
994Kb / 13P
   Low Voltage DDR Termination Regulator
logo
Unisonic Technologies
UR5595 UTC-UR5595_09 Datasheet
295Kb / 12P
   DDR TERMINATION REGULATOR
logo
HTC Korea TAEJIN Techno...
TJ2995 HTC-TJ2995 Datasheet
632Kb / 9P
   DDR Termination Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com