Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

RT9002B-PS Datasheet(PDF) 10 Page - Richtek Technology Corporation

Part # RT9002B-PS
Description  Dual Low-Dropout Regulator with Detector
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICHTEK [Richtek Technology Corporation]
Direct Link  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation

RT9002B-PS Datasheet(HTML) 10 Page - Richtek Technology Corporation

Back Button RT9002B-PS Datasheet HTML 3Page - Richtek Technology Corporation RT9002B-PS Datasheet HTML 4Page - Richtek Technology Corporation RT9002B-PS Datasheet HTML 5Page - Richtek Technology Corporation RT9002B-PS Datasheet HTML 6Page - Richtek Technology Corporation RT9002B-PS Datasheet HTML 7Page - Richtek Technology Corporation RT9002B-PS Datasheet HTML 8Page - Richtek Technology Corporation RT9002B-PS Datasheet HTML 9Page - Richtek Technology Corporation RT9002B-PS Datasheet HTML 10Page - Richtek Technology Corporation RT9002B-PS Datasheet HTML 11Page - Richtek Technology Corporation  
Zoom Inzoom in Zoom Outzoom out
 10 / 11 page
background image
RT9002A/B/C
10
DS9002ABC-03 March 2007
www.richtek.com
Applications Information
Like any low-dropout regulator, the external capacitors used
with the RT9002A/B/C must be carefully selected for
regulator stability and performance. Using a capacitor
whose value is > 1
μF on the RT9002A/B/C input and the
amount of capacitance can be increased without limit. The
input capacitor must be located a distance of not more
than 0.5 inch from the input pin of the IC and returned to a
clean analog ground. Any good quality ceramic can be
used for this capacitor. The capacitor with larger value and
lower ESR (equivalent series resistance) provides better
PSRR and line-transient response.
The output capacitor must meet both requirements for
minimum amount of capacitance and ESR in all LDOs
application. The RT9002A/B/C is designed specifically to
work with low ESR ceramic output capacitor in space-
saving and performance consideration. Using a ceramic
capacitor whose value is at least 1
μF with ESR is > 20mΩ
on the RT9002A/B/C output ensures stability. The
RT9002A/B/C still works well with output capacitor of other
types due to the wide stable ESR range. Figure 1. shows
the curves of allowable ESR range as a function of load
current for various output capacitor values. Output capacitor
of larger capacitance can reduce noise and improve load
transient response, stability, and PSRR. The output
capacitor should be located not more than 0.5 inch from
the VOUT pin of the RT9002A/B/C and returned to a clean
analog ground.
Figure 1
Enable
The RT9002A/B/C goes into sleep mode when the Enable
pin is in a logic low condition. During this condition, the
pass transistor, error amplifier, and bandgap are turned off,
reducing the supply current to 0.1
μA typical. The Enable
pin may be directly tied to VIN to keep the part on. The
Enable input is CMOS logic and cannot be left floating.
PSRR
The power supply rejection ratio (PSRR) is defined as the
gain from the input to output divided by the gain from the
supply to the output. The PSRR is found to be
Note that when heavy load measuring,
Δsupply will cause
Δtemperature. And Δtemperature will cause Δoutput
voltage. So the heavy load PSRR measuring is include
temperature effect.
Current Limit
The RT9002A/B/C contains an independent current limiter,
which monitors and controls the pass transistor's gate
voltage, limiting the output1/2 current to 0.45/0.8A (typ.).
The output can be shorted to ground indefinitely without
damaging the part.
Thermal-Shutdown Protection
Thermal-shutdown protection limits total power dissipation
in the RT9002A/B/C. When the junction temperature
exceeds TJ = +170
°C, the thermal sensor signals the
shutdown logic, turning off the pass transistor and allowing
the IC to cool. The thermal sensor turns the pass transistor
on again after the IC's junction temperature cools by 40
°C,
resulting in a pulsed output during continuous thermal
overload conditions. Thermal-shutdown protection is
designed to protect the RT9002A/B/C in the event of fault
conditions. For continual operation, do not exceed the
absolute maximum junction temperature rating of TJ =
+125
°C.
Δ
Δ
×
=
Supply
Error
Gain
log
20
PSRR
Region of Stable COUT ESR vs. Load Current
0.001
0.01
0.1
1
10
100
0
50
100
150
200
250
300
Load Current (mA)
RT9002APS
VIN = 4.0V, VOUT2 = 3.3V
CIN = COUT = 1uF/X7R
Unstable Region
Stable Region
Unstable Region (Simulation Verify)


Similar Part No. - RT9002B-PS

ManufacturerPart #DatasheetDescription
logo
Richtek Technology Corp...
RT9002B RICHTEK-RT9002B Datasheet
207Kb / 11P
   Dual Low Dropout Regulator with Detector
More results

Similar Description - RT9002B-PS

ManufacturerPart #DatasheetDescription
logo
Richtek Technology Corp...
RT9002A RICHTEK-RT9002A_11 Datasheet
207Kb / 11P
   Dual Low Dropout Regulator with Detector
logo
List of Unclassifed Man...
AIC1729 ETC1-AIC1729 Datasheet
482Kb / 8P
   400mA Low Dropout Linear Regulator with Voltage Detector Function
logo
Microsemi Corporation
SG29125 MICROSEMI-SG29125 Datasheet
41Kb / 4P
   LOW DROPOUT DUAL REGULATOR
logo
Toshiba Semiconductor
TAR8H05K TOSHIBA-TAR8H05K Datasheet
170Kb / 8P
   Dual Low-Dropout Regulator
TAR8D03K TOSHIBA-TAR8D03K Datasheet
169Kb / 8P
   Dual Low-Dropout Regulator
TAR8D06K TOSHIBA-TAR8D06K Datasheet
162Kb / 7P
   Dual Low-Dropout Regulator
TAR8D01K TOSHIBA-TAR8D01K Datasheet
170Kb / 8P
   Dual Low-Dropout Regulator
TAR8D08K TOSHIBA-TAR8D08K Datasheet
170Kb / 8P
   Dual Low-Dropout Regulator
TAR8H03K TOSHIBA-TAR8H03K Datasheet
170Kb / 8P
   Dual Low-Dropout Regulator
logo
ON Semiconductor
CS8135 ONSEMI-CS8135 Datasheet
88Kb / 8P
   Low Dropout Dual Regulator
December, 2001 - Rev. 3
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com