Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

RT8010-15PQV Datasheet(PDF) 4 Page - Richtek Technology Corporation

Part # RT8010-15PQV
Description  1.5MHz, 1A, High Efficiency PWM Step-Down DC/DC Converter
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICHTEK [Richtek Technology Corporation]
Direct Link  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation

RT8010-15PQV Datasheet(HTML) 4 Page - Richtek Technology Corporation

  RT8010-15PQV Datasheet HTML 1Page - Richtek Technology Corporation RT8010-15PQV Datasheet HTML 2Page - Richtek Technology Corporation RT8010-15PQV Datasheet HTML 3Page - Richtek Technology Corporation RT8010-15PQV Datasheet HTML 4Page - Richtek Technology Corporation RT8010-15PQV Datasheet HTML 5Page - Richtek Technology Corporation RT8010-15PQV Datasheet HTML 6Page - Richtek Technology Corporation RT8010-15PQV Datasheet HTML 7Page - Richtek Technology Corporation RT8010-15PQV Datasheet HTML 8Page - Richtek Technology Corporation RT8010-15PQV Datasheet HTML 9Page - Richtek Technology Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 15 page
background image
RT8010/A
4
DS8010/A-02 March 2007
www.richtek.com
Absolute Maximum Ratings (Note 1)
Supply Input Voltage ------------------------------------------------------------------------------------------------------ 6.5V
EN, FB Pin Voltage -------------------------------------------------------------------------------------------------------
−0.3V to VIN
Power Dissipation, PD @ TA = 25
°C
WDFN-6L 2x2 -------------------------------------------------------------------------------------------------------------- 0.606W
WQFN-16L 3x3 ------------------------------------------------------------------------------------------------------------ 1.47W
Package Thermal Resistance (Note 4)
WDFN-6L 2x2,
θJA --------------------------------------------------------------------------------------------------------- 165°C/W
WDFN-6L 2x2,
θJC -------------------------------------------------------------------------------------------------------- 20°C/W
WQFN-16L 3x3,
θJA ------------------------------------------------------------------------------------------------------- 68°C/W
WQFN-16L 3x3,
θJC ------------------------------------------------------------------------------------------------------ 7.5°C/W
Lead Temperature (Soldering, 10 sec.) ------------------------------------------------------------------------------- 260
°C
Storage Temperature Range --------------------------------------------------------------------------------------------
65°C to 150°C
Junction Temperature ----------------------------------------------------------------------------------------------------- 150
°C
ESD Susceptibility (Note 2)
HBM (Human Body Mode) ---------------------------------------------------------------------------------------------- 2kV
MM (Machine Mode) ------------------------------------------------------------------------------------------------------ 200V
Electrical Characteristics
(VIN = 3.6V, VOUT = 2.5V, VREF = 0.6V, L = 2.2
μH, CIN = 4.7μF, COUT = 10μF, TA = 25°C, IMAX = 1A unless otherwise specified)
Parameter
Symbol
Test Conditions
Min
Typ
Max
Units
Input Voltage Range
VIN
2.5
--
5.5
V
Quiescent Current
IQ
IOUT = 0mA, VFB = VREF + 5%
--
50
70
μA
Shutdown Current
ISHDN
EN = GND
--
0.1
1
μA
Reference Voltage
VREF
For Adjustable Output Voltage
0.588
0.6
0.612
V
Adjustable Output Range
VOUT
(Note 6)
VREF
--
VIN − 0.2V
V
ΔVOUT
VIN = 2.5V to 5.5V, VOUT = 1.0V
0A < IOUT < 1A
−3
--
+3
%
ΔVOUT
VIN = 2.5V to 5.5V, VOUT = 1.2V
0A < IOUT < 1A
−3
--
+3
%
ΔVOUT
VIN = 2.5V to 5.5V, VOUT = 1.5V
0A < IOUT < 1A
−3
--
+3
%
ΔVOUT
VIN = 2.5V to 5.5V, VOUT = 1.6V
0A < IOUT < 1A
−3
--
+3
%
Output Voltage
Accuracy
Fix
ΔVOUT
VIN = 2.5V to 5.5V, VOUT = 1.8V
0A < IOUT < 1A
−3
--
+3
%
To be continued
Recommended Operating Conditions
(Note 3)
Supply Input Voltage ------------------------------------------------------------------------------------------------------ 2.5V to 5.5V
Junction Temperature Range --------------------------------------------------------------------------------------------
−40°C to 125°C
Ambient Temperature Range --------------------------------------------------------------------------------------------
−40°C to 85°C


Similar Part No. - RT8010-15PQV

ManufacturerPart #DatasheetDescription
logo
Richtek Technology Corp...
RT8010B RICHTEK-RT8010B Datasheet
255Kb / 12P
   1.5MHz, 800mA, High Efficiency PWM Step-Down DC/DC Converter
RT8010BGQW RICHTEK-RT8010BGQW Datasheet
255Kb / 12P
   1.5MHz, 800mA, High Efficiency PWM Step-Down DC/DC Converter
RT8010GQW RICHTEK-RT8010GQW Datasheet
332Kb / 15P
   1.5MHz, 1A, High Efficiency PWM Step-Down DC/DC Converter
More results

Similar Description - RT8010-15PQV

ManufacturerPart #DatasheetDescription
logo
Richtek Technology Corp...
RT8016 RICHTEK-RT8016 Datasheet
254Kb / 14P
   1.5MHz, 1A, High Efficiency PWM Step-Down DC/DC Converter
RT8059 RICHTEK-RT8059 Datasheet
265Kb / 10P
   1.5MHz, 1A, High Efficiency PWM Step-Down DC/DC Converter
RT8010GQW RICHTEK-RT8010GQW Datasheet
332Kb / 15P
   1.5MHz, 1A, High Efficiency PWM Step-Down DC/DC Converter
RT8026 RICHTEK-RT8026 Datasheet
274Kb / 12P
   1.5MHz, 1A, High Efficiency PWM Step-Down DC/DC Converter
logo
Eutech Microelectronics...
EUP3020 EUTECH-EUP3020 Datasheet
768Kb / 10P
   Dual High-Efficiency 1.5MHz 1A PWM Step-Down DC-DC Converter
logo
Richtek Technology Corp...
RT8024 RICHTEK-RT8024 Datasheet
369Kb / 13P
   1.5MHz, 400mA, High Efficiency PWM Step-Down DC/DC Converter
RT8016L RICHTEK-RT8016L Datasheet
246Kb / 13P
   1.5MHz, 600mA, High Efficiency PWM Step-Down DC/DC Converter
logo
ELM Electronics
ELM603 ELM-ELM603 Datasheet
1Mb / 7P
   1.5A 1.5MHz high efficiency PWM step down DC/DC converter
logo
Richtek Technology Corp...
RT8008 RICHTEK-RT8008 Datasheet
211Kb / 14P
   1.5MHz, 600mA, High Efficiency PWM Step-Down DC/DC Converter
RT8010B RICHTEK-RT8010B Datasheet
255Kb / 12P
   1.5MHz, 800mA, High Efficiency PWM Step-Down DC/DC Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com