Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

RT8805C Datasheet(PDF) 8 Page - Richtek Technology Corporation

Part # RT8805C
Description  Two Phase General Purpose PWM Controller
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICHTEK [Richtek Technology Corporation]
Direct Link  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation

RT8805C Datasheet(HTML) 8 Page - Richtek Technology Corporation

Back Button RT8805C Datasheet HTML 4Page - Richtek Technology Corporation RT8805C Datasheet HTML 5Page - Richtek Technology Corporation RT8805C Datasheet HTML 6Page - Richtek Technology Corporation RT8805C Datasheet HTML 7Page - Richtek Technology Corporation RT8805C Datasheet HTML 8Page - Richtek Technology Corporation RT8805C Datasheet HTML 9Page - Richtek Technology Corporation RT8805C Datasheet HTML 10Page - Richtek Technology Corporation RT8805C Datasheet HTML 11Page - Richtek Technology Corporation RT8805C Datasheet HTML 12Page - Richtek Technology Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 18 page
background image
RT8805C
Preliminary
8
DS8805C-03 August 2007
www.richtek.com
Typical Operating Characteristics
Phase Loading vs. Output Loading
0
5
10
15
20
25
30
5
10152025
3035404550
Output Loading (A)
PHASE1
PHASE2
Low-Side : IPD06N03
High-Side : IPD09N03
VREF vs. Temperature
0.7895
0.79
0.7905
0.791
0.7915
0.792
0.7925
0.793
0.7935
0.794
0.7945
-40 -25 -10
5
20
35
50
65
80
95 110 125
Temperature (
°C)
OCP
Time (25ms/Div)
VOUT
(100mV/Div)
SS
(2V/Div)
IL
(10A/Div)
Short then Start up, CSS = 0.1
μF
OCP
Time (25ms/Div)
VOUT
(1V/Div)
SS
(5V/Div)
IL
(20A/Div)
UGATE
(20V/Div)
Start up then Short, CSS = 0.1
μF
No Load
Dead Time
Time (100ns/Div)
PHASE
LGATE
UGATE
(5V/Div)
UGATE-PHASE
Low-Side : IPD06N03
High-Side : IPD09N03
FOSC vs. Temperature
294
296
298
300
302
304
306
-40 -25 -10
5
20
35
50
65
80
95 110 125
Temperature
RRT = 33k
(
°C)


Similar Part No. - RT8805C

ManufacturerPart #DatasheetDescription
logo
Richtek Technology Corp...
RT8805 RICHTEK-RT8805 Datasheet
377Kb / 15P
   Two Phase General Purpose PWM Controller
RT8805GQV RICHTEK-RT8805GQV Datasheet
377Kb / 15P
   Two Phase General Purpose PWM Controller
RT8805GQVA RICHTEK-RT8805GQVA Datasheet
377Kb / 15P
   Two Phase General Purpose PWM Controller
RT8805PQV RICHTEK-RT8805PQV Datasheet
377Kb / 15P
   Two Phase General Purpose PWM Controller
RT8805PQVA RICHTEK-RT8805PQVA Datasheet
377Kb / 15P
   Two Phase General Purpose PWM Controller
More results

Similar Description - RT8805C

ManufacturerPart #DatasheetDescription
logo
Richtek Technology Corp...
RT8805 RICHTEK-RT8805 Datasheet
377Kb / 15P
   Two Phase General Purpose PWM Controller
logo
Semtech Corporation
SC2642 SEMTECH-SC2642 Datasheet
110Kb / 10P
   Multi-Platform Two-Phase PWM Controller
logo
ON Semiconductor
NCP5331 ONSEMI-NCP5331_05 Datasheet
431Kb / 36P
   Two-Phase PWM Controller with Integrated Gate Drivers
March, 2005 ??Rev. 12
NCP5331 ONSEMI-NCP5331 Datasheet
424Kb / 38P
   Two-Phase PWM Controller with Integrated Gate Drivers
June, 2003 - Rev. 11
logo
Texas Instruments
TPS92001 TI-TPS92001 Datasheet
722Kb / 14P
[Old version datasheet]   GENERAL PURPOSE LED LIGHTING PWM CONTROLLER
logo
Richtek Technology Corp...
RT8800A RICHTEK-RT8800A_11 Datasheet
473Kb / 20P
   General Purpose 3-Phase PWM Controller for High-Density Power Supply
RT8800A RICHTEK-RT8800A Datasheet
481Kb / 21P
   General Purpose 3-Phase PWM Controller for High-Density Power Supply
logo
Intersil Corporation
ISL6560 INTERSIL-ISL6560 Datasheet
396Kb / 14P
   Microprocessor CORE Voltage Regulator Two-Phase Buck PWM Controller
logo
Anpec Electronics Corop...
APW7088 ANPEC-APW7088 Datasheet
584Kb / 25P
   Two-Phase Buck PWM Controller with Integrated MOSFET Drivers
logo
Intersil Corporation
ISL9502CRZ INTERSIL-ISL9502CRZ Datasheet
535Kb / 24P
   Two-Phase PWM Controller for Graphics Processor Units (GPU)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com