Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SN74LS00DRG4 Datasheet(PDF) 2 Page - Texas Instruments

Part # SN74LS00DRG4
Description  QUADRUPLE 2-INPUT POSITIVE-NAND GATES
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

SN74LS00DRG4 Datasheet(HTML) 2 Page - Texas Instruments

  SN74LS00DRG4 Datasheet HTML 1Page - Texas Instruments SN74LS00DRG4 Datasheet HTML 2Page - Texas Instruments SN74LS00DRG4 Datasheet HTML 3Page - Texas Instruments SN74LS00DRG4 Datasheet HTML 4Page - Texas Instruments SN74LS00DRG4 Datasheet HTML 5Page - Texas Instruments SN74LS00DRG4 Datasheet HTML 6Page - Texas Instruments SN74LS00DRG4 Datasheet HTML 7Page - Texas Instruments SN74LS00DRG4 Datasheet HTML 8Page - Texas Instruments SN74LS00DRG4 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 21 page
background image
SN5400, SN54LS00, SN54S00
SN7400, SN74LS00, SN74S00
QUADRUPLE 2INPUT POSITIVENAND GATES
SDLS025B − DECEMBER 1983 − REVISED OCTOBER 2003
2
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
description/ordering information (continued)
ORDERING INFORMATION
TA
PACKAGE†
ORDERABLE
PART NUMBER
TOP-SIDE
MARKING
SN7400N
SN7400N
PDIP − N
Tube
SN74LS00N
SN74LS00N
PDIP − N
Tube
SN74S00N
SN74S00N
Tube
SN7400D
7400
Tape and reel
SN7400DR
7400
SOIC − D
Tube
SN74LS00D
LS00
SOIC − D
Tape and reel
SN74LS00DR
LS00
0
°C to 70°C
Tube
SN74S00D
S00
0 C to 70 C
Tape and reel
SN74S00DR
S00
SN7400NSR
SN7400
SOP − NS
Tape and reel
SN74LS00NSR
74LS00
SOP − NS
Tape and reel
SN74S00NSR
74S00
SOP − PS
Tape and reel
SN74LS00PSR
LS00
SOP − PS
Tape and reel
SN74S00PSR
S00
SSOP − DB
Tape and reel
SN74LS00DBR
LS00
SNJ5400J
SNJ5400J
CDIP − J
Tube
SNJ54LS00J
SNJ54LS00J
CDIP − J
Tube
SNJ54S00J
SNJ54S00J
−55
°C to 125°C
SNJ5400W
SNJ5400W
−55
°C to 125°C
CFP − W
Tube
SNJ54LS00W
SNJ54LS00W
CFP − W
Tube
SNJ54S00W
SNJ54S00W
LCCC − FK
Tube
SNJ54LS00FK
SNJ54LS00FK
LCCC − FK
Tube
SNJ54S00FK
SNJ54S00FK
† Package drawings, standard packing quantities, thermal data, symbolization, and PCB design guidelines
are available at www.ti.com/sc/package.
FUNCTION TABLE
(each gate)
INPUTS
OUTPUT
A
B
OUTPUT
Y
H
H
L
L
XH
X
L
H
logic diagram, each gate (positive logic)
A
B
Y


Similar Part No. - SN74LS00DRG4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN74LS00DRG4 TI1-SN74LS00DRG4 Datasheet
1Mb / 25P
[Old version datasheet]   QUADRUPLE 2-INPUT POSITIVE-NAND GATES
More results

Similar Description - SN74LS00DRG4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN54HCT00 TI-SN54HCT00 Datasheet
404Kb / 12P
[Old version datasheet]   QUADRUPLE 2-INPUT POSITIVE-NAND GATES
SN74AHCT00-EP TI1-SN74AHCT00-EP Datasheet
421Kb / 8P
[Old version datasheet]   QUADRUPLE 2-INPUT POSITIVE-NAND GATES
logo
Unisonic Technologies
U74AHCT00 UTC-U74AHCT00_15 Datasheet
201Kb / 4P
   QUADRUPLE 2-INPUT POSITIVE-NAND GATES
logo
Texas Instruments
SN54LVC00A TI-SN54LVC00A_08 Datasheet
937Kb / 22P
[Old version datasheet]   QUADRUPLE 2-INPUT POSITIVE-NAND GATES
SN54LV00A TI-SN54LV00A_10 Datasheet
673Kb / 18P
[Old version datasheet]   QUADRUPLE 2-INPUT POSITIVE-NAND GATES
SN7400J TI1-SN7400J Datasheet
1Mb / 25P
[Old version datasheet]   QUADRUPLE 2-INPUT POSITIVE-NAND GATES
SN54LV00 TI-SN54LV00 Datasheet
131Kb / 7P
[Old version datasheet]   QUADRUPLE 2-INPUT POSITIVE-NAND GATES
CD54ACT00 TI-CD54ACT00 Datasheet
73Kb / 5P
[Old version datasheet]   QUADRUPLE 2-INPUT POSITIVE-NAND GATES
SN54LVC00A TI-SN54LVC00A_07 Datasheet
908Kb / 22P
[Old version datasheet]   QUADRUPLE 2-INPUT POSITIVE-NAND GATES
SN54F00 TI1-SN54F00_14 Datasheet
779Kb / 16P
[Old version datasheet]   QUADRUPLE 2-INPUT POSITIVE-NAND GATES
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com