Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

RT8009GJ5 Datasheet(PDF) 9 Page - Richtek Technology Corporation

Part # RT8009GJ5
Description  1.25MHz, 600mA, High Efficiency PWM Step-Down DC/DC Converter
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICHTEK [Richtek Technology Corporation]
Direct Link  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation

RT8009GJ5 Datasheet(HTML) 9 Page - Richtek Technology Corporation

Back Button RT8009GJ5 Datasheet HTML 5Page - Richtek Technology Corporation RT8009GJ5 Datasheet HTML 6Page - Richtek Technology Corporation RT8009GJ5 Datasheet HTML 7Page - Richtek Technology Corporation RT8009GJ5 Datasheet HTML 8Page - Richtek Technology Corporation RT8009GJ5 Datasheet HTML 9Page - Richtek Technology Corporation RT8009GJ5 Datasheet HTML 10Page - Richtek Technology Corporation RT8009GJ5 Datasheet HTML 11Page - Richtek Technology Corporation RT8009GJ5 Datasheet HTML 12Page - Richtek Technology Corporation RT8009GJ5 Datasheet HTML 13Page - Richtek Technology Corporation  
Zoom Inzoom in Zoom Outzoom out
 9 / 13 page
background image
RT8009
9
DS8009-03 March 2007
www.richtek.com
Output Voltage Programming
The resistive divider allows the VFB pin to sense a fraction
of the output voltage as shown in Figure 4.
)
R2
R1
(1
V
V
REF
OUT
+
=
where VREF is the internal reference voltage (0.5V typ.)
Efficiency Considerations
The efficiency of a switching regulator is equal to the output
power divided by the input power times 100%. It is often
useful to analyze individual losses to determine what is
limiting the efficiency and which change would produce
the most improvement. Efficiency can be expressed as :
Efficiency = 100%
− (L1+ L2+ L3+ ...)
where L1, L2, etc. are the individual losses as a percentage
of input power. Although all dissipative elements in the
circuit produce losses, two main sources usually account
for most of the losses : VIN quiescent current and I2R
losses. The VIN quiescent current loss dominates the
efficiency loss at very low load currents whereas the I2R
loss dominates the efficiency loss at medium to high load
currents. In a typical efficiency plot, the efficiency curve
at very low load currents can be misleading since the
actual power lost is of no consequence.
1. The VIN quiescent current is due to two components :
the DC bias current as given in the electrical characteristics
and the internal main switch and synchronous switch gate
charge currents. The gate charge current results from
switching the gate capacitance of the internal power
MOSFET switches. Each time the gate is switched from
high to low to high again, a packet of charge
ΔQ moves
from VIN to ground.
The resulting
ΔQ/Δt is the current out of VIN that is typically
larger than the DC bias current. In continuous mode,
IGATECHG = f(QT+QB)
where QT and QB are the gate charges of the internal top
and bottom switches. Both the DC bias and gate charge
losses are proportional to VIN and thus their effects will
be more pronounced at higher supply voltages.
2. I2R losses are calculated from the resistances of the
internal switches, RSW and external inductor RL. In
continuous mode the average output current flowing
through inductor L is “chopped” between the main switch
and the synchronous switch. Thus, the series resistance
looking into the LX pin is a function of both top and bottom
MOSFET RDS(ON) and the duty cycle (DC) as follows :
RSW = RDS(ON)TOP x DC + RDS(ON)BOT x (1
−DC)
The RDS(ON) for both the top and bottom MOSFETs can be
obtained from the Typical Performance Characteristics
For adjustable about voltage mode, the output voltage is
set by an external resistive divider according to the following
equation :
polymer, aluminum electrolytic and ceramic capacitors are
all available in surface mount packages. Special polymer
capacitors offer very low ESR but have lower capacitance
density than other types. Tantalum capacitors have the
highest capacitance density but it is important to only
use types that have been surge tested for use in switching
power supplies. Aluminum electrolytic capacitors have
significantly higher ESR but can be used in cost-sensitive
applications provided that consideration is given to ripple
current ratings and long term reliability. Ceramic capacitors
have excellent low ESR characteristics but can have a
high voltage coefficient and audible piezoelectric effects.
The high Q of ceramic capacitors with trace inductance
can also lead to significant ringing.
Using Ceramic Input and Output Capacitors
Higher values, lower cost ceramic capacitors are now
becoming available in smaller case sizes. Their high ripple
current, high voltage rating and low ESR make them ideal
for switching regulator applications. However, care must
be taken when these capacitors are used at the input and
output. When a ceramic capacitor is used at the input
and the power is supplied by a wall adapter through long
wires, a load step at the output can induce ringing at the
input, VIN. At best, this ringing can couple to the output
and be mistaken as loop instability. At worst, a sudden
inrush of current through the long wires can potentially
cause a voltage spike at VIN large enough to damage the
part.
Figure 4. Setting the Output Voltage
RT8009
GND
VFB
R1
R2
V
OUT


Similar Part No. - RT8009GJ5

ManufacturerPart #DatasheetDescription
logo
Richtek Technology Corp...
RT8004 RICHTEK-RT8004 Datasheet
248Kb / 16P
   3A, 4MHz, Synchronous Step-Down Regulator
RT8004A RICHTEK-RT8004A Datasheet
309Kb / 13P
   The RT8004A is a high efficiency synchronous
RT8004GQV RICHTEK-RT8004GQV Datasheet
248Kb / 16P
   3A, 4MHz, Synchronous Step-Down Regulator
RT8004PCP RICHTEK-RT8004PCP Datasheet
248Kb / 16P
   3A, 4MHz, Synchronous Step-Down Regulator
RT8004PQV RICHTEK-RT8004PQV Datasheet
248Kb / 16P
   3A, 4MHz, Synchronous Step-Down Regulator
More results

Similar Description - RT8009GJ5

ManufacturerPart #DatasheetDescription
logo
Silan Microelectronics ...
SC46208 SILAN-SC46208 Datasheet
547Kb / 10P
   1.25MHz, 600mA, HIGH EFFICIENCY SYNCHRONOUS STEP-DOWN DC-DC CONVERTER
logo
Richtek Technology Corp...
RT8025 RICHTEK-RT8025 Datasheet
217Kb / 13P
   1.25MHz, 400mA, High Efficiency PWM Step-Down DC/DC Converter
RT8016L RICHTEK-RT8016L Datasheet
246Kb / 13P
   1.5MHz, 600mA, High Efficiency PWM Step-Down DC/DC Converter
RT8008 RICHTEK-RT8008 Datasheet
211Kb / 14P
   1.5MHz, 600mA, High Efficiency PWM Step-Down DC/DC Converter
RT9201 RICHTEK-RT9201 Datasheet
194Kb / 13P
   High Efficiency PWM Step-Down DC-DC Converter
logo
Lowpower Semiconductor ...
LP3203 POWER-LP3203 Datasheet
360Kb / 10P
   1.5MHZ,600mA,High Efficiency Synchronous PWM Step-Down DC/DC Convert
logo
ELM Technology Corporat...
ELM611DA ELM-TECH-ELM611DA Datasheet
983Kb / 11P
   high efficiency synchronous PWM step down DC/DC converter
logo
Diodes Incorporated
PAM2308 DIODES-PAM2308 Datasheet
552Kb / 15P
   DUAL HIGH-EFFICIENCY PWM STEP-DOWN DC-DC CONVERTER
PAM2319 DIODES-PAM2319 Datasheet
355Kb / 12P
   DUAL HIGH-EFFICIENCY PWM STEP-DOWN DC-DC CONVERTER
PAM2306 DIODES-PAM2306_V01 Datasheet
861Kb / 15P
   DUAL HIGH-EFFICIENCY PWM STEP-DOWN DC-DC CONVERTER
Rev. 3 - 2 May 2021
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com