Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

E3S-CR11-M1J Datasheet(PDF) 3 Page - Omron Electronics LLC

Part # E3S-CR11-M1J
Description  Oil-resistive, long-distance photoelectric sensor (metal case)
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

E3S-CR11-M1J Datasheet(HTML) 3 Page - Omron Electronics LLC

  E3S-CR11-M1J Datasheet HTML 1Page - Omron Electronics LLC E3S-CR11-M1J Datasheet HTML 2Page - Omron Electronics LLC E3S-CR11-M1J Datasheet HTML 3Page - Omron Electronics LLC E3S-CR11-M1J Datasheet HTML 4Page - Omron Electronics LLC E3S-CR11-M1J Datasheet HTML 5Page - Omron Electronics LLC E3S-CR11-M1J Datasheet HTML 6Page - Omron Electronics LLC E3S-CR11-M1J Datasheet HTML 7Page - Omron Electronics LLC E3S-CR11-M1J Datasheet HTML 8Page - Omron Electronics LLC E3S-CR11-M1J Datasheet HTML 9Page - Omron Electronics LLC Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 10 page
background image
A-148
Photoelectric Sensors
Reflectors
* Values in parentheses indicate the minimum required distance between the sensor and reflector.
Note: 1 . When the reflector used is other than the supplied one, set the sensing distance to about 0.7 times of the typical example as a guideline.
Mounting Brackets
Note: If a through-beam model is used, order two Mounting Brackets for the emitter and receiver respectively.
Sensor I/O Connectors
Name
Sensing distance (typical)
Model
Quantity
Remarks
Reflectors
3 m (rated value)
E39-R1
1
Attached to the Retroreflective E3S-CR#1 (-M1J).
4 m
E39-R2
1
---
Small reflector
1.5 m
E39-R3
1
---
750 mm
E39-R4
1
---
Tape Reflector
700 mm (50 mm) *
E39-RS1
1 pc.
The M.S.R. function is available.
1,100 mm (100 mm) *
E39-RS2
1 pc.
1,400 mm (100 mm) *
E39-RS3
1 pc.
Shape
Model
Quantity
Remarks
E39-L102
1
Attached to the horizontal model.
E39-L103
1
Attached to the vertical model.
E39-L85
1
Mounting bracket designed to switch from
E3S-#####42, 44 to the vertical model of
E3S-C.
E39-L86
1
Mounting bracket designed to switch from
E3S-#####43 to the vertical model of E3S-
C.
E39-L87
1
---
Cable
Shape
Cable length
Model
Standard cable
2 m
3-wire type
XS2F-D421-DC0-A
5 m
XS2F-D421-GC0-A
2 m
XS2F-D422-DC0-A
5 m
XS2F-D422-GC0-A
Straight
L-shaped


Similar Part No. - E3S-CR11-M1J

ManufacturerPart #DatasheetDescription
logo
Omron Electronics LLC
E3S-CR11 OMRON-E3S-CR11 Datasheet
651Kb / 14P
   Long Range Metal Body Sensor
More results

Similar Description - E3S-CR11-M1J

ManufacturerPart #DatasheetDescription
logo
Omron Electronics LLC
E3S-CL OMRON-E3S-CL Datasheet
677Kb / 10P
   Distance-settable Photoelectric Sensor with Metal Case
08/12
E3SCT11D5M OMRON-E3SCT11D5M Datasheet
814Kb / 10P
   Oil-resistant, Long-range Photoelectric Sensor with Metal Housing
E3G-L77 OMRON-E3G-L77 Datasheet
909Kb / 12P
   Long-distance Photoelectric Sensor with Built-in Amplifier
E3G-MR19-US OMRON-E3G-MR19-US Datasheet
909Kb / 12P
   Long-distance Photoelectric Sensor with Built-in Amplifier
E3G-ML79-US OMRON-E3G-ML79-US Datasheet
909Kb / 12P
   Long-distance Photoelectric Sensor with Built-in Amplifier
logo
Contrinex AG Industrial...
DTL-C23PB-TMS-139-501 CONTRINEX-DTL-C23PB-TMS-139-501 Datasheet
259Kb / 6P
   PHOTOELECTRIC SENSOR DISTANCE
DTR-C23PB-TMS-129 CONTRINEX-DTR-C23PB-TMS-129 Datasheet
196Kb / 6P
   PHOTOELECTRIC SENSOR DISTANCE
DTR-C23PB-TMS-139 CONTRINEX-DTR-C23PB-TMS-139 Datasheet
196Kb / 6P
   PHOTOELECTRIC SENSOR DISTANCE
DTR-C23PB-TLS-139 CONTRINEX-DTR-C23PB-TLS-139 Datasheet
187Kb / 6P
   PHOTOELECTRIC SENSOR DISTANCE
DTL-C55PA-TMS-119-502 CONTRINEX-DTL-C55PA-TMS-119-502 Datasheet
355Kb / 6P
   PHOTOELECTRIC SENSOR DISTANCE
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com