Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

RT8009PB Datasheet(PDF) 8 Page - Richtek Technology Corporation

Part # RT8009PB
Description  1.25MHz, 600mA, High Efficiency PWM Step-Down DC/DC Converter
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICHTEK [Richtek Technology Corporation]
Direct Link  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation

RT8009PB Datasheet(HTML) 8 Page - Richtek Technology Corporation

Back Button RT8009PB Datasheet HTML 4Page - Richtek Technology Corporation RT8009PB Datasheet HTML 5Page - Richtek Technology Corporation RT8009PB Datasheet HTML 6Page - Richtek Technology Corporation RT8009PB Datasheet HTML 7Page - Richtek Technology Corporation RT8009PB Datasheet HTML 8Page - Richtek Technology Corporation RT8009PB Datasheet HTML 9Page - Richtek Technology Corporation RT8009PB Datasheet HTML 10Page - Richtek Technology Corporation RT8009PB Datasheet HTML 11Page - Richtek Technology Corporation RT8009PB Datasheet HTML 12Page - Richtek Technology Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 13 page
background image
RT8009
8
DS8009-03 March 2007
www.richtek.com
⎥⎦
⎢⎣
+
OUT
L
OUT
8fC
1
ESR
ΔI
ΔV
Applications Information
The basic RT8009 application circuit is shown in Typical
Application Circuit. External component selection is
determined by the maximum load current and begins with
the selection of the inductor value and operating frequency
followed by CIN and COUT.
Inductor Selection
For a given input and output voltage, the inductor value
and operating frequency determine the ripple current. The
ripple current
ΔIL increases with higher VIN and decreases
with higher inductance.
Having a lower ripple current reduces the ESR losses in
the output capacitors and the output voltage ripple. Highest
efficiency operation is achieved at low frequency with small
ripple current. This, however, requires a large inductor.
A reasonable starting point for selecting the ripple current
is
ΔIL = 0.4(IMAX). The largest ripple current occurs at the
highest VIN. To guarantee that the ripple current stays
below a specified maximum, the inductor value should be
chosen according to the following equation :
Inductor Core Selection
Once the value for L is known, the type of inductor must
be selected. High efficiency converters generally cannot
afford the core loss found in low cost powdered iron cores,
forcing the use of more expensive ferrite or mollypermalloy
cores. Actual core loss is independent of core size for a
fixed inductor value but it is very dependent on the
inductance selected. As the inductance increases, core
losses decrease. Unfortunately, increased inductance
requires more turns of wire and therefore copper losses
will increase.
Ferrite designs have very low core losses and are preferred
at high switching frequencies, so design goals can
concentrate on copper loss and preventing saturation.
Ferrite core material saturates “hard”, which means that
inductance collapses abruptly when the peak design
current is exceeded. This results in an abrupt increase in
⎥⎦
⎢⎣
⎡ −
⎥⎦
⎢⎣
×
=
IN
OUT
OUT
L
V
V
1
L
f
V
ΔI
Δ
×
=
IN(MAX)
OUT
L(MAX)
OUT
V
V
1
I
f
V
L
inductor ripple current and consequent output voltage ripple.
Do not allow the core to saturate!
Different core materials and shapes will change the size/
current and price/current relationship of an inductor.
Toroid or shielded pot cores in ferrite or permalloy materials
are small and don’ t radiate energy but generally cost
more than powdered iron core inductors with similar
characteristics. The choice of which style inductor to use
mainly depends on the price vs size requirements and
any radiated field/EMI requirements.
CIN and COUT Selection
The input capacitance, CIN, is needed to filter the
trapezoidal current at the source of the top MOSFET. To
prevent large ripple voltage, a low ESR input capacitor
sized for the maximum RMS current should be used. RMS
current is given by :
1
V
V
V
V
I
I
OUT
IN
IN
OUT
OUT(MAX)
RMS
=
This formula has a maximum at VIN = 2VOUT, where IRMS
= IOUT/2. This simple worst-case condition is commonly
used for design because even significant deviations do
not offer much relief. Note that ripple current ratings from
capacitor manufacturers are often based on only 2000
hours of life which makes it advisable to further derate the
capacitor, or choose a capacitor rated at a higher
temperature than required. Several capacitors may also
be paralleled to meet size or height requirements in the
design.
The selection of COUT is determined by the effective series
resistance (ESR) that is required to minimize voltage ripple
and load step transients, as well as the amount of bulk
capacitance that is necessary to ensure that the control
loop is stable. Loop stability can be checked by viewing
the load transient response as described in a later section.
The output ripple,
ΔVOUT, is determined by :
The output ripple is highest at maximum input voltage
since
ΔIL increases with input voltage. Multiple capacitors
placed in parallel may be needed to meet the ESR and
RMS current handling requirements. Dry tantalum, special


Similar Part No. - RT8009PB

ManufacturerPart #DatasheetDescription
logo
Richtek Technology Corp...
RT8004 RICHTEK-RT8004 Datasheet
248Kb / 16P
   3A, 4MHz, Synchronous Step-Down Regulator
RT8004A RICHTEK-RT8004A Datasheet
309Kb / 13P
   The RT8004A is a high efficiency synchronous
RT8004GQV RICHTEK-RT8004GQV Datasheet
248Kb / 16P
   3A, 4MHz, Synchronous Step-Down Regulator
RT8004PCP RICHTEK-RT8004PCP Datasheet
248Kb / 16P
   3A, 4MHz, Synchronous Step-Down Regulator
RT8004PQV RICHTEK-RT8004PQV Datasheet
248Kb / 16P
   3A, 4MHz, Synchronous Step-Down Regulator
More results

Similar Description - RT8009PB

ManufacturerPart #DatasheetDescription
logo
Silan Microelectronics ...
SC46208 SILAN-SC46208 Datasheet
547Kb / 10P
   1.25MHz, 600mA, HIGH EFFICIENCY SYNCHRONOUS STEP-DOWN DC-DC CONVERTER
logo
Richtek Technology Corp...
RT8025 RICHTEK-RT8025 Datasheet
217Kb / 13P
   1.25MHz, 400mA, High Efficiency PWM Step-Down DC/DC Converter
RT8016L RICHTEK-RT8016L Datasheet
246Kb / 13P
   1.5MHz, 600mA, High Efficiency PWM Step-Down DC/DC Converter
RT8008 RICHTEK-RT8008 Datasheet
211Kb / 14P
   1.5MHz, 600mA, High Efficiency PWM Step-Down DC/DC Converter
RT9201 RICHTEK-RT9201 Datasheet
194Kb / 13P
   High Efficiency PWM Step-Down DC-DC Converter
logo
Lowpower Semiconductor ...
LP3203 POWER-LP3203 Datasheet
360Kb / 10P
   1.5MHZ,600mA,High Efficiency Synchronous PWM Step-Down DC/DC Convert
logo
ELM Technology Corporat...
ELM611DA ELM-TECH-ELM611DA Datasheet
983Kb / 11P
   high efficiency synchronous PWM step down DC/DC converter
logo
Diodes Incorporated
PAM2308 DIODES-PAM2308 Datasheet
552Kb / 15P
   DUAL HIGH-EFFICIENCY PWM STEP-DOWN DC-DC CONVERTER
PAM2319 DIODES-PAM2319 Datasheet
355Kb / 12P
   DUAL HIGH-EFFICIENCY PWM STEP-DOWN DC-DC CONVERTER
PAM2306 DIODES-PAM2306_V01 Datasheet
861Kb / 15P
   DUAL HIGH-EFFICIENCY PWM STEP-DOWN DC-DC CONVERTER
Rev. 3 - 2 May 2021
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com