Part Name
         Description
RT8801

 Multi-Phase PWM Controller for CPU Core Power Supply with Serial Programming Interface ( 23 Page)


RICHTEK
100% 
Zoom Out Zoom In
 
 3 page
background image
RT8801
Preliminary
3
DS8801-04
August 2007
www.richtek.com
All brandname or trademark belong to their owner respectively
0x01 Core Current. Default 0x00 (read only). The core current full scale is over current trigger point.
Bit6-0 : Show core voltage current.
0x03 MISC. Default 0x04.
Bit2 : Slot_OCC Detection. This bit be written clear and only can be written 0.
0 : Normal 1 : Slot_OCC ever be pulled high
Bit1 : The reset pin ever be pull low when bit0 = 1 and only can be written 0.
0 : Never issue reset 1 : Ever issue reset
Bit0 : Reset control. When this bit be write 1, the Watching Dog timer (Reset pin) will repeat counter 1400ms then pull
low 200ms.Reset pin be pull low, if this bit = 1 will reset all registers to default exception MISC(Index 0x03).
0 : Disable 1 : Enable
Note : If SLOT_OCC pin = 1 reset all registers value to default.
Product information registers (Read Only)
0x13 Revision_ID
0x00
RST enable
0x03 bit 0
7 x T
delay
T
delay
WD Timer
RST



Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23 


Datasheet Download



Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
RT8800General Purpose 2/3-Phase PWM Controller for High-Density Power Supply 1 2 3 4 5 MoreRichtek Technology Corporation
ISL6322Four-Phase Buck PWM Controller with Integrated MOSFET Drivers and I2C Interface for Intel VR10 VR11 and AMD Applications 1 2 3 4 5 MoreIntersil Corporation
NCP1030_06Low Power PWM Controller with On−Chip Power Switch and Startup Circuits for 48V Telecom Systems 1 2 3 4 5 MoreON Semiconductor
ISL6322_07Four-Phase Buck PWM Controller with Integrated MOSFET Drivers and I2C Interface for Intel VR10 VR11 and AMD Applications 1 2 3 4 5 MoreIntersil Corporation
RT8800AGeneral Purpose 3-Phase PWM Controller for High-Density Power Supply 1 2 3 4 5 MoreRichtek Technology Corporation
NCP1201_06PWM Current−Mode Controller for Universal Off−Line Supplies Featuring Low Standby Power with Fault Protection Modes 1 2 3 4 5 MoreON Semiconductor
ISL6219A_07Microprocessor CORE Voltage Regulator Precision Multi-Phase BUCK PWM Controller for Mobile Applications 1 2 3 4 5 MoreIntersil Corporation
NCP1030Low Power PWM Controller with On-Chip Power Switch and Startup Circuits for 48 V Telecom Systems 1 2 3 4 5 MoreON Semiconductor
CX74063-3XRF Transceiver with Power Ramping Controller and Integrated Crystal Oscillator with 13 MHz Output for Multi-Band GSM GPRS and EDGE Applications 1 2 3 4 5 MoreSkyworks Solutions Inc.
ADS8329LOW POWER 16-BIT 1-MHz SINGLE/DUAL UNIPOLAR INPUT ANALOG-TO-DIGITAL CONVERTERS WITH SERIAL INTERFACE 1 2 3 4 5 MoreTexas Instruments

Link URL

Sponsor of Alldatasheet


Alldistributor will be your best source to find out the prices for your daily purchasing of Electronic Components.
Alldistributor.com

World wide Buy/Sell Semiconductor & Electronic components on-line marketplace for Brokers and Distributors.
IC2IC.com

Korean Buy/Sell Semiconductor & Electronic components on-line marketplace for Brokers and Distributors.
ICpart.com

Chinese Marketplace to Buy/Sell Semiconductor Electronic components on-line for Brokers and Distributors.
IC5858.com

Japanese Buy/Sell Semiconductor & Electronic components on-line marketplace for Brokers and Distributors.
ICBAIBAI.com

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Partner program   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com 2003 - 2013    


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl