Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

RT8010A-10PQW Datasheet(PDF) 6 Page - Richtek Technology Corporation

Part # RT8010A-10PQW
Description  1.5MHz, 1A, High Efficiency PWM Step-Down DC/DC Converter
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICHTEK [Richtek Technology Corporation]
Direct Link  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation

RT8010A-10PQW Datasheet(HTML) 6 Page - Richtek Technology Corporation

Back Button RT8010A-10PQW Datasheet HTML 2Page - Richtek Technology Corporation RT8010A-10PQW Datasheet HTML 3Page - Richtek Technology Corporation RT8010A-10PQW Datasheet HTML 4Page - Richtek Technology Corporation RT8010A-10PQW Datasheet HTML 5Page - Richtek Technology Corporation RT8010A-10PQW Datasheet HTML 6Page - Richtek Technology Corporation RT8010A-10PQW Datasheet HTML 7Page - Richtek Technology Corporation RT8010A-10PQW Datasheet HTML 8Page - Richtek Technology Corporation RT8010A-10PQW Datasheet HTML 9Page - Richtek Technology Corporation RT8010A-10PQW Datasheet HTML 10Page - Richtek Technology Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 15 page
background image
RT8010/A
6
DS8010/A-02 March 2007
www.richtek.com
Typical Operating Characteristics
Efficiency vs. Output Current
0
10
20
30
40
50
60
70
80
90
100
0
0.1 0.2
0.3 0.4
0.5
0.6 0.7
0.8 0.9
1
Output Current (A)
VOUT = 3.3V,
COUT = 4.7μF, L = 4.7μH
VIN = 3.6V
VIN = 4.2V
VIN = 5.0V
Efficiency vs. Output Current
0
10
20
30
40
50
60
70
80
90
100
0
0.1 0.2
0.3 0.4
0.5 0.6
0.7 0.8
0.9
1
Output Current (A)
VOUT = 1.2V,
COUT = 10μF, L = 2.2μH
VIN = 5.0V
VIN = 3.3V
VIN = 2.5V
Efficiency vs. Output Current
0
10
20
30
40
50
60
70
80
90
100
0
0.1 0.2
0.3 0.4
0.5 0.6
0.7 0.8
0.9
1
Output Current (A)
VOUT = 1.2V,
COUT = 4.7μF, L = 4.7μH
VIN = 5.0V
VIN = 3.3V
VIN = 2.5V
UVLO Voltage vs.Temperature
1.2
1.3
1.4
1.5
1.6
1.7
1.8
1.9
2.0
-40 -25 -10
5
20
35
50
65
80
95 110 125
Temperature (
°C)
VOUT = 1.2V,
IOUT = 0A
Rising
Falling
EN Pin Threshold vs. Input Voltage
0.60
0.65
0.70
0.75
0.80
0.85
0.90
0.95
1.00
1.05
1.10
1.15
1.20
2.5
2.8 3.1
3.4 3.7
4
4.3
4.6 4.9
5.2 5.5
Input Voltage (V)
VOUT = 1.2V,
IOUT = 0A
Rising
Falling
EN Pin Threshold vs. Temperature
0.4
0.5
0.6
0.7
0.8
0.9
1.0
1.1
1.2
1.3
1.4
1.5
1.6
-40 -25 -10
5
20
35
50
65
80
95 110 125
Temperature
VIN = 3.6V, VOUT = 1.2V,
IOUT = 0A
Rising
Falling
(
°C)


Similar Part No. - RT8010A-10PQW

ManufacturerPart #DatasheetDescription
logo
Richtek Technology Corp...
RT8010B RICHTEK-RT8010B Datasheet
255Kb / 12P
   1.5MHz, 800mA, High Efficiency PWM Step-Down DC/DC Converter
RT8010BGQW RICHTEK-RT8010BGQW Datasheet
255Kb / 12P
   1.5MHz, 800mA, High Efficiency PWM Step-Down DC/DC Converter
RT8010GQW RICHTEK-RT8010GQW Datasheet
332Kb / 15P
   1.5MHz, 1A, High Efficiency PWM Step-Down DC/DC Converter
More results

Similar Description - RT8010A-10PQW

ManufacturerPart #DatasheetDescription
logo
Richtek Technology Corp...
RT8016 RICHTEK-RT8016 Datasheet
254Kb / 14P
   1.5MHz, 1A, High Efficiency PWM Step-Down DC/DC Converter
RT8059 RICHTEK-RT8059 Datasheet
265Kb / 10P
   1.5MHz, 1A, High Efficiency PWM Step-Down DC/DC Converter
RT8010GQW RICHTEK-RT8010GQW Datasheet
332Kb / 15P
   1.5MHz, 1A, High Efficiency PWM Step-Down DC/DC Converter
RT8026 RICHTEK-RT8026 Datasheet
274Kb / 12P
   1.5MHz, 1A, High Efficiency PWM Step-Down DC/DC Converter
logo
Eutech Microelectronics...
EUP3020 EUTECH-EUP3020 Datasheet
768Kb / 10P
   Dual High-Efficiency 1.5MHz 1A PWM Step-Down DC-DC Converter
logo
Richtek Technology Corp...
RT8024 RICHTEK-RT8024 Datasheet
369Kb / 13P
   1.5MHz, 400mA, High Efficiency PWM Step-Down DC/DC Converter
RT8016L RICHTEK-RT8016L Datasheet
246Kb / 13P
   1.5MHz, 600mA, High Efficiency PWM Step-Down DC/DC Converter
logo
ELM Electronics
ELM603 ELM-ELM603 Datasheet
1Mb / 7P
   1.5A 1.5MHz high efficiency PWM step down DC/DC converter
logo
Richtek Technology Corp...
RT8008 RICHTEK-RT8008 Datasheet
211Kb / 14P
   1.5MHz, 600mA, High Efficiency PWM Step-Down DC/DC Converter
RT8010B RICHTEK-RT8010B Datasheet
255Kb / 12P
   1.5MHz, 800mA, High Efficiency PWM Step-Down DC/DC Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com