Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

RT8011AGF Datasheet(PDF) 1 Page - Richtek Technology Corporation

Part # RT8011AGF
Description  2A, 4MHz, Synchronous Step-Down Regulator
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICHTEK [Richtek Technology Corporation]
Direct Link  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation

RT8011AGF Datasheet(HTML) 1 Page - Richtek Technology Corporation

  RT8011AGF Datasheet HTML 1Page - Richtek Technology Corporation RT8011AGF Datasheet HTML 2Page - Richtek Technology Corporation RT8011AGF Datasheet HTML 3Page - Richtek Technology Corporation RT8011AGF Datasheet HTML 4Page - Richtek Technology Corporation RT8011AGF Datasheet HTML 5Page - Richtek Technology Corporation RT8011AGF Datasheet HTML 6Page - Richtek Technology Corporation RT8011AGF Datasheet HTML 7Page - Richtek Technology Corporation RT8011AGF Datasheet HTML 8Page - Richtek Technology Corporation RT8011AGF Datasheet HTML 9Page - Richtek Technology Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 17 page
background image
RT8011/A
1
DS8011/A-00 August 2006
www.richtek.com
Features
High Efficiency : Up to 95%
Low RDS(ON) Internal Switches : 110m
Ω
Ω
Ω
Ω
Ω
Programmable Frequency : 300kHz to 4MHz
No Schottky Diode Required
0.8V Reference Allows Low Output Voltage
Forced Continuous Mode Operation
Low Dropout Operation : 100% Duty Cycle
Synchronizable Switching Frequency (For RT8011
Only)
Power Good Output Voltage Monitor (For RT8011
Only)
RoHS Compliant and 100% Lead (Pb)-Free
Applications
Portable Instruments
Battery-Powered Equipment
Notebook Computers
Distributed Power Systems
IP Phones
Digital Cameras
General Description
The RT8011/A is a high efficiency synchronous, step-down
DC/DC converter. Its input voltage range is from 2.6V to
5.5V and provides an adjustable regulated output voltage
from 0.8V to 5V while delivering up to 2A of output current.
The internal synchronous low on-resistance power
switches increase efficiency and eliminate the need for
an external Schottky diode. Switching frequency is set
by an external resistor or can be synchronized to an
external clock. 100% duty cycle provides low dropout
operation extending battery life in portable systems.
Current mode operation with external compensation
allows the transient response to be optimized over a wide
range of loads and output capacitors.
RT8011/A operation in forced continuous PWM Mode which
minimizes ripple voltage and reduces the noise and RF
interference.
100% duty cycle in Low Dropout Operation further
maximize battery life.
Note :
RichTek Pb-free and Green products are :
RoHS compliant and compatible with the current require-
ments of IPC/JEDEC J-STD-020.
Suitable for use in SnPb or Pb-free soldering processes.
100% matte tin (Sn) plating.
Ordering Information
Pin Configurations
(TOP VIEW)
MSOP-10
2A, 4MHz, Synchronous Step-Down Regulator
Marking Information
For marking information, contact our sales representative
directly or through a RichTek distributor located in your
area, otherwise visit our website for detail.
WDFN-10L 3x3
SHDN/RT
PGND
GND
COMP
FB
VDD
PVDD
LX
7
6
5
1
2
3
4
8
WDFN-8E 3x3
COMP
VDD
SHDN/RT
LX
GND
FB
PGOOD
PGND
PVDD
SYNC
5
6
7
8
4
3
2
10
9
SHDN/RT
SYNC
PGND
LX
COMP
FB
PGOOD
PVDD
VDD
GND
9
8
7
1
2
3
4
5
10
RT8011/A
Package Type
F : MSOP-10 (RT8011)
QW : WDFN-10L 3x3 (RT8011)
QW : WDFN-8E 3x3 (RT8011A)
Operating Temperature Range
P : Pb Free with Commercial Standard
G : Green (Halogen Free with Commer-
cial Standard)
Without SYNC and PGOOD Function
With SYNC and PGOOD Function


Similar Part No. - RT8011AGF

ManufacturerPart #DatasheetDescription
logo
Richtek Technology Corp...
RT8010 RICHTEK-RT8010 Datasheet
397Kb / 15P
   1.5MHz, 1A, High Efficiency PWM Step-Down DC/DC Converter
RT8010-10GQW RICHTEK-RT8010-10GQW Datasheet
397Kb / 15P
   1.5MHz, 1A, High Efficiency PWM Step-Down DC/DC Converter
RT8010-10PQV RICHTEK-RT8010-10PQV Datasheet
397Kb / 15P
   1.5MHz, 1A, High Efficiency PWM Step-Down DC/DC Converter
RT8010-10PQW RICHTEK-RT8010-10PQW Datasheet
397Kb / 15P
   1.5MHz, 1A, High Efficiency PWM Step-Down DC/DC Converter
RT8010-12GQW RICHTEK-RT8010-12GQW Datasheet
397Kb / 15P
   1.5MHz, 1A, High Efficiency PWM Step-Down DC/DC Converter
More results

Similar Description - RT8011AGF

ManufacturerPart #DatasheetDescription
logo
Richtek Technology Corp...
RT8004 RICHTEK-RT8004 Datasheet
248Kb / 16P
   3A, 4MHz, Synchronous Step-Down Regulator
logo
Semtech Corporation
SC3102 SEMTECH-SC3102 Datasheet
1Mb / 17P
   2A Synchronous Step-Down Regulator
logo
Linear Technology
LTC3414 LINER-LTC3414_15 Datasheet
278Kb / 16P
   4A, 4MHz, Monolithic Synchronous Step-Down Regulator
LTC3414 LINER-LTC3414 Datasheet
447Kb / 16P
   4A, 4MHz, Monolithic Synchronous Step-Down Regulator
LTC3414IFE LINER-LTC3414IFE Datasheet
261Kb / 16P
   4A, 4MHz, Monolithic Synchronous Step-Down Regulator
LTC3418 LINER-LTC3418 Datasheet
291Kb / 20P
   8A, 4MHz, Monolithic Synchronous Step-Down Regulator
LTC3414EFE LINER-LTC3414EFE Datasheet
284Kb / 16P
   4A, 4MHz, Monolithic Synchronous Step-Down Regulator
LTC3412A LINER-LTC3412A_15 Datasheet
326Kb / 20P
   3A, 4MHz, Monolithic Synchronous Step-Down Regulator
LTC3412 LINER-LTC3412 Datasheet
218Kb / 20P
   2.5A, 4MHz, Monolithic Synchronous Step-Down Regulator
LTC3412A LINER-LTC3412A Datasheet
443Kb / 20P
   3A, 4MHz, Monolithic Synchronous Step-Down Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com