Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

RT8012APQW Datasheet(PDF) 8 Page - Richtek Technology Corporation

Part # RT8012APQW
Description  Dual 1A/1.5A-1.2MHz Synchronous Step-Down Converters
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICHTEK [Richtek Technology Corporation]
Direct Link  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation

RT8012APQW Datasheet(HTML) 8 Page - Richtek Technology Corporation

Back Button RT8012APQW Datasheet HTML 4Page - Richtek Technology Corporation RT8012APQW Datasheet HTML 5Page - Richtek Technology Corporation RT8012APQW Datasheet HTML 6Page - Richtek Technology Corporation RT8012APQW Datasheet HTML 7Page - Richtek Technology Corporation RT8012APQW Datasheet HTML 8Page - Richtek Technology Corporation RT8012APQW Datasheet HTML 9Page - Richtek Technology Corporation RT8012APQW Datasheet HTML 10Page - Richtek Technology Corporation RT8012APQW Datasheet HTML 11Page - Richtek Technology Corporation RT8012APQW Datasheet HTML 12Page - Richtek Technology Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 14 page
background image
RT8012A
8
DS8012A-01 March 2007
www.richtek.com
Preliminary
Regulator 1 Ripple
Time (1
μs/Div)
VOUT
(10mV/Div)
VLX
(5V/Div)
VIN = 5V, VOUT = 3.3V, IOUT = 1A
L = 3.3uH, COUT = 10uF
Regulator 1 Power On from EN
Time (1ms/Div)
IIN
(500mA/Div)
VOUT
(2V/Div)
VEN
(2V/Div)
VIN = 5V, VOUT = 3.3V, IOUT = 1A
Regulator 2 Power On from EN
Time (1ms/Div)
IIN
(500mA/Div)
VOUT
(2V/Div)
VEN
(2V/Div)
VIN = 5V, VOUT = 1.2V, IOUT = 1.5A
Regulator 2 Ripple
Time (1
μs/Div)
VOUT
(10mV/Div)
VLX
(5V/Div)
VIN = 5V, VOUT = 1.2V, IOUT = 1.5A
L = 2.2uH, COUT = 10uF
Regulator 2 Power On from VIN
Time (1ms/Div)
IOUT
(500mA/Div)
VOUT
(2V/Div)
VIN
(2V/Div)
VIN = 5V, VOUT = 1.2V, IOUT = 1.5A
IOUT
(500mA/Div)
Regulator 1 Power On from VIN
Time (1ms/Div)
VOUT
(2V/Div)
VIN
(2V/Div)
VIN = 5V, VOUT = 3.3V, IOUT = 1A


Similar Part No. - RT8012APQW

ManufacturerPart #DatasheetDescription
logo
Richtek Technology Corp...
RT8010 RICHTEK-RT8010 Datasheet
397Kb / 15P
   1.5MHz, 1A, High Efficiency PWM Step-Down DC/DC Converter
RT8010-10GQW RICHTEK-RT8010-10GQW Datasheet
397Kb / 15P
   1.5MHz, 1A, High Efficiency PWM Step-Down DC/DC Converter
RT8010-10PQV RICHTEK-RT8010-10PQV Datasheet
397Kb / 15P
   1.5MHz, 1A, High Efficiency PWM Step-Down DC/DC Converter
RT8010-10PQW RICHTEK-RT8010-10PQW Datasheet
397Kb / 15P
   1.5MHz, 1A, High Efficiency PWM Step-Down DC/DC Converter
RT8010-12GQW RICHTEK-RT8010-12GQW Datasheet
397Kb / 15P
   1.5MHz, 1A, High Efficiency PWM Step-Down DC/DC Converter
More results

Similar Description - RT8012APQW

ManufacturerPart #DatasheetDescription
logo
Monolithic Power System...
MP2125 MPS-MP2125 Datasheet
295Kb / 10P
   Dual 1.5A, 1.2MHz Synchronous Step-Down Converter
logo
List of Unclassifed Man...
APS2415 ETC-APS2415 Datasheet
545Kb / 8P
   1.2MHz, 1.5A Synchronous Step-Down Converter
V0.0
logo
Richtek Technology Corp...
RT8056 RICHTEK-RT8056 Datasheet
295Kb / 11P
   Dual 1A 1.5MHz Synchronous Step-Down Converters
RT8056GQW RICHTEK-RT8056GQW Datasheet
295Kb / 11P
   Dual 1A 1.5MHz Synchronous Step-Down Converters
logo
Fairchild Semiconductor
FAN8060 FAIRCHILD-FAN8060 Datasheet
507Kb / 13P
   1.2MHz, 1A Synchronous Step-Down DC/DC Regulator
logo
Microsemi Corporation
LX13088A MICROSEMI-LX13088A Datasheet
412Kb / 12P
   Dual 1A Step-Down Converters
LX13088 MICROSEMI-LX13088 Datasheet
428Kb / 12P
   Dual 1A Step-Down Converters
logo
Richtek Technology Corp...
RT8023 RICHTEK-RT8023 Datasheet
391Kb / 19P
   1.2MHz 1.5A Synchronous Step-Down Converter with Two LDOs
logo
Linear Technology
LTC3417A LINER-LTC3417A_15 Datasheet
321Kb / 22P
   Dual Synchronous 1.5A/1A 4MHz Step-Down DC/DC Regulator
LTC3417A-2 LINER-LTC3417A-2_15 Datasheet
342Kb / 20P
   Dual Synchronous 1.5A/1A 4MHz Step-Down DC/DC Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com