Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

RT8008-15QB Datasheet(PDF) 11 Page - Richtek Technology Corporation

Part # RT8008-15QB
Description  1.5MHz, 600mA, High Efficiency PWM Step-Down DC/DC Converter
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICHTEK [Richtek Technology Corporation]
Direct Link  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation

RT8008-15QB Datasheet(HTML) 11 Page - Richtek Technology Corporation

Back Button RT8008-15QB Datasheet HTML 6Page - Richtek Technology Corporation RT8008-15QB Datasheet HTML 7Page - Richtek Technology Corporation RT8008-15QB Datasheet HTML 8Page - Richtek Technology Corporation RT8008-15QB Datasheet HTML 9Page - Richtek Technology Corporation RT8008-15QB Datasheet HTML 10Page - Richtek Technology Corporation RT8008-15QB Datasheet HTML 11Page - Richtek Technology Corporation RT8008-15QB Datasheet HTML 12Page - Richtek Technology Corporation RT8008-15QB Datasheet HTML 13Page - Richtek Technology Corporation RT8008-15QB Datasheet HTML 14Page - Richtek Technology Corporation  
Zoom Inzoom in Zoom Outzoom out
 11 / 14 page
background image
RT8008
11
DS8008-04
March 2007
www.richtek.com
curves. Thus, to obtain I
2R losses, simply add RSW to RL
and multiply the result by the square of the average output
current.
Other losses including CIN and COUT ESR dissipative
losses and inductor core losses generally account for less
than 2% of the total loss.
Thermal Considerations
The maximum power dissipation depends on the thermal
resistance of IC package, PCB layout, the rate of
surroundings airflow and temperature difference between
junction to ambient. The maximum power dissipation can
be calculated by following formula :
PD(MAX) = ( TJ(MAX) - TA ) /
θJA
Where TJ(MAX) is the maximum operation junction
temperature 125
°C, TAis the ambient temperature and the
θJAis the junction to ambient thermal resistance.
For recommended operating conditions specification of
RT8008 DC/DC converter, where TJ (MAX) is the maximum
junction temperature of the die (125
°C) and TA is the
maximum ambient temperature. The junction to ambient
thermal resistance
θJA is layout dependent. For
SOT-23-5/TSOT-23-5 packages, the thermal resistance
θJA
is 250
°C/W on the standard JEDEC 51-3 single-layer
thermal test board. The maximum power dissipation at
TA= 25
°C can be calculated by following formula :
PD(MAX) = ( 125
°C - 25°C ) / 250 = 0.4 W for SOT-23-5/
TSOT-23-5 packages
The maximum power dissipation depends on operating
ambient temperature for fixed TJ(MAX) and thermal
resistance
θJA. For RT8008 packages, the Figure 5 of
derating curves allows the designer to see the effect of
rising ambient temperature on the maximum power
allowed.
The value of junction to case thermal resistance
θJC is
popular for users. This thermal parameter is convenient
for users to estimate the internal junction operated
temperature of packages while IC operating. It's
independent of PCB layout, the surroundings airflow effects
and temperature difference between junction to ambient.
The operated junction temperature can be calculated by
following formula :
TJ = TC + PD x
θJC
Where TC is the package case (Pin 2 of package leads)
temperature measured by thermal sensor, PD is the power
dissipation defined by user's function and the
θJC is the
junction to case thermal resistance provided by IC
manufacturer. Therefore it's easy to estimate the junction
temperature by any condition.
Checking Transient Response
The regulator loop response can be checked by looking
at the load transient response. Switching regulators take
several cycles to respond to a step in load current. When
a load step occurs, VOUT immediately shifts by an amount
equal to
∆ILOAD (ESR), where ESR is the effective series
resistance of COUT.
∆ILOAD also begins to charge or
discharge COUT generating a feedback error signal used
by the regulator to return VOUT to its steady-state value.
During this recovery time, VOUT can be monitored for
overshoot or ringing that would indicate a stability problem.
Layout Considerations
Follow the PCB layout guidelines for optimal performance
of RT8008.
} For the main current paths as indicated in bold lines in
Figure 6, keep their traces short and wide.
} Put the input capacitor as close as possible to the device
pins (VIN and GND).
} LX node is with high frequency voltage swing and should
be kept small area. Keep analog components away from
LX node to prevent stray capacitive noise pick-up.
Figure 5. Derating Curves for RT8008 Package
0
50
100
150
200
250
300
350
400
450
0
20
40
60
80
100
120
140
Ambient Temperature (
°C)
Single Layer PCB
SOT-23-5, TSOT-23-5 Packages


Similar Part No. - RT8008-15QB

ManufacturerPart #DatasheetDescription
logo
Richtek Technology Corp...
RT8008-15PB RICHTEK-RT8008-15PB Datasheet
388Kb / 14P
   1.0V, 1.2V, 1.5V, 1.8V, 2.5V and 3.3V Fixed/Adjustable Output Voltage
RT8008-15PB RICHTEK-RT8008-15PB Datasheet
454Kb / 10P
   Evaluation Board
More results

Similar Description - RT8008-15QB

ManufacturerPart #DatasheetDescription
logo
Richtek Technology Corp...
RT8016L RICHTEK-RT8016L Datasheet
246Kb / 13P
   1.5MHz, 600mA, High Efficiency PWM Step-Down DC/DC Converter
logo
Lowpower Semiconductor ...
LP3203 POWER-LP3203 Datasheet
360Kb / 10P
   1.5MHZ,600mA,High Efficiency Synchronous PWM Step-Down DC/DC Convert
logo
Richtek Technology Corp...
RT8024 RICHTEK-RT8024 Datasheet
369Kb / 13P
   1.5MHz, 400mA, High Efficiency PWM Step-Down DC/DC Converter
logo
ELM Electronics
ELM603 ELM-ELM603 Datasheet
1Mb / 7P
   1.5A 1.5MHz high efficiency PWM step down DC/DC converter
logo
Richtek Technology Corp...
RT8016 RICHTEK-RT8016 Datasheet
254Kb / 14P
   1.5MHz, 1A, High Efficiency PWM Step-Down DC/DC Converter
RT8010 RICHTEK-RT8010 Datasheet
397Kb / 15P
   1.5MHz, 1A, High Efficiency PWM Step-Down DC/DC Converter
RT8059 RICHTEK-RT8059 Datasheet
265Kb / 10P
   1.5MHz, 1A, High Efficiency PWM Step-Down DC/DC Converter
RT8010GQW RICHTEK-RT8010GQW Datasheet
332Kb / 15P
   1.5MHz, 1A, High Efficiency PWM Step-Down DC/DC Converter
RT8010B RICHTEK-RT8010B Datasheet
255Kb / 12P
   1.5MHz, 800mA, High Efficiency PWM Step-Down DC/DC Converter
RT8026 RICHTEK-RT8026 Datasheet
274Kb / 12P
   1.5MHz, 1A, High Efficiency PWM Step-Down DC/DC Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com