Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

RT8008 Datasheet(PDF) 2 Page - Richtek Technology Corporation

Part # RT8008
Description  1.5MHz, 600mA, High Efficiency PWM Step-Down DC/DC Converter
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICHTEK [Richtek Technology Corporation]
Direct Link  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation

RT8008 Datasheet(HTML) 2 Page - Richtek Technology Corporation

  RT8008 Datasheet HTML 1Page - Richtek Technology Corporation RT8008 Datasheet HTML 2Page - Richtek Technology Corporation RT8008 Datasheet HTML 3Page - Richtek Technology Corporation RT8008 Datasheet HTML 4Page - Richtek Technology Corporation RT8008 Datasheet HTML 5Page - Richtek Technology Corporation RT8008 Datasheet HTML 6Page - Richtek Technology Corporation RT8008 Datasheet HTML 7Page - Richtek Technology Corporation RT8008 Datasheet HTML 8Page - Richtek Technology Corporation RT8008 Datasheet HTML 9Page - Richtek Technology Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 14 page
background image
RT8008
2
DS8008-04
March 2007
www.richtek.com
Layout note:
1. The distance that CIN connects to VIN is as close as possible (Under 2mm).
2. COUT should be placed near RT8008.
Typical Application Circuit
Figure 1. Fixed Voltage Regulator
Figure 2. Adjustable Voltage Regulator
4.7uF
10uF
VIN
LX
GND
RT8008
EN
VOUT
2.2uH
2.2V to 5.5V
V
IN
V
OUT
C
IN
L
5
3
4
1
2
C
OUT
 +
=
R2
R1
1
x
V
V
REF
OUT
4.7uF
10uF
VIN
LX
GND
RT8008
EN
FB
2.2uH
2.2V to 5.5V
V
IN
V
OUT
C
IN
L
5
3
4
1
2
C
OUT
R1
R2
C1
I
R2
with R2 = 300k
Ω to 60kΩ so the IR2 = 2µA to 10µA,
and (R1 x C1) should be in the range between 3x10
-6 and 6x10-6 for component selection.
Layout Guide
Figure 3
EN
GND
LX
VOUT
2
3
5
4
1
VIN
GND
V
IN
V
OUT
C
OUT
C
IN
GND
L
EN
GND
LX
FB
2
3
5
4
1
VIN
GND
V
IN
V
OUT
C
OUT
C
IN
GND
C1
R1
R2
L
V
OUT


Similar Part No. - RT8008

ManufacturerPart #DatasheetDescription
logo
Richtek Technology Corp...
RT8008-12GB RICHTEK-RT8008-12GB Datasheet
388Kb / 14P
   1.0V, 1.2V, 1.5V, 1.8V, 2.5V and 3.3V Fixed/Adjustable Output Voltage
RT8008-15PB RICHTEK-RT8008-15PB Datasheet
388Kb / 14P
   1.0V, 1.2V, 1.5V, 1.8V, 2.5V and 3.3V Fixed/Adjustable Output Voltage
RT8008-15PB RICHTEK-RT8008-15PB Datasheet
454Kb / 10P
   Evaluation Board
RT8008-25GB RICHTEK-RT8008-25GB Datasheet
388Kb / 14P
   1.0V, 1.2V, 1.5V, 1.8V, 2.5V and 3.3V Fixed/Adjustable Output Voltage
RT8008-25GB RICHTEK-RT8008-25GB Datasheet
454Kb / 10P
   Evaluation Board
More results

Similar Description - RT8008

ManufacturerPart #DatasheetDescription
logo
Richtek Technology Corp...
RT8016L RICHTEK-RT8016L Datasheet
246Kb / 13P
   1.5MHz, 600mA, High Efficiency PWM Step-Down DC/DC Converter
logo
Lowpower Semiconductor ...
LP3203 POWER-LP3203 Datasheet
360Kb / 10P
   1.5MHZ,600mA,High Efficiency Synchronous PWM Step-Down DC/DC Convert
logo
Richtek Technology Corp...
RT8024 RICHTEK-RT8024 Datasheet
369Kb / 13P
   1.5MHz, 400mA, High Efficiency PWM Step-Down DC/DC Converter
logo
ELM Electronics
ELM603 ELM-ELM603 Datasheet
1Mb / 7P
   1.5A 1.5MHz high efficiency PWM step down DC/DC converter
logo
Richtek Technology Corp...
RT8016 RICHTEK-RT8016 Datasheet
254Kb / 14P
   1.5MHz, 1A, High Efficiency PWM Step-Down DC/DC Converter
RT8010 RICHTEK-RT8010 Datasheet
397Kb / 15P
   1.5MHz, 1A, High Efficiency PWM Step-Down DC/DC Converter
RT8059 RICHTEK-RT8059 Datasheet
265Kb / 10P
   1.5MHz, 1A, High Efficiency PWM Step-Down DC/DC Converter
RT8010GQW RICHTEK-RT8010GQW Datasheet
332Kb / 15P
   1.5MHz, 1A, High Efficiency PWM Step-Down DC/DC Converter
RT8010B RICHTEK-RT8010B Datasheet
255Kb / 12P
   1.5MHz, 800mA, High Efficiency PWM Step-Down DC/DC Converter
RT8026 RICHTEK-RT8026 Datasheet
274Kb / 12P
   1.5MHz, 1A, High Efficiency PWM Step-Down DC/DC Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com