Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

3.0SMCJ70A Datasheet(PDF) 3 Page - Pan Jit International Inc.

Part # 3.0SMCJ70A
Description  SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANJIT [Pan Jit International Inc.]
Direct Link  http://www.panjit.com.tw
Logo PANJIT - Pan Jit International Inc.

3.0SMCJ70A Datasheet(HTML) 3 Page - Pan Jit International Inc.

  3.0SMCJ70A Datasheet HTML 1Page - Pan Jit International Inc. 3.0SMCJ70A Datasheet HTML 2Page - Pan Jit International Inc. 3.0SMCJ70A Datasheet HTML 3Page - Pan Jit International Inc. 3.0SMCJ70A Datasheet HTML 4Page - Pan Jit International Inc. 3.0SMCJ70A Datasheet HTML 5Page - Pan Jit International Inc.  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
PAGE . 3
STAD-MAY.25.2007
3.0SMCJ SERIES
r
e
b
m
u
N
t
r
a
P
V RW M
V BR
I
@
T
IR @VRWM
VC @IPP
e
d
o
C
g
n
i
k
r
a
M
.
n
i
M
.
x
a
M
I T
-
I
N
U
-
I
B
-
I
N
U
-
I
B
V
V
V
A
m
µ
µ
µ
µ
µ A
µ
µ
µ
µ
µ A
V
A
-
I
N
U
-
I
B
r
o
s
s
e
r
p
p
u
S
e
g
a
t
l
o
V
t
n
e
i
s
n
a
r
T
W
0
0
0
3
3
4
J
C
M
S
0
.
3
C
3
4
J
C
M
S
0
.
3
3
4
8
.
7
4
5
.
0
6
1
5
5
7
.
6
7
2
.
9
3
S
F
H
S
F
I
A
3
4
J
C
M
S
0
.
3
A
C
3
4
J
C
M
S
0
.
3
3
4
8
.
7
4
9
.
4
5
1
5
5
4
.
9
6
2
.
3
4
T
F
H
T
F
I
5
4
J
C
M
S
0
.
3
C
5
4
J
C
M
S
0
.
3
5
4
0
5
3
.
3
6
1
5
5
3
.
0
8
4
.
7
3
U
F
H
U
F
I
A
5
4
J
C
M
S
0
.
3
A
C
5
4
J
C
M
S
0
.
3
5
4
0
5
5
.
7
5
1
5
5
7
.
2
7
2
.
1
4
V
F
H
V
F
I
8
4
J
C
M
S
0
.
3
C
8
4
J
C
M
S
0
.
3
8
4
3
.
3
5
5
.
7
6
1
5
5
5
.
5
8
5
3
W
F
H
W
F
I
A
8
4
J
C
M
S
0
.
3
A
C
8
4
J
C
M
S
0
.
3
8
4
3
.
3
5
3
.
1
6
1
5
5
4
.
7
7
8
.
8
3
X
F
H
X
F
I
1
5
J
C
M
S
0
.
3
C
1
5
J
C
M
S
0
.
3
1
5
7
.
6
5
8
.
1
7
1
5
5
1
.
1
9
7
3
Y
F
H
Y
F
I
A
1
5
J
C
M
S
0
.
3
A
C
1
5
J
C
M
S
0
.
3
1
5
7
.
6
5
2
.
5
6
1
5
5
4
.
2
8
4
.
6
3
Z
F
H
Z
F
I
4
5
J
C
M
S
0
.
3
C
4
5
J
C
M
S
0
.
3
4
5
0
6
6
7
1
5
5
3
.
6
9
2
.
1
3
D
G
H
D
G
I
A
4
5
J
C
M
S
0
.
3
A
C
4
5
J
C
M
S
0
.
3
4
5
0
6
9
6
1
5
5
1
.
7
8
4
.
4
3
E
G
H
E
G
I
8
5
J
C
M
S
0
.
3
C
8
5
J
C
M
S
0
.
3
8
5
4
.
4
6
6
.
1
8
1
5
5
3
0
1
2
.
9
3
F
G
H
F
G
I
A
8
5
J
C
M
S
0
.
3
A
C
8
5
J
C
M
S
0
.
3
8
5
4
.
4
6
1
.
4
7
1
5
5
6
.
3
9
2
3
G
G
H
G
G
I
0
6
J
C
M
S
0
.
3
C
0
6
J
C
M
S
0
.
3
0
6
7
.
6
6
5
.
4
8
1
5
5
7
0
1
8
2
H
G
H
H
G
I
A
0
6
J
C
M
S
0
.
3
A
C
0
6
J
C
M
S
0
.
3
0
6
7
.
6
6
7
.
6
7
1
5
5
8
.
6
9
1
3
K
G
H
K
G
I
4
6
J
C
M
S
0
.
3
C
4
6
J
C
M
S
0
.
3
4
6
1
.
1
7
1
.
0
9
1
5
5
4
1
1
4
.
6
2
L
G
H
L
G
I
A
4
6
J
C
M
S
0
.
3
A
C
4
6
J
C
M
S
0
.
3
4
6
1
.
1
7
8
.
1
8
1
5
5
3
0
1
2
.
9
2
M
G
H
M
G
I
0
7
J
C
M
S
0
.
3
C
0
7
J
C
M
S
0
.
3
0
7
8
.
7
7
6
.
8
9
1
5
5
5
2
1
4
2
N
G
H
N
G
I
A
0
7
J
C
M
S
0
.
3
A
C
0
7
J
C
M
S
0
.
3
0
7
8
.
7
7
5
.
9
8
1
5
5
3
1
1
6
.
6
2
P
G
H
P
G
I
5
7
J
C
M
S
0
.
3
C
5
7
J
C
M
S
0
.
3
5
7
3
.
3
8
7
.
5
0
1
1
5
5
4
3
1
4
.
2
2
Q
G
H
Q
G
I
A
5
7
J
C
M
S
0
.
3
A
C
5
7
J
C
M
S
0
.
3
5
7
3
.
3
8
8
.
5
9
1
5
5
1
2
1
8
.
4
2
R
G
H
R
G
I
8
7
J
C
M
S
0
.
3
C
8
7
J
C
M
S
0
.
3
8
7
7
.
6
8
8
.
9
0
1
1
5
5
9
3
1
6
.
1
2
S
G
H
S
G
I
A
8
7
J
C
M
S
0
.
3
A
C
8
7
J
C
M
S
0
.
3
8
7
7
.
6
8
7
.
9
9
1
5
5
6
2
1
8
.
2
2
T
G
H
T
G
I
5
8
J
C
M
S
0
.
3
C
5
8
J
C
M
S
0
.
3
5
8
4
.
4
9
2
.
9
1
1
1
5
5
1
5
1
8
.
9
1
U
G
H
U
G
I
A
5
8
J
C
M
S
0
.
3
A
C
5
8
J
C
M
S
0
.
3
5
8
4
.
4
9
2
.
8
0
1
1
5
5
7
3
1
8
.
0
2
V
G
H
V
G
I
0
9
J
C
M
S
0
.
3
C
0
9
J
C
M
S
0
.
3
0
9
0
0
1
5
.
6
2
1
1
5
5
0
6
1
8
.
8
1
W
G
H
W
G
I
A
0
9
J
C
M
S
0
.
3
A
C
0
9
J
C
M
S
0
.
3
0
9
0
0
1
5
.
5
1
1
1
5
5
6
4
1
6
.
0
2
X
G
H
X
G
I
0
0
1
J
C
M
S
0
.
3
C
0
0
1
J
C
M
S
0
.
3
0
0
1
1
1
1
1
4
1
1
5
5
9
7
1
6
.
6
1
Y
G
H
Y
G
I
A
0
0
1
J
C
M
S
0
.
3
A
C
0
0
1
J
C
M
S
0
.
3
0
0
1
1
1
1
8
2
1
1
5
5
2
6
1
6
.
8
1
Z
G
H
Z
G
I
0
1
1
J
C
M
S
0
.
3
C
0
1
1
J
C
M
S
0
.
3
0
1
1
2
2
1
5
.
4
5
1
1
5
5
6
9
1
4
.
5
1
D
H
H
D
H
I
A
0
1
1
J
C
M
S
0
.
3
A
C
0
1
1
J
C
M
S
0
.
3
0
1
1
2
2
1
5
.
0
4
1
1
5
5
7
7
1
8
.
6
1
E
H
H
E
H
I
0
2
1
J
C
M
S
0
.
3
C
0
2
1
J
C
M
S
0
.
3
0
2
1
3
3
1
9
6
1
1
5
5
4
1
2
4
1
F
H
H
F
H
I
A
0
2
1
J
C
M
S
0
.
3
A
C
0
2
1
J
C
M
S
0
.
3
0
2
1
3
3
1
3
5
1
1
5
5
3
9
1
6
.
5
1
G
H
H
G
H
I
0
3
1
J
C
M
S
0
.
3
C
0
3
1
J
C
M
S
0
.
3
0
3
1
4
4
1
5
.
2
8
1
1
5
5
1
3
2
3
1
H
H
H
H
H
I
A
0
3
1
J
C
M
S
0
.
3
A
C
0
3
1
J
C
M
S
0
.
3
0
3
1
4
4
1
5
.
5
6
1
1
5
5
9
0
2
4
.
4
1
K
H
H
K
H
I
0
5
1
J
C
M
S
0
.
3
C
0
5
1
J
C
M
S
0
.
3
0
5
1
7
6
1
5
.
1
1
2
1
5
5
8
6
2
2
.
1
1
L
H
H
L
H
I
A
0
5
1
J
C
M
S
0
.
3
A
C
0
5
1
J
C
M
S
0
.
3
0
5
1
7
6
1
5
.
2
9
1
1
5
5
3
4
2
4
.
2
1
M
H
H
M
H
I
0
6
1
J
C
M
S
0
.
3
C
0
6
1
J
C
M
S
0
.
3
0
6
1
8
7
1
6
2
2
1
5
5
7
8
2
4
.
0
1
N
H
H
N
H
I
A
0
6
1
J
C
M
S
0
.
3
A
C
0
6
1
J
C
M
S
0
.
3
0
6
1
8
7
1
5
0
2
1
5
5
9
5
2
6
.
1
1
P
H
H
P
H
I
0
7
1
J
C
M
S
0
.
3
C
0
7
1
J
C
M
S
0
.
3
0
7
1
9
8
1
5
.
9
3
2
1
5
5
4
0
3
8
.
9
Q
H
H
Q
H
I
A
0
7
1
J
C
M
S
0
.
3
A
C
0
7
1
J
C
M
S
0
.
3
0
7
1
9
8
1
5
.
7
1
2
1
5
5
5
7
2
1
1
R
H
H
R
H
I
0
8
1
J
C
M
S
0
.
3
C
0
8
1
J
C
M
S
0
.
3
0
8
1
8
9
1
8
.
3
5
2
1
5
5
2
2
3
3
.
9
S
H
H
S
H
I
A
0
8
1
J
C
M
S
0
.
3
A
C
0
8
1
J
C
M
S
0
.
3
0
8
1
8
9
1
4
.
0
3
2
1
5
5
2
9
2
3
.
0
1
T
H
H
T
H
I
0
9
1
J
C
M
S
0
.
3
C
0
9
1
J
C
M
S
0
.
3
0
9
1
9
0
2
9
.
7
6
2
1
5
5
0
4
3
8
.
8
U
H
H
U
H
I
A
0
9
1
J
C
M
S
0
.
3
A
C
0
9
1
J
C
M
S
0
.
3
0
9
1
9
0
2
2
.
3
4
2
1
5
5
8
0
3
7
.
9
V
H
H
V
H
I
0
0
2
J
C
M
S
0
.
3
C
0
0
2
J
C
M
S
0
.
3
0
0
2
0
2
2
2
8
2
1
5
5
8
5
3
4
.
8
W
H
H
W
H
I
A
0
0
2
J
C
M
S
0
.
3
A
C
0
0
2
J
C
M
S
0
.
3
0
0
2
0
2
2
6
5
2
1
5
5
4
2
3
3
.
9
X
H
H
X
H
I
0
1
2
J
C
M
S
0
.
3
C
0
1
2
J
C
M
S
0
.
3
0
1
2
1
3
2
1
.
6
9
2
1
5
5
6
7
3
8
.
7
Y
H
H
Y
H
I
A
0
1
2
J
C
M
S
0
.
3
A
C
0
1
2
J
C
M
S
0
.
3
0
1
2
1
3
2
8
.
8
6
2
1
5
5
0
4
3
8
.
8
Z
H
H
Z
H
I
0
2
2
J
C
M
S
0
.
3
C
0
2
2
J
C
M
S
0
.
3
0
2
2
2
4
2
2
.
0
1
3
1
5
5
4
9
3
6
.
7
D
I
H
D
I
I
A
0
2
2
J
C
M
S
0
.
3
A
C
0
2
2
J
C
M
S
0
.
3
0
2
2
2
4
2
6
.
1
8
2
1
5
5
6
5
3
4
.
8
E
I
H
E
I
I


Similar Part No. - 3.0SMCJ70A

ManufacturerPart #DatasheetDescription
logo
Won-Top Electronics
3.0SMCJ70A WTE-3.0SMCJ70A Datasheet
65Kb / 5P
   3000W SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSORS
logo
Shenzhen Taychipst Elec...
3.0SMCJ70A TAYCHIPST-3.0SMCJ70A Datasheet
2Mb / 4P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
logo
Won-Top Electronics
3.0SMCJ70A WTE-3.0SMCJ70A Datasheet
81Kb / 6P
   3000W SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
logo
First Components Intern...
3.0SMCJ70A FCI-3.0SMCJ70A Datasheet
939Kb / 5P
   5.0V to 220V SMD TRANSIENT VOLTAGE SUPPRESSORS
logo
Taiwan Semiconductor Co...
3.0SMCJ70A TSC-3.0SMCJ70A Datasheet
73Kb / 4P
   Surface Mount Transient Voltage Suppressor
More results

Similar Description - 3.0SMCJ70A

ManufacturerPart #DatasheetDescription
logo
EIC discrete Semiconduc...
SMBJ50 EIC-SMBJ50 Datasheet
110Kb / 4P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
STUB06I EIC-STUB06I_05 Datasheet
79Kb / 4P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
logo
Diotech Company.
3.0SMCJ5.0 DIOTECH-3.0SMCJ5.0 Datasheet
1Mb / 3P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
logo
EIC discrete Semiconduc...
3.0SMCJ11 EIC-3.0SMCJ11 Datasheet
58Kb / 4P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
3.0SMCJ11C EIC-3.0SMCJ11C Datasheet
57Kb / 4P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
logo
MIC GROUP RECTIFIERS
SMB5.0 MIC-SMB5.0 Datasheet
74Kb / 4P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
logo
Pan Jit International I...
SMF5.0A_SERIES PANJIT-SMF5.0A_SERIES_14 Datasheet
84Kb / 6P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
logo
Sangdest Microelectroni...
3.0SMCJ-GT3 SMC-3.0SMCJ-GT3 Datasheet
291Kb / 5P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
logo
PACELEADER INDUSTRIAL
SMAJ PACELEADER-SMAJ Datasheet
4Mb / 4P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
SMBJ PACELEADER-SMBJ Datasheet
342Kb / 5P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
SMCJ PACELEADER-SMCJ Datasheet
349Kb / 5P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com