Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CB1GSA131560200 Datasheet(PDF) 4 Page - Bookham, Inc.

Part # CB1GSA131560200
Description  Banded Skip Filters for 100GHz Add/Drop Multiplexing
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BOOKHAM [Bookham, Inc.]
Direct Link  
Logo BOOKHAM - Bookham, Inc.

CB1GSA131560200 Datasheet(HTML) 4 Page - Bookham, Inc.

  CB1GSA131560200 Datasheet HTML 1Page - Bookham, Inc. CB1GSA131560200 Datasheet HTML 2Page - Bookham, Inc. CB1GSA131560200 Datasheet HTML 3Page - Bookham, Inc. CB1GSA131560200 Datasheet HTML 4Page - Bookham, Inc. CB1GSA131560200 Datasheet HTML 5Page - Bookham, Inc. CB1GSA131560200 Datasheet HTML 6Page - Bookham, Inc.  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
Data Sheet
4
CONNECTOR TYPE
LU = LC/UPC
FU = FC/UPC
FA = FC/APC
SU = SC/UPC
SA = SC/APC
MU = MU
.....
NA = NONE
CC = COMBO (See Spec)
CENTER WAVELENGTH (nm)
1560200 = 1560.200
or
FREQUENCY (THz)
F192.150 = 192.150
CWL found in the table below.
Center Wavelength is center
of band and may be on 50GHz
ITU grid.
4 digit SPEC #
to be found in the
table on page 2
C B 1 S L U 3 2156 0200
PACKAGE TYPE
S = STD (5.5 mm dia)
C = COMPACT (3.2 mm dia)
H = INNER HOUSING ONLY
R = RUGGED (See Spec)
Z = CUSTOM (See Spec)
G = ALL GLASS
FIBER TYPE
1 = 900 µm Loose Tube
2 = 2 mm Jacketed
3 = 250 µm Bare Fibre
4 = 900 µm Tight Buffer
9 = See Specification
FIBER LENGTH
1 = 1 Meter Min.
2 = 2 Meter Min.
3 = 3 Meter Min.
4 = 1.5 Meter Min.
5 = 2.5 Meter Min.
6 = 1-1.5 Meter
7 = 0.9-1.0 Meter
8 = Multiple
9 = See Specification
Ordering Information
Band filter numbering convention
Channel Plans:
CWL (nm)
CWL (THz)
Banded (Skipped) Channels
2s0
1560.200
192.150
Ch’s 20, 21
1558.578
192.350
Ch’s 22, 23
1556.959
192.550
Ch’s 24, 25
1555.343
192.750
Ch’s 26, 27
1553.731
192.950
Ch’s 28, 29
1552.122
193.150
Ch’s 30, 31
1550.517
193.350
Ch’s 32, 33
1548.915
193.550
Ch’s 34, 35
1547.316
193.750
Ch’s 36, 37
1545.720
193.950
Ch’s 38, 39
1544.128
194.150
Ch’s 40, 41
1542.539
194.350
Ch’s 42, 43
1540.953
194.550
Ch’s 44, 45
1539.371
194.750
Ch’s 46, 47
1537.792
194.950
Ch’s 48, 49
1536.216
195.150
Ch’s 50, 51


Similar Part No. - CB1GSA131560200

ManufacturerPart #DatasheetDescription
logo
Bookham, Inc.
CB1GSA131560200 BOOKHAM-CB1GSA131560200 Datasheet
203Kb / 6P
   Banded Skip Filters for 100GHz Add/Drop Multiplexing
More results

Similar Description - CB1GSA131560200

ManufacturerPart #DatasheetDescription
logo
Bookham, Inc.
CB1SLU111560200 BOOKHAM-CB1SLU111560200 Datasheet
203Kb / 6P
   Banded Skip Filters for 100GHz Add/Drop Multiplexing
CBWSLU1115533290653 BOOKHAM-CBWSLU1115533290653 Datasheet
200Kb / 3P
   Band Filters for 200GHz Add/Drop Multiplexing
MXWL04010315 BOOKHAM-MXWL04010315 Datasheet
169Kb / 3P
   4 Band (10-skip-0) Optical Add/Drop Multiplexer for 40 Channel systems
logo
JDS Uniphase Corporatio...
MDX-01AD1018B JDSU-MDX-01AD1018B Datasheet
238Kb / 4P
   100 GHz Dense Wavelength Division Multiplexing Optical Add/Drop Module
logo
OPLINK Communications I...
OFMSMMD OPLINK-OFMSMMD Datasheet
213Kb / 2P
   Add/Drop Optical Fiber Switches
OFMSSMD OPLINK-OFMSSMD Datasheet
308Kb / 2P
   Add/Drop Optical Fiber Switches
logo
MRV Communications, Inc...
MRV-FD-PADX MRV-MRV-FD-PADX Datasheet
751Kb / 4P
   CWDM Passive Optical Add/Drop Multiplexers
logo
JDS Uniphase Corporatio...
ADM-1F2721010 JDSU-ADM-1F2721010 Datasheet
92Kb / 4P
   Filter Add/Drop Module 100 GHz Spacing
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com