Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TLV3012AIDCKT Datasheet(PDF) 9 Page - Burr-Brown (TI)

[Old version datasheet] Texas Instruments acquired Burr-Brown Corporation. Click here to check the latest version.
Part # TLV3012AIDCKT
Description  Nanopower, 1.8V, SOT23 Comparator with Voltage Reference
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BURR-BROWN [Burr-Brown (TI)]
Direct Link  http://www.burr-brown.com
Logo BURR-BROWN - Burr-Brown (TI)

TLV3012AIDCKT Datasheet(HTML) 9 Page - Burr-Brown (TI)

Back Button TLV3012AIDCKT Datasheet HTML 5Page - Burr-Brown (TI) TLV3012AIDCKT Datasheet HTML 6Page - Burr-Brown (TI) TLV3012AIDCKT Datasheet HTML 7Page - Burr-Brown (TI) TLV3012AIDCKT Datasheet HTML 8Page - Burr-Brown (TI) TLV3012AIDCKT Datasheet HTML 9Page - Burr-Brown (TI) TLV3012AIDCKT Datasheet HTML 10Page - Burr-Brown (TI) TLV3012AIDCKT Datasheet HTML 11Page - Burr-Brown (TI) TLV3012AIDCKT Datasheet HTML 12Page - Burr-Brown (TI) TLV3012AIDCKT Datasheet HTML 13Page - Burr-Brown (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 16 page
background image
TLV3011, TLV3012
SBOS300B
9
www.ti.com
FIGURE 4. The TLV3011 or TLV3012 Configured as a
Power Up Reset Circuit for the MSP430.
POWER-ON RESET
The reset circuit shown in Figure 4 provides a time delayed
release of reset to the MSP430 microcontroller. Operation of
the circuit is based on a stabilization time constant of the
supply voltage, rather than on a predetermined voltage
value. The negative input is a reference voltage created by
the internal voltage reference. The positive input is an RC
circuit that provides a power-up delay. When power is ap-
plied, the output of the comparator is low, holding the
processor in the reset condition. Only after allowing time for
the supply voltage to stabilize does the positive input of the
comparator become higher than the negative input, resulting
in a high output state, releasing the processor for operation.
The stabilization time required for the supply voltage is
adjustable by the selection of the RC component values. Use
of a lower-valued resistor in this portion of the circuit will not
increase current consumption because no current flows
through the RC circuit after the supply has stabilized.
FIGURE 5. TLV3012 Configured as a Relaxation Oscillator.
V+
TLV301x
C
1
10nF
DI
R
1
1M
R
PULL-UP
(1)
10k
RESET
MSP430
1.242V
REF
NOTE: (1) Use R
PULL-UP with the TLV3011 only.
The reset delay needed depends on the power-up character-
istics of the system power supply. R1 and C1 are selected to
allow enough time for the power supply to stabilize. D1
provides rapid reset if power is lost. In this example, the
R1 • C1 time constant is 10mS.
RELAXATION OSCILLATOR
The TLV3012 can be configured as a relaxation oscillator as
in Figure 5 to provide a simple and inexpensive clock output.
The capacitor is charged at a rate of T = 0.69RC. It also
discharges at a rate of 0.69RC. Therefore, the period is
T = 1.38RC. R1 may be a different value than R2.
V+
F = 724Hz
V+
2/3 (V+)
1/3 (V+)
R
2
1M
R
1
1M
R
2
1M
R
2
1M
V
OUT
V
C
V+
t
C
1000pF
T
1
T
2
t
TLV3012


Similar Part No. - TLV3012AIDCKT

ManufacturerPart #DatasheetDescription
logo
Burr-Brown (TI)
TLV3012AIDCKT BURR-BROWN-TLV3012AIDCKT Datasheet
236Kb / 13P
   Nanopower, 1.8V, SOT23 Comparator with Voltage Reference
logo
Texas Instruments
TLV3012AIDCKT TI-TLV3012AIDCKT Datasheet
1Mb / 40P
[Old version datasheet]   TLV3011, TLV3012, TLV3011B and TLV3012B Low-Power Comparators With Integrated 1.24 V Voltage Reference
REVISED APRIL 2023
More results

Similar Description - TLV3012AIDCKT

ManufacturerPart #DatasheetDescription
logo
Burr-Brown (TI)
TLV3012 BURR-BROWN-TLV3012 Datasheet
236Kb / 13P
   Nanopower, 1.8V, SOT23 Comparator with Voltage Reference
logo
Silicon Laboratories
TSM917 SILABS-TSM917 Datasheet
1Mb / 15P
   1.8V Nanopower Comparator with Internal 1.245V Reference
logo
Touchstone Semiconducto...
TSM917 TOUCHSTONE-TSM917 Datasheet
686Kb / 14P
   1.8V Nanopower Comparator with Internal 1.245V Reference
logo
Linear Technology
LTC1540 LINER-LTC1540 Datasheet
247Kb / 12P
   Nanopower Comparator with Reference
LTC1540CDD LINER-LTC1540CDD Datasheet
147Kb / 12P
   Nanopower Comparator with Reference
logo
Maxim Integrated Produc...
MAX9015AEKAT MAXIM-MAX9015AEKAT Datasheet
430Kb / 17P
   SOT23, Dual, Precision, 1.8V, Nanopower Comparators With/Without Reference
Rev 3; 10/13
MAX9015 MAXIM-MAX9015_09 Datasheet
430Kb / 17P
   SOT23, Dual, Precision, 1.8V, Nanopower Comparators With/Without Reference
Rev 2; 12/09
MAX9015 MAXIM-MAX9015 Datasheet
446Kb / 16P
   SOT23, Dual, Precision, 1.8V, Nanopower Comparators With/Without Reference
Rev 1; 7/03
logo
Linear Technology
LTC1540 LINER-LTC1540_15 Datasheet
160Kb / 12P
   Nanopower Comparator with Reference
logo
Texas Instruments
TLV3012-Q1 TI1-TLV3012-Q1 Datasheet
504Kb / 17P
[Old version datasheet]   NANOPOWER 1.8-V COMPARATOR WITH VOLTAGE REFERENCE
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com