Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BAS40CW Datasheet(PDF) 3 Page - Pan Jit International Inc.

Part # BAS40CW
Description  SURFACE MOUNT SCHOTTKY DIODES
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANJIT [Pan Jit International Inc.]
Direct Link  http://www.panjit.com.tw
Logo PANJIT - Pan Jit International Inc.

BAS40CW Datasheet(HTML) 3 Page - Pan Jit International Inc.

  BAS40CW Datasheet HTML 1Page - Pan Jit International Inc. BAS40CW Datasheet HTML 2Page - Pan Jit International Inc. BAS40CW Datasheet HTML 3Page - Pan Jit International Inc.  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
PAGE . 3
STAD-MAR.23.2004
ORDER INFORMATION
LEGAL STATEMENT
IMPORTANT NOTICE
This information is intended to unambiguously characterize the product in order to facilitate the customer's evaluation
of the device in the application. The information will help the customer's technical experts determine that the device is
compatible and interchangeable with similar devices made by other vendors. The information in this data sheet is believed
to be reliable and accurate. The specifications and information herein are subject to change without notice. New products
and improvements in products and product characterization are constantly in process. Therefore, the factory should be
consulted for the most recent information and for any special characteristics not described or specified.
Copyright Pan Jit International Inc. 2003
All rights reserved. Reproduction in whole or in part is prohibited without the prior written consent of the copyright
owner.
The information presented in this document does not form part of any quotation or contract. The information presented is
believed to be accurate and reliable, and may change without notice in advance. No liability will be accepted by the
publisher for any consequence of use.Publication thereof does not convey nor imply any license under patent or other
industrial or intellectual property rights.
MOUNTING PAD LAYOUT
• Packing information
T/R - 12K per 13" plastic Reel
T/R - 3.0K per 7" plastic Reel
0.025(0.65)
0.028(0.7)
SOT-323
Unit: inch (mm)


Similar Part No. - BAS40CW

ManufacturerPart #DatasheetDescription
logo
Won-Top Electronics
BAS40CW WTE-BAS40CW Datasheet
59Kb / 4P
   SURFACE MOUNT SCHOTTKY BARRIER DIODE
logo
Pan Jit International I...
BAS40CW PANJIT-BAS40CW Datasheet
124Kb / 3P
   SURFACE MOUNT SCHOTTKY DIODES
BAS40CW-AU PANJIT-BAS40CW-AU Datasheet
256Kb / 5P
   SURFACE MOUNT SCHOTTKY DIODES
January 14,2019-REV.00
BAS40CW-AU_R1_000A1 PANJIT-BAS40CW-AU_R1_000A1 Datasheet
256Kb / 5P
   SURFACE MOUNT SCHOTTKY DIODES
January 14,2019-REV.00
logo
Won-Top Electronics
BAS40CW-T1 WTE-BAS40CW-T1 Datasheet
59Kb / 4P
   SURFACE MOUNT SCHOTTKY BARRIER DIODE
More results

Similar Description - BAS40CW

ManufacturerPart #DatasheetDescription
logo
Pan Jit International I...
BAS40WS PANJIT-BAS40WS Datasheet
48Kb / 3P
   SURFACE MOUNT SCHOTTKY DIODES
BAS70WS PANJIT-BAS70WS Datasheet
61Kb / 3P
   SURFACE MOUNT SCHOTTKY DIODES
MMBD717WS PANJIT-MMBD717WS Datasheet
156Kb / 3P
   SURFACE MOUNT SCHOTTKY DIODES
MMBD770W PANJIT-MMBD770W Datasheet
166Kb / 3P
   SURFACE MOUNT SCHOTTKY DIODES
logo
Weitron Technology
M5817 WEITRON-M5817 Datasheet
78Kb / 3P
   Surface Mount Schottky Diodes
MM18L WEITRON-MM18L Datasheet
210Kb / 3P
   Surface Mount Schottky Diodes
logo
Pan Jit International I...
RB521S30 PANJIT-RB521S30_09 Datasheet
112Kb / 3P
   SURFACE MOUNT SCHOTTKY DIODES
BAS70W PANJIT-BAS70W_09 Datasheet
104Kb / 3P
   SURFACE MOUNT SCHOTTKY DIODES
BAS70TS PANJIT-BAS70TS Datasheet
107Kb / 3P
   SURFACE MOUNT SCHOTTKY DIODES
BAS70WS PANJIT-BAS70WS_09 Datasheet
123Kb / 3P
   SURFACE MOUNT SCHOTTKY DIODES
BAT54AW-AU PANJIT-BAT54AW-AU Datasheet
246Kb / 5P
   SURFACE MOUNT SCHOTTKY DIODES
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com