Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

3KP33A Datasheet(PDF) 3 Page - Pan Jit International Inc.

Part # 3KP33A
Description  GLASS PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANJIT [Pan Jit International Inc.]
Direct Link  http://www.panjit.com.tw
Logo PANJIT - Pan Jit International Inc.

3KP33A Datasheet(HTML) 3 Page - Pan Jit International Inc.

  3KP33A Datasheet HTML 1Page - Pan Jit International Inc. 3KP33A Datasheet HTML 2Page - Pan Jit International Inc. 3KP33A Datasheet HTML 3Page - Pan Jit International Inc. 3KP33A Datasheet HTML 4Page - Pan Jit International Inc.  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
PAGE . 3
STAD-MAY.25.2007
3KP SREIES
r
e
b
m
u
N
t
r
a
P
V RWM
V BR
I
@
T
IR @VRWM
VC @IPP
e
d
o
C
g
n
i
k
r
a
M
.
n
i
M
.
x
a
M
I T
-
I
N
U
-
I
B
-
I
N
U
-
I
B
V
V
V
A
m
µ
µ
µ
µ
µ A
µ
µ
µ
µ
µ A
V
A
-
I
N
U
-
I
B
r
o
s
s
e
r
p
p
u
S
e
g
a
t
l
o
V
t
n
e
i
s
n
a
r
T
W
0
0
0
3
3
4
P
K
3
C
3
4
P
K
3
0
0
.
3
4
8
.
7
4
5
.
0
6
1
5
5
7
.
6
7
2
.
9
3
3
4
P
K
3
C
3
4
P
K
3
A
3
4
P
K
3
A
C
3
4
P
K
3
3
4
8
.
7
4
9
.
4
5
1
5
5
4
.
9
6
2
.
3
4
A
3
4
P
K
3
A
C
3
4
P
K
3
5
4
P
K
3
C
5
4
P
K
3
5
4
0
5
3
.
3
6
1
5
5
3
.
0
8
4
.
7
3
5
4
P
K
3
C
5
4
P
K
3
A
5
4
P
K
3
A
C
5
4
P
K
3
5
4
0
5
5
.
7
5
1
5
5
7
.
2
7
2
.
1
4
A
5
4
P
K
3
A
C
5
4
P
K
3
8
4
P
K
3
C
8
4
P
K
3
8
4
3
.
3
5
5
.
7
6
1
5
5
5
.
5
8
5
3
8
4
P
K
3
C
8
4
P
K
3
A
8
4
P
K
3
A
C
8
4
P
K
3
8
4
3
.
3
5
3
.
1
6
1
5
5
4
.
7
7
8
.
8
3
A
8
4
P
K
3
A
C
8
4
P
K
3
1
5
P
K
3
C
1
5
P
K
3
1
5
7
.
6
5
8
.
1
7
1
5
5
1
.
1
9
7
3
1
5
P
K
3
C
1
5
P
K
3
A
1
5
P
K
3
A
C
1
5
P
K
3
1
5
7
.
6
5
2
.
5
6
1
5
5
4
.
2
8
4
.
6
3
A
1
5
P
K
3
A
C
1
5
P
K
3
4
5
P
K
3
C
4
5
P
K
3
4
5
0
6
6
7
1
5
5
3
.
6
9
2
.
1
3
4
5
P
K
3
C
4
5
P
K
3
A
4
5
P
K
3
A
C
4
5
P
K
3
4
5
0
6
9
6
1
5
5
1
.
7
8
4
.
4
3
A
4
5
P
K
3
A
C
4
5
P
K
3
8
5
P
K
3
C
8
5
P
K
3
8
5
4
.
4
6
6
.
1
8
1
5
5
3
0
1
2
.
9
2
8
5
P
K
3
C
8
5
P
K
3
A
8
5
P
K
3
A
C
8
5
P
K
3
8
5
4
.
4
6
1
.
4
7
1
5
5
6
.
3
9
2
3
A
8
5
P
K
3
A
C
8
5
P
K
3
0
6
P
K
3
C
0
6
P
K
3
0
6
7
.
6
6
5
.
4
8
1
5
5
7
0
1
8
2
0
6
P
K
3
C
0
6
P
K
3
A
0
6
P
K
3
A
C
0
6
P
K
3
0
6
7
.
6
6
7
.
6
7
1
5
5
8
.
6
9
1
3
A
0
6
P
K
3
A
C
0
6
P
K
3
4
6
P
K
3
C
4
6
P
K
3
4
6
1
.
1
7
1
.
0
9
1
5
5
4
1
1
4
.
6
2
4
6
P
K
3
C
4
6
P
K
3
A
4
6
P
K
3
A
C
4
6
P
K
3
4
6
1
.
1
7
8
.
1
8
1
5
5
3
0
1
2
.
9
2
A
4
6
P
K
3
A
C
4
6
P
K
3
0
7
P
K
3
C
0
7
P
K
3
0
7
8
.
7
7
6
.
8
9
1
5
5
5
2
1
4
2
0
7
P
K
3
C
0
7
P
K
3
A
0
7
P
K
3
A
C
0
7
P
K
3
0
7
8
.
7
7
5
.
9
8
1
5
5
3
1
1
6
.
6
2
A
0
7
P
K
3
A
C
0
7
P
K
3
5
7
P
K
3
C
5
7
P
K
3
5
7
3
.
3
8
7
.
5
0
1
1
5
5
4
3
1
4
.
2
2
5
7
P
K
3
C
5
7
P
K
3
A
5
7
P
K
3
A
C
5
7
P
K
3
5
7
3
.
3
8
8
.
5
9
1
5
5
1
2
1
8
.
4
2
A
5
7
P
K
3
A
C
5
7
P
K
3
8
7
P
K
3
C
8
7
P
K
3
8
7
7
.
6
8
8
.
9
0
1
1
5
5
9
3
1
6
.
1
2
8
7
P
K
3
C
8
7
P
K
3
A
8
7
P
K
3
A
C
8
7
P
K
3
8
7
7
.
6
8
7
.
9
9
1
5
5
6
2
1
8
.
2
2
A
8
7
P
K
3
A
C
8
7
P
K
3
5
8
P
K
3
C
5
8
P
K
3
5
8
4
.
4
9
2
.
9
1
1
1
5
5
1
5
1
8
.
9
1
5
8
P
K
3
C
5
8
P
K
3
A
5
8
P
K
3
A
C
5
8
P
K
3
5
8
4
.
4
9
2
.
8
0
1
1
5
5
7
3
1
8
.
0
2
A
5
8
P
K
3
A
C
5
8
P
K
3
0
9
P
K
3
C
0
9
P
K
3
0
9
0
0
1
5
.
6
2
1
1
5
5
0
6
1
8
.
8
1
0
9
P
K
3
C
0
9
P
K
3
A
0
9
P
K
3
A
C
0
9
P
K
3
0
9
0
0
1
5
.
5
1
1
1
5
5
6
4
1
6
.
0
2
A
0
9
P
K
3
A
C
0
9
P
K
3
0
0
1
P
K
3
C
0
0
1
P
K
3
0
0
1
1
1
1
1
4
1
1
5
5
9
7
1
6
.
6
1
0
0
1
P
K
3
C
0
0
1
P
K
3
A
0
0
1
P
K
3
A
C
0
0
1
P
K
3
0
0
1
1
1
1
8
2
1
1
5
5
2
6
1
6
.
8
1
A
0
0
1
P
K
3
A
C
0
0
1
P
K
3
0
1
1
P
K
3
C
0
1
1
P
K
3
0
1
1
2
2
1
5
.
4
5
1
1
5
5
6
9
1
4
.
5
1
0
1
1
P
K
3
C
0
1
1
P
K
3
A
0
1
1
P
K
3
A
C
0
1
1
P
K
3
0
1
1
2
2
1
5
.
0
4
1
1
5
5
7
7
1
8
.
6
1
A
0
1
1
P
K
3
A
C
0
1
1
P
K
3
0
2
1
P
K
3
C
0
2
1
P
K
3
0
2
1
3
3
1
9
6
1
1
5
5
4
1
2
4
1
0
2
1
P
K
3
C
0
2
1
P
K
3
A
0
2
1
P
K
3
A
C
0
2
1
P
K
3
0
2
1
3
3
1
3
5
1
1
5
5
3
9
1
6
.
5
1
A
0
2
1
P
K
3
A
C
0
2
1
P
K
3
0
3
1
P
K
3
C
0
3
1
P
K
3
0
3
1
4
4
1
5
.
2
8
1
1
5
5
1
3
2
3
1
0
3
1
P
K
3
C
0
3
1
P
K
3
A
0
3
1
P
K
3
A
C
0
3
1
P
K
3
0
3
1
4
4
1
5
.
5
6
1
1
5
5
9
0
2
4
.
4
1
A
0
3
1
P
K
3
A
C
0
3
1
P
K
3
0
5
1
P
K
3
C
0
5
1
P
K
3
0
5
1
7
6
1
5
.
1
1
2
1
5
5
8
6
2
2
.
1
1
0
5
1
P
K
3
C
0
5
1
P
K
3
A
0
5
1
P
K
3
A
C
0
5
1
P
K
3
0
5
1
7
6
1
5
.
2
9
1
1
5
5
3
4
2
4
.
2
1
A
0
5
1
P
K
3
A
C
0
5
1
P
K
3
0
6
1
P
K
3
C
0
6
1
P
K
3
0
6
1
8
7
1
6
2
2
1
5
5
7
8
2
4
.
0
1
0
6
1
P
K
3
C
0
6
1
P
K
3
A
0
6
1
P
K
3
A
C
0
6
1
P
K
3
0
6
1
8
7
1
5
0
2
1
5
5
9
5
2
6
.
1
1
A
0
6
1
P
K
3
A
C
0
6
1
P
K
3
0
7
1
P
K
3
C
0
7
1
P
K
3
0
7
1
9
8
1
5
.
9
3
2
1
5
5
4
0
3
8
.
9
0
7
1
P
K
3
C
0
7
1
P
K
3
A
0
7
1
P
K
3
A
C
0
7
1
P
K
3
0
7
1
9
8
1
5
.
7
1
2
1
5
5
5
7
2
1
1
A
0
7
1
P
K
3
A
C
0
7
1
P
K
3
0
8
1
P
K
3
C
0
8
1
P
K
3
0
8
1
8
9
1
8
.
3
5
2
1
5
5
2
2
3
3
.
9
0
8
1
P
K
3
C
0
8
1
P
K
3
A
0
8
1
P
K
3
A
C
0
8
1
P
K
3
0
8
1
8
9
1
4
.
0
3
2
1
5
5
2
9
2
3
.
0
1
A
0
8
1
P
K
3
A
C
0
8
1
P
K
3
0
9
1
P
K
3
C
0
9
1
P
K
3
0
9
1
9
0
2
9
.
7
6
2
1
5
5
0
4
3
8
.
8
0
9
1
P
K
3
C
0
9
1
P
K
3
A
0
9
1
P
K
3
A
C
0
9
1
P
K
3
0
9
1
9
0
2
2
.
3
4
2
1
5
5
8
0
3
7
.
9
A
0
9
1
P
K
3
A
C
0
9
1
P
K
3
0
0
2
P
K
3
C
0
0
2
P
K
3
0
0
2
0
2
2
2
8
2
1
5
5
8
5
3
4
.
8
0
0
2
P
K
3
C
0
0
2
P
K
3
A
0
0
2
P
K
3
A
C
0
0
2
P
K
3
0
0
2
0
2
2
6
5
2
1
5
5
4
2
3
3
.
9
A
0
0
2
P
K
3
A
C
0
0
2
P
K
3
0
1
2
P
K
3
C
0
1
2
P
K
3
0
1
2
1
3
2
1
.
6
9
2
1
5
5
6
7
3
8
.
7
0
1
2
P
K
3
C
0
1
2
P
K
3
A
0
1
2
P
K
3
A
C
0
1
2
P
K
3
0
1
2
1
3
2
8
.
8
6
2
1
5
5
0
4
3
8
.
8
A
0
1
2
P
K
3
A
C
0
1
2
P
K
3
0
2
2
P
K
3
C
0
2
2
P
K
3
0
2
2
2
4
2
2
.
0
1
3
1
5
5
4
9
3
6
.
7
0
2
2
P
K
3
C
0
2
2
P
K
3
A
0
2
2
P
K
3
A
C
0
2
2
P
K
3
0
2
2
2
4
2
6
.
1
8
2
1
5
5
6
5
3
4
.
8
A
0
2
2
P
K
3
A
C
0
2
2
P
K
3


Similar Part No. - 3KP33A

ManufacturerPart #DatasheetDescription
logo
Pan Jit International I...
3KP33A PANJIT-3KP33A Datasheet
173Kb / 6P
   GLASS PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR(VOLTAGE - 5.0 TO 170 Volts 3000 Watt Peak Pulse Power)
logo
Shanghai Leiditech Elec...
3KP33A LEIDITECH-3KP33A Datasheet
819Kb / 5P
   3000W Transient Voltage Suppressor
logo
Pan Jit International I...
3KP33A PANJIT-3KP33A Datasheet
86Kb / 4P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR PEAK PULSE POWER
logo
Shanghai Semitech Semic...
3KP33A SEMITECH-3KP33A Datasheet
500Kb / 4P
   Excellent clamping capability
logo
Surge Components
3KP33A SURGE-3KP33A Datasheet
206Kb / 4P
   GLASS PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR VOLTAGE-5.0 to 170 Volts?
More results

Similar Description - 3KP33A

ManufacturerPart #DatasheetDescription
logo
Transys Electronics
5KP TRSYS-5KP Datasheet
252Kb / 6P
   GLASS PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR
logo
CHENG-YI ELECTRONIC CO....
5KP CHENG-YI-5KP Datasheet
138Kb / 2P
   GLASS PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR
logo
Chenmko Enterprise Co. ...
P6KE6.8PT CHENMKO-P6KE6.8PT Datasheet
108Kb / 5P
   GLASS PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR
logo
List of Unclassifed Man...
1.5KE ETC-1.5KE Datasheet
254Kb / 5P
   GLASS PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR
logo
Weitron Technology
1.5KE43A WEITRON-1.5KE43A Datasheet
73Kb / 1P
   Glass Passivated Junction Transient Voltage Suppressor
logo
MDE Semiconductor, Inc.
SMD15KPA MDE-SMD15KPA Datasheet
311Kb / 3P
   GLASS PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR
logo
Gaomi Xinghe Electronic...
P6KE6.8CA GXELECTRONICS-P6KE6.8CA Datasheet
137Kb / 2P
   GLASS PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR
logo
MDE Semiconductor, Inc.
1N6373 MDE-1N6373_13 Datasheet
55Kb / 2P
   GLASS PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR
logo
Shanghai Shunye Electro...
5KP SHUNYE-5KP Datasheet
890Kb / 4P
   GLASS PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR
5KP5.0 SHUNYE-5KP5.0 Datasheet
674Kb / 4P
   GLASS PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR
logo
MDE Semiconductor, Inc.
RT100KP28A MDE-RT100KP28A_13 Datasheet
259Kb / 4P
   GLASS PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com