Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

EN29SL800B-70MI Datasheet(PDF) 1 Page - Eon Silicon Solution Inc.

Part # EN29SL800B-70MI
Description  8 Megabit (1024K x 8-bit / 512K x 16-bit) Flash Memory Boot Sector Flash Memory, CMOS 1.8 Volt-only
Download  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EON [Eon Silicon Solution Inc.]
Direct Link  http://www.essi.com.tw
Logo EON - Eon Silicon Solution Inc.

EN29SL800B-70MI Datasheet(HTML) 1 Page - Eon Silicon Solution Inc.

  EN29SL800B-70MI Datasheet HTML 1Page - Eon Silicon Solution Inc. EN29SL800B-70MI Datasheet HTML 2Page - Eon Silicon Solution Inc. EN29SL800B-70MI Datasheet HTML 3Page - Eon Silicon Solution Inc. EN29SL800B-70MI Datasheet HTML 4Page - Eon Silicon Solution Inc. EN29SL800B-70MI Datasheet HTML 5Page - Eon Silicon Solution Inc. EN29SL800B-70MI Datasheet HTML 6Page - Eon Silicon Solution Inc. EN29SL800B-70MI Datasheet HTML 7Page - Eon Silicon Solution Inc. EN29SL800B-70MI Datasheet HTML 8Page - Eon Silicon Solution Inc. EN29SL800B-70MI Datasheet HTML 9Page - Eon Silicon Solution Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 43 page
background image
This Data Sheet may be revised by subsequent versions
©2004 Eon Silicon Solution, Inc., www.essi.com.tw
or modifications due to changes in technical specifications.
1
EN29SL800
Rev. D, Issue Date: 2006/11/06
FEATURES
• Single power supply operation
- Full voltage range:1.65-2.2 volt for read and
write operations.
- Ideal for battery-powered applications.
• High performance
- Access times as fast as 70 ns
• Low power consumption (typical values at 5
MHz)
- 15 mA typical active read current
- 15 mA typical program/erase current
- 0.2
μA typical standby current
• Flexible Sector Architecture:
- One 16-Kbyte, two 8-Kbyte, one 32-Kbyte,
and fifteen 64-Kbyte sectors (byte mode)
- One 8-Kword, two 4-Kword, one 16-Kword
and fifteen 32-Kword sectors (word mode)
• Sector protection:
- Hardware locking of sectors to prevent
program or erase operations within individual
sectors
- Additionally, temporary Sector Unprotect
allows code changes in previously locked
sectors.
• High performance program/erase speed
- Byte/Word program time: 5µs/7µs typical
- Sector erase time: 500ms typical
• JEDEC Standard Embedded Erase and
Program Algorithms
• JEDEC standard DATA# polling and toggle
bits feature
• Single Sector and Chip Erase
• Sector Unprotect Mode
• Erase Suspend / Resume modes:
Read or program another Sector during
Erase Suspend Mode
Low Vcc write inhibit < 1.2V
Minimum 100K endurance cycle
• Package Options
- 48-pin TSOP (Type 1)
- 48-ball 6mm x 8mm FBGA
- 48-ball 5mm x 6mm WFBGA
- 48-ball 5mm x 6mm WLGA
• Commercial and industrial temperature
Range
GENERAL DESCRIPTION
The EN29SL800 is an 8-Megabit, electrically erasable, read/write non-volatile flash memory,
organized as 1,048,576 bytes or 524,288 words. Any byte can be programmed typically in 5µs. The
EN29SL800 features 1.8V voltage read and write operation, with access time as fast as 70ns to
eliminate the need for WAIT statements in high-performance microprocessor systems.
The EN29SL800 has separate Output Enable (OE#), Chip Enable (CE#), and Write Enable (WE#)
controls, which eliminate bus contention issues. This device is designed to allow either single Sector
or full chip erase operation, where each sector can be individually protected against program/erase
operations or temporarily unprotected to erase or program. The device can sustain a minimum of
100K program/erase cycles on each sector.
EN29SL800
8 Megabit (1024K x 8-bit / 512K x 16-bit) Flash Memory
Boot Sector Flash Memory, CMOS 1.8 Volt-only


Similar Part No. - EN29SL800B-70MI

ManufacturerPart #DatasheetDescription
logo
Eon Silicon Solution In...
EN29SL160 EON-EN29SL160 Datasheet
369Kb / 46P
   16 Megabit (2048K x 8-bit / 1024K x 16-bit) Flash Memory
EN29SL160B-90BC EON-EN29SL160B-90BC Datasheet
369Kb / 46P
   16 Megabit (2048K x 8-bit / 1024K x 16-bit) Flash Memory
EN29SL160B-90BCP EON-EN29SL160B-90BCP Datasheet
369Kb / 46P
   16 Megabit (2048K x 8-bit / 1024K x 16-bit) Flash Memory
EN29SL160B-90BI EON-EN29SL160B-90BI Datasheet
369Kb / 46P
   16 Megabit (2048K x 8-bit / 1024K x 16-bit) Flash Memory
EN29SL160B-90BIP EON-EN29SL160B-90BIP Datasheet
369Kb / 46P
   16 Megabit (2048K x 8-bit / 1024K x 16-bit) Flash Memory
More results

Similar Description - EN29SL800B-70MI

ManufacturerPart #DatasheetDescription
logo
Eon Silicon Solution In...
EN29LV800 EON-EN29LV800 Datasheet
239Kb / 43P
   8 Megabit (1024K x 8-bit / 512K x 16-bit) Flash Memory Boot Sector Flash Memory, CMOS 3.0 Volt-only
EN29LV800C EON-EN29LV800C_11 Datasheet
407Kb / 41P
   8 Megabit (1024K x 8-bit / 512K x 16-bit) Flash Memory Boot Sector Flash Memory, CMOS 3.0 Volt-only
EN29LV800B EON-EN29LV800B Datasheet
351Kb / 41P
   8 Megabit (1024K x 8-bit / 512K x 16-bit) Flash Memory Boot Sector Flash Memory, CMOS 3.0 Volt-only
logo
List of Unclassifed Man...
EN29F800 ETC-EN29F800 Datasheet
221Kb / 38P
   8 Megabit (1024K x 8-bit / 512K x 16-bit) Flash Memory Boot Sector Flash Memory, CMOS 5.0 Volt-only
logo
Eon Silicon Solution In...
EN29LV800A EON-EN29LV800A Datasheet
590Kb / 41P
   8 Megabit (1024K x 8-bit / 512K x 16-bit) Flash Memory Boot Sector Flash Memory, CMOS 3.0 Volt-only
EN29SL400 EON-EN29SL400 Datasheet
299Kb / 40P
   4 Megabit (512K x 8-bit / 256K x 16-bit) Flash Memory Boot Sector Flash Memory, CMOS 1.8 Volt-only
logo
SPANSION
S29AS008J SPANSION-S29AS008J Datasheet
1Mb / 55P
   8 Megabit (1M x 8-Bit / 512K x 16-Bit) CMOS 1.8 Volt-Only Boot Sector Flash Memory
logo
Eon Silicon Solution In...
EN29LV160 EON-EN29LV160 Datasheet
420Kb / 45P
   16 Megabit (2048K x 8-bit / 1024K x 16-bit) Flash Memory Boot Sector Flash Memory, CMOS 3.0 Volt-only
EN29LV160C EON-EN29LV160C Datasheet
435Kb / 44P
   16 Megabit (2048K x 8-bit / 1024K x 16-bit) Flash Memory Boot Sector Flash Memory, CMOS 3.0 Volt-only
logo
List of Unclassifed Man...
EN29LV160J ETC1-EN29LV160J Datasheet
264Kb / 44P
   16 Megabit (2048K x 8-bit / 1024K x 16-bit) Flash Memory Boot Sector Flash Memory, CMOS 3.0 Volt-only
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com