Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CBWGFA2315533290653 Datasheet(PDF) 1 Page - Bookham, Inc.

Part # CBWGFA2315533290653
Description  Band Filters for 200GHz Add/Drop Multiplexing
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BOOKHAM [Bookham, Inc.]
Direct Link  
Logo BOOKHAM - Bookham, Inc.

CBWGFA2315533290653 Datasheet(HTML) 1 Page - Bookham, Inc.

  CBWGFA2315533290653 Datasheet HTML 1Page - Bookham, Inc. CBWGFA2315533290653 Datasheet HTML 2Page - Bookham, Inc. CBWGFA2315533290653 Datasheet HTML 3Page - Bookham, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
D
Band Filters for 200GHz
Add/Drop Multiplexing
Features
• 4-skip-0, 4-skip-1, & 4-skip-2
filters available
• Deep reflection isolation for
minimized coherent crosstalk
• Low express channel loss
• Flat transmission passband
for cascading
• Fewer skipped channels
• Excellent temperature
stability
Options
• Custom skip designs
available
• Compact packaging: 3.2mm
diameter
• Rugged packaging
Applications
• Add/drop multiplexing
• Metro and long-haul WDM
• Banded Mux/Demux
Compliance
• GR-1221 qualified
• RoHS compliant (5/6)
Bookham band skip filters leverage the proprietary
Advanced Energetic Deposition (AED) process to
produce the industry’s best banded filter solution.
The AED process features state-of-the-art layer
thickness control to produce thin-film interference
filters that are unparalleled for optical add/drop
multiplexing (OADM) WDM applications.
Standard 5.5mm diameter packaging is available with the
boot/length specification needed to meet your
application. The optional compact packaging has
diameter of only 3.2mm. All Bookham filter components
are Telcordia GR-1221 qualified and 5/6 RoHS compliant.


Similar Part No. - CBWGFA2315533290653

ManufacturerPart #DatasheetDescription
logo
Wall Industries,Inc.
CBW WALL-CBW Datasheet
6Mb / 34P
   Up to 30 Watts, DC/DC Power Converters
CBW2448S1.5-2000HS WALL-CBW2448S1.5-2000HS Datasheet
6Mb / 34P
   Up to 30 Watts, DC/DC Power Converters
CBW2448S1.5-2000R WALL-CBW2448S1.5-2000R Datasheet
6Mb / 34P
   Up to 30 Watts, DC/DC Power Converters
CBW2448S1.5-2500HS WALL-CBW2448S1.5-2500HS Datasheet
6Mb / 34P
   Up to 30 Watts, DC/DC Power Converters
CBW2448S1.5-2500R WALL-CBW2448S1.5-2500R Datasheet
6Mb / 34P
   Up to 30 Watts, DC/DC Power Converters
More results

Similar Description - CBWGFA2315533290653

ManufacturerPart #DatasheetDescription
logo
Bookham, Inc.
CB1SLU111560200 BOOKHAM-CB1SLU111560200 Datasheet
203Kb / 6P
   Banded Skip Filters for 100GHz Add/Drop Multiplexing
CB1SLU111560200 BOOKHAM-CB1SLU111560200 Datasheet
203Kb / 6P
   Banded Skip Filters for 100GHz Add/Drop Multiplexing
logo
JDS Uniphase Corporatio...
MDX-01AD1018B JDSU-MDX-01AD1018B Datasheet
238Kb / 4P
   100 GHz Dense Wavelength Division Multiplexing Optical Add/Drop Module
logo
Bookham, Inc.
MC1C10200292 BOOKHAM-MC1C10200292 Datasheet
135Kb / 3P
   10 Channel Optical Add/Drop Multiplexer with Band VOAs
MXWL04010315 BOOKHAM-MXWL04010315 Datasheet
169Kb / 3P
   4 Band (10-skip-0) Optical Add/Drop Multiplexer for 40 Channel systems
logo
OPLINK Communications I...
OFMSMMD OPLINK-OFMSMMD Datasheet
213Kb / 2P
   Add/Drop Optical Fiber Switches
OFMSSMD OPLINK-OFMSSMD Datasheet
308Kb / 2P
   Add/Drop Optical Fiber Switches
logo
MRV Communications, Inc...
MRV-FD-PADX MRV-MRV-FD-PADX Datasheet
751Kb / 4P
   CWDM Passive Optical Add/Drop Multiplexers
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com