Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AM154 Datasheet(PDF) 2 Page - Pan Jit International Inc.

Part # AM154
Description  1.5 AMPERE SILICON MINIATURE SINGLE- PHASE BRIDGES
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANJIT [Pan Jit International Inc.]
Direct Link  http://www.panjit.com.tw
Logo PANJIT - Pan Jit International Inc.

AM154 Datasheet(HTML) 2 Page - Pan Jit International Inc.

  AM154 Datasheet HTML 1Page - Pan Jit International Inc. AM154 Datasheet HTML 2Page - Pan Jit International Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
PAGE . 2
STAD-SEP.05.2003
FIG.1 DERATING CURVE FOR OUTPUT
RECTIFIED CURRENT
FIG.3 TYPICAL REVERSE CHARACTERISTICS
FIG.4 MAX NON-REPETITIVE SURGE CURRENT
FIG.2 TYPICAL FORWARD CHARACTERISTICS
AMBIENT TEMPERATURE, C
O
PERCENT OF PEAK REVERSE VOLTAGE
NO. OF CYCLES AT 60Hz
INSTANTANEOUS FWD VOLTAGE, VOLTS
RATING AND CHARACTERISTIC CURVES
3.0
2.0
1.0
0
0
50
100
150
1.5
2.5
0.5
MOUNTED ON PC BOARD.
TA 0.5" (12.7mm) LEAD LENGTH
60Hz RESISTIVE OR INDUCTIVE LOAD
.02
.01
.03
.05
.07
.1
.2
.3
.5
.7
.8
.9
1.0
2.0
3.0
4.0
5.0
0
0.2
0.4
0.6
0.8
1.0
1.2
1.4
T= 25 C
A
O
T = 100 C
A
O
T= 25 C
A
O
10
1.0
0.1
0.01
0
20
40
60
80
100
120
140
50
40
30
20
10
0
1
2
6
10
20
40
60
100


Similar Part No. - AM154

ManufacturerPart #DatasheetDescription
logo
Pan Jit International I...
AM154 PANJIT-AM154 Datasheet
41Kb / 2P
   1.0 AMPERE SILICON MINIATURE SINGLE- PHASE BRIDGES(VOLTAGE - 50 to 1000 Volts CURRENT - 1.5 Amperes)
logo
Transys Electronics
AM154 TRSYS-AM154 Datasheet
116Kb / 2P
   1.0 TO 1.5 AMPERE SILICON MINIATURE SINGLE-PHASE BRIDGE
logo
Comchip Technology
AM154 COMCHIP-AM154 Datasheet
46Kb / 2P
   Silicon Miniature Single-Phase Bridge
AM154-G COMCHIP-AM154-G Datasheet
54Kb / 2P
   Silicon Miniature Single-Phase Bridge
logo
Analog Power
AM1541CE ANALOGPOWER-AM1541CE Datasheet
104Kb / 3P
   High performance trench technology
More results

Similar Description - AM154

ManufacturerPart #DatasheetDescription
logo
Pan Jit International I...
W005G PANJIT-W005G Datasheet
49Kb / 2P
   1.5 AMPERE SILICON MINIATURE SINGLE- PHASE BRIDGES(VOLTAGE - 50 to 1000 Volts CURRENT - 1.5 Amperes)
W005G PANJIT-W005G_06 Datasheet
50Kb / 2P
   1.5 AMPERE SILICON MINIATURE SINGLE- PHASE BRIDGES VOLTAGE - 50 to 1000 Volts CURRENT - 1.5 Amperes
AM150 PANJIT-AM150 Datasheet
41Kb / 2P
   1.0 AMPERE SILICON MINIATURE SINGLE- PHASE BRIDGES(VOLTAGE - 50 to 1000 Volts CURRENT - 1.5 Amperes)
logo
Edal Industries, Inc.
B172 EDAL-B172 Datasheet
372Kb / 2P
   Silicon Rectifier Miniature Single Phase Bridges
logo
New Jersey Semi-Conduct...
RW005M NJSEMI-RW005M Datasheet
93Kb / 1P
   1.5 AMPERE FAST-RECOVERY MINIATURE SINGLE-PHASE SILICON BRIDGE
logo
Transys Electronics
AM100 TRSYS-AM100 Datasheet
116Kb / 2P
   1.0 TO 1.5 AMPERE SILICON MINIATURE SINGLE-PHASE BRIDGE
logo
SEMTECH ELECTRONICS LTD...
RS201 SEMTECH_ELEC-RS201 Datasheet
179Kb / 1P
   SINGLE-PHASE SILICON BRIDGES
logo
List of Unclassifed Man...
WL005M ETC1-WL005M Datasheet
89Kb / 2P
   1.0 AMPERE MINIATURE SINGLE PHASE SILICON BRIDGE
logo
New Jersey Semi-Conduct...
2KBP005M NJSEMI-2KBP005M Datasheet
119Kb / 1P
   2.0 AMPERE MINIATURE SINGLE PHASE SILICON BRIDGE
logo
Pan Jit International I...
AM100 PANJIT-AM100 Datasheet
42Kb / 2P
   1.0 AMPERE SILICON MINIATURE SINGLE- PHASE BRIDGES(VOLTAGE - 50 to 1000 Volts CURRENT - 1.0 Amperes)
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com