Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LM317MKTPRG3 Datasheet(PDF) 1 Page - Texas Instruments

Part # LM317MKTPRG3
Description  3-TERMINAL ADJUSTABLE REGULATOR
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LM317MKTPRG3 Datasheet(HTML) 1 Page - Texas Instruments

  LM317MKTPRG3 Datasheet HTML 1Page - Texas Instruments LM317MKTPRG3 Datasheet HTML 2Page - Texas Instruments LM317MKTPRG3 Datasheet HTML 3Page - Texas Instruments LM317MKTPRG3 Datasheet HTML 4Page - Texas Instruments LM317MKTPRG3 Datasheet HTML 5Page - Texas Instruments LM317MKTPRG3 Datasheet HTML 6Page - Texas Instruments LM317MKTPRG3 Datasheet HTML 7Page - Texas Instruments LM317MKTPRG3 Datasheet HTML 8Page - Texas Instruments LM317MKTPRG3 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 14 page
background image
www.ti.com
FEATURES
KTP PACKAGE
(TOP VIEW)
INPUT
ADJUST
DCY PACKAGE
(TOP VIEW)
INPUT
OUTPUT
ADJUST
KVU (TO-252) PACKAGE
(TOP VIEW)
OUTPUT
INPUT
ADJUST
DESCRIPTION/ORDERING INFORMATION
LM317M
3-TERMINAL ADJUSTABLE REGULATOR
SLVS297O – APRIL 2000 – REVISED JULY 2006
Output Voltage Range Adjustable From
Q Devices Meet Automotive Performance
1.25 V to 37 V
Requirements
Output Current Greater Than 500 mA
Customer-Specific Configuration Control Can
Be Supported for Q Devices Along With
Internal Short-Circuit Current Limiting
Major-Change Approval
Thermal-Overload Protection
Output Safe-Area Compensation
The LM317M is an adjustable 3-terminal positive-voltage regulator capable of supplying more than 500 mA over
an output-voltage range of 1.25 V to 37 V. The LM317M is exceptionally easy to use and requires only two
external resistors to set the output voltage. Furthermore, both line and load regulation are better than standard
fixed regulators.
In addition to having higher performance than fixed regulators, the device includes on-chip current limiting,
thermal-overload protection, and safe-operating-area protection. All overload protection remains fully functional if
the ADJUST terminal is disconnected.
Normally, no capacitors are needed unless the device is more than six inches from the input filter capacitors, in
which case an input bypass capacitor is needed. An optional output capacitor can be added to improve transient
response. The ADJUST terminal can be bypassed to achieve high ripple-rejection ratios, which are difficult to
achieve with standard three-terminal regulators.
ORDERING INFORMATION
TJ
PACKAGE(1)
ORDERABLE PART NUMBER
TOP-SIDE MARKING
PowerFLEX™ – KTP
Reel of 2000
LM317MKTPR
LM317M
Tube of 80
LM317MDCY
0
°C to 125°C
SOT – DCY
L4
Reel of 2500
LM317MDCYR
TO-252 – KVU
Reel of 2500
LM317MKVURG3
LM317M
PowerFLEX – KTP
Reel of 2000
LM317MQKTPR
317MQ
–40
°C to 125°C
LM317MQDCYR
L5
SOT – DCY
Reel of 2500
LM317MQDCYRG3
L8
(1)
Package drawings, standard packing quantities, thermal data, symbolization, and PCB design guidelines are available at
www.ti.com/sc/package.
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of Texas
Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
PowerFLEX is a trademark of Texas Instruments.
PRODUCTION DATA information is current as of publication date.
Copyright © 2000–2006, Texas Instruments Incorporated
Products conform to specifications per the terms of the Texas
Instruments standard warranty. Production processing does not
necessarily include testing of all parameters.


Similar Part No. - LM317MKTPRG3

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LM317MKTPRG3 TI-LM317MKTPRG3 Datasheet
219Kb / 12P
[Old version datasheet]   3-TERMINAL ADJUSTABLE REGULATOR
LM317MKTPRG3 TI-LM317MKTPRG3 Datasheet
219Kb / 12P
[Old version datasheet]   3-TERMINAL ADJUSTABLE REGULATOR
LM317MKTPRG3 TI1-LM317MKTPRG3 Datasheet
937Kb / 22P
[Old version datasheet]   3-Terminal Adjustable Regulator
More results

Similar Description - LM317MKTPRG3

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM337L NSC-LM337L Datasheet
89Kb / 5P
   3-Terminal Adjustable Regulator
logo
Texas Instruments
LM317 TI1-LM317_16 Datasheet
1Mb / 32P
[Old version datasheet]   3-Terminal Adjustable Regulator
logo
List of Unclassifed Man...
GM317 ETC-GM317 Datasheet
352Kb / 8P
   3- TERMINAL ADJUSTABLE REGULATOR
logo
Texas Instruments
LM317M TI-LM317M_07 Datasheet
219Kb / 12P
[Old version datasheet]   3-TERMINAL ADJUSTABLE REGULATOR
logo
National Semiconductor ...
LM117 NSC-LM117 Datasheet
645Kb / 25P
   3-Terminal Adjustable Regulator
LM117HV NSC-LM117HV Datasheet
469Kb / 15P
   3-Terminal Adjustable Regulator
logo
Texas Instruments
LM317MQDCYRG4 TI1-LM317MQDCYRG4 Datasheet
868Kb / 17P
[Old version datasheet]   3-TERMINAL ADJUSTABLE REGULATOR
logo
Tiger Electronic Co.,Lt...
LM317L TGS-LM317L Datasheet
382Kb / 14P
   3-TERMINAL ADJUSTABLE REGULATOR
logo
Texas Instruments
LM317M TI-LM317M Datasheet
219Kb / 12P
[Old version datasheet]   3-TERMINAL ADJUSTABLE REGULATOR
logo
National Semiconductor ...
LM317L NSC-LM317L_06 Datasheet
918Kb / 16P
   3-Terminal Adjustable Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com