Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

EN29SL400B-90BCP Datasheet(PDF) 1 Page - Eon Silicon Solution Inc.

Part # EN29SL400B-90BCP
Description  4 Megabit (512K x 8-bit / 256K x 16-bit) Flash Memory Boot Sector Flash Memory, CMOS 1.8 Volt-only
Download  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EON [Eon Silicon Solution Inc.]
Direct Link  http://www.essi.com.tw
Logo EON - Eon Silicon Solution Inc.

EN29SL400B-90BCP Datasheet(HTML) 1 Page - Eon Silicon Solution Inc.

  EN29SL400B-90BCP Datasheet HTML 1Page - Eon Silicon Solution Inc. EN29SL400B-90BCP Datasheet HTML 2Page - Eon Silicon Solution Inc. EN29SL400B-90BCP Datasheet HTML 3Page - Eon Silicon Solution Inc. EN29SL400B-90BCP Datasheet HTML 4Page - Eon Silicon Solution Inc. EN29SL400B-90BCP Datasheet HTML 5Page - Eon Silicon Solution Inc. EN29SL400B-90BCP Datasheet HTML 6Page - Eon Silicon Solution Inc. EN29SL400B-90BCP Datasheet HTML 7Page - Eon Silicon Solution Inc. EN29SL400B-90BCP Datasheet HTML 8Page - Eon Silicon Solution Inc. EN29SL400B-90BCP Datasheet HTML 9Page - Eon Silicon Solution Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 40 page
background image
This Data Sheet may be revised by subsequent versions
©2004 Eon Silicon Solution, Inc., www.essi.com.tw
or modifications due to changes in technical specifications.
1
EN29SL400
Rev. A, Issue Date: 2006/04/14
FEATURES
• Single power supply operation
- Full voltage range:1.65-2.2 volt for read and
write operations.
- Ideal for battery-powered applications.
• High performance
- Access times as fast as 70 ns
• Low power consumption (typical values at 5
MHz)
- 7 mA typical active read current
- 15 mA typical program/erase current
- 0.2
µA typical standby current
• Flexible Sector Architecture:
- One 16 K-byte, two 8 K-byte, one 32 K-byte,
and seven 64 K-byte sectors (byte mode)
- One 8 K-word, two 4 K-word, one 16 K-word
and seven 32 K-word sectors (word mode)
• Sector protection:
- Hardware locking of sectors to prevent
program or erase operations within individual
sectors
- Additionally, temporary Sector Unprotect
allows code changes in previously locked
sectors.
• High performance program/erase speed
- Byte/Word program time: 5µs/7µs typical
- Sector erase time: 500ms typical
• JEDEC Standard Embedded Erase and
Program Algorithms
• JEDEC standard DATA# polling and toggle
bits feature
• Single Sector and Chip Erase
• Sector Unprotect Mode
• Erase Suspend / Resume modes:
Read or program another Sector during
Erase Suspend Mode
• Triple-metal double-poly triple-well COMS Flash
Technology
Low Vcc write inhibit < 1.2V
Minimum 100K endurance cycle
• Package Options
- 48-pin TSOP (Type 1)
- 48-ball 6mm x 8mm FBGA
• Commercial and Industrial Temperature
Range
GENERAL DESCRIPTION
The EN29SL400 is an 4-Megabit, electrically erasable, read/write non-volatile flash memory,
organized as 524,288 bytes or 262144 words. Any byte can be programmed typically in 5µs. The
EN29SL400 features 1.8V voltage read and write operation, with access time as fast as 70ns to
eliminate the need for WAIT statements in high-performance microprocessor systems.
The EN29SL400 has separate Output Enable (OE#), Chip Enable (CE#), and Write Enable (WE#)
controls, which eliminate bus contention issues. This device is designed to allow either single Sector
or full chip erase operation, where each sector can be individually protected against program/erase
operations or temporarily unprotected to erase or program. The device can sustain a minimum of
100K program/erase cycles on each sector.
EN29SL400
4 Megabit (512K x 8-bit / 256K x 16-bit) Flash Memory
Boot Sector Flash Memory, CMOS 1.8 Volt-only


Similar Part No. - EN29SL400B-90BCP

ManufacturerPart #DatasheetDescription
logo
Eon Silicon Solution In...
EN29SL160 EON-EN29SL160 Datasheet
369Kb / 46P
   16 Megabit (2048K x 8-bit / 1024K x 16-bit) Flash Memory
EN29SL160B-90BC EON-EN29SL160B-90BC Datasheet
369Kb / 46P
   16 Megabit (2048K x 8-bit / 1024K x 16-bit) Flash Memory
EN29SL160B-90BCP EON-EN29SL160B-90BCP Datasheet
369Kb / 46P
   16 Megabit (2048K x 8-bit / 1024K x 16-bit) Flash Memory
EN29SL160B-90BI EON-EN29SL160B-90BI Datasheet
369Kb / 46P
   16 Megabit (2048K x 8-bit / 1024K x 16-bit) Flash Memory
EN29SL160B-90BIP EON-EN29SL160B-90BIP Datasheet
369Kb / 46P
   16 Megabit (2048K x 8-bit / 1024K x 16-bit) Flash Memory
More results

Similar Description - EN29SL400B-90BCP

ManufacturerPart #DatasheetDescription
logo
Eon Silicon Solution In...
EN29LV400A EON-EN29LV400A Datasheet
771Kb / 41P
   4 Megabit (512K X 8-bit / 256K X 16-bit) Flash Memory Boot Sector Flash Memory, CMOS 3.0 Volt-only
EN29LV400A EON-EN29LV400A_11 Datasheet
427Kb / 43P
   4 Megabit (512K x 8-bit / 256K x 16-bit) Flash Memory Boot Sector Flash Memory, CMOS 3.0 Volt-only
EN29SL800 EON-EN29SL800 Datasheet
337Kb / 43P
   8 Megabit (1024K x 8-bit / 512K x 16-bit) Flash Memory Boot Sector Flash Memory, CMOS 1.8 Volt-only
logo
SPANSION
S29AS008J SPANSION-S29AS008J Datasheet
1Mb / 55P
   8 Megabit (1M x 8-Bit / 512K x 16-Bit) CMOS 1.8 Volt-Only Boot Sector Flash Memory
logo
Eon Silicon Solution In...
EN29LV800 EON-EN29LV800 Datasheet
239Kb / 43P
   8 Megabit (1024K x 8-bit / 512K x 16-bit) Flash Memory Boot Sector Flash Memory, CMOS 3.0 Volt-only
EN29LV800B EON-EN29LV800B Datasheet
351Kb / 41P
   8 Megabit (1024K x 8-bit / 512K x 16-bit) Flash Memory Boot Sector Flash Memory, CMOS 3.0 Volt-only
EN29LV800C EON-EN29LV800C_11 Datasheet
407Kb / 41P
   8 Megabit (1024K x 8-bit / 512K x 16-bit) Flash Memory Boot Sector Flash Memory, CMOS 3.0 Volt-only
logo
AMIC Technology
A29L400 AMICC-A29L400 Datasheet
387Kb / 40P
   512K X 8 Bit / 256K X 16 Bit CMOS 3.0 Volt-only, Boot Sector Flash Memory
A29L400A AMICC-A29L400A Datasheet
539Kb / 38P
   512K X 8 Bit / 256K X 16 Bit CMOS 3.0 Volt-only, Boot Sector Flash Memory
A29400B AMICC-A29400B Datasheet
383Kb / 34P
   512K X 8 Bit / 256K X 16 Bit CMOS 5.0 Volt-only, Boot Sector Flash Memory
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com