Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

1SMB5947 Datasheet(PDF) 3 Page - Pan Jit International Inc.

Part # 1SMB5947
Description  SURFACE MOUNT SILICON ZENER DIODE
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANJIT [Pan Jit International Inc.]
Direct Link  http://www.panjit.com.tw
Logo PANJIT - Pan Jit International Inc.

1SMB5947 Datasheet(HTML) 3 Page - Pan Jit International Inc.

  1SMB5947 Datasheet HTML 1Page - Pan Jit International Inc. 1SMB5947 Datasheet HTML 2Page - Pan Jit International Inc. 1SMB5947 Datasheet HTML 3Page - Pan Jit International Inc. 1SMB5947 Datasheet HTML 4Page - Pan Jit International Inc.  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
PAGE . 3
FIGURE 3. ZENERVOLTAGE-14TO200 VOLTS
VZ, ZENER VOLTAGE (VOLTS)
100
200
100
70
50
30
20
10
10
20
30
50
70
200
VZ@IZT
FIGURE 4. EFFECT OF ZENER CURRENT
IZ, ZENER TEST CURRENT(mA)
VZ=150V
91V
62V
22V
12V
6.8V
0.5
12
5
10
20
50
100 200
500
1K
500
200
100
50
20
10
5
2
1
TJ =25 C
IZ(rms) =0.1 I (dc)
O
Z
FIGURE 6. MAXIMUM SURGE POWER
PW. PULSE WITH(ms)
0.1 0.20.3 0.5
12 3
5
10 2030 50
100
1K
500
300
200
100
50
30
20
10
RECTANGULAR
NONREPETITIVE
WAVEFORM
TJ =25 C PRIOR
O
TO INTIAL PULSE
FIGURE 5. EFFECT OF ZENER VOLTAGE
VZ, ZENER VOLTAGE (VOLTS)
200
100
70
50
30
20
10
7
5
3
2
5
710
20
30
50
70
100
IZ(dc)=1mA
IZ(rms)=0.1IZ(dc)
10mA
20mA
FIGURE 8. VZ =12THRU82VOLTS
100
50
30
20
10
5
3
2
1
0.5
0.3
0.2
0.1
010
20
30
40
50
60
70
80
90 100
V , ZENER VOLTAGE (VOLTS)
Z
FIGURE 7. VZ = 6.8 THRU 10 VOLTS
0
12
3
4
5
6789
10
100
50
30
20
10
5
3
2
1
0.5
0.3
0.2
0.1
VZ, ZENER VOLTAGE (VOLTS)


Similar Part No. - 1SMB5947

ManufacturerPart #DatasheetDescription
logo
Pan Jit International I...
1SMB5947 PANJIT-1SMB5947 Datasheet
87Kb / 3P
   SURFACE MOUNT SILICON ZENER DIODE(VOLTAGE - 11 TO 200 Volts Power - 1.5 Watts)
logo
Transys Electronics
1SMB5947 TRSYS-1SMB5947 Datasheet
227Kb / 3P
   SURFACE MOUNT SILICON ZENER DIODE
logo
Taiwan Semiconductor Co...
1SMB5947 TSC-1SMB5947 Datasheet
331Kb / 4P
   3.0 Watts Surface Mount Silicon Zener Diode
logo
Pan Jit International I...
1SMB5947 PANJIT-1SMB5947 Datasheet
58Kb / 4P
   SURFACE MOUNT SILICON ZENER DIODE
logo
Taiwan Semiconductor Co...
1SMB5947 TSC-1SMB5947 Datasheet
654Kb / 4P
   3.0 Watts Surface Mount Silicon Zener Diode
More results

Similar Description - 1SMB5947

ManufacturerPart #DatasheetDescription
logo
Transys Electronics
1SMA4741 TRSYS-1SMA4741 Datasheet
301Kb / 5P
   SURFACE MOUNT SILICON ZENER DIODE
1SMB5926 TRSYS-1SMB5926 Datasheet
227Kb / 3P
   SURFACE MOUNT SILICON ZENER DIODE
1SMC5348 TRSYS-1SMC5348 Datasheet
275Kb / 5P
   SURFACE MOUNT SILICON ZENER DIODE
logo
Central Semiconductor C...
CMOZ2V4 CENTRAL-CMOZ2V4_15 Datasheet
498Kb / 2P
   SURFACE MOUNT SILICON ZENER DIODE
CMSZ5221B CENTRAL-CMSZ5221B_15 Datasheet
490Kb / 2P
   SURFACE MOUNT SILICON ZENER DIODE
logo
Pan Jit International I...
1SMA5921 PANJIT-1SMA5921_15 Datasheet
183Kb / 7P
   SURFACE MOUNT SILICON ZENER DIODE
logo
Unisonic Technologies
SMA5V UTC-SMA5V Datasheet
125Kb / 3P
   SURFACE MOUNT SILICON ZENER DIODE
logo
Pan Jit International I...
1SMA4736 PANJIT-1SMA4736_09 Datasheet
478Kb / 5P
   SURFACE MOUNT SILICON ZENER DIODE
1SMB5921 PANJIT-1SMB5921_09 Datasheet
128Kb / 5P
   SURFACE MOUNT SILICON ZENER DIODE
logo
Central Semiconductor C...
CMDZ5221B CENTRAL-CMDZ5221B_15 Datasheet
373Kb / 2P
   SURFACE MOUNT SILICON ZENER DIODE
logo
Taiwan Semiconductor Co...
1SMA5926 TSC-1SMA5926 Datasheet
62Kb / 4P
   Surface Mount Silicon Zener Diode
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com