Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

EN29LV800BT-55RTI Datasheet(PDF) 1 Page - Eon Silicon Solution Inc.

Part # EN29LV800BT-55RTI
Description  8 Megabit (1024K x 8-bit / 512K x 16-bit) Flash Memory Boot Sector Flash Memory, CMOS 3.0 Volt-only
Download  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EON [Eon Silicon Solution Inc.]
Direct Link  http://www.essi.com.tw
Logo EON - Eon Silicon Solution Inc.

EN29LV800BT-55RTI Datasheet(HTML) 1 Page - Eon Silicon Solution Inc.

  EN29LV800BT-55RTI Datasheet HTML 1Page - Eon Silicon Solution Inc. EN29LV800BT-55RTI Datasheet HTML 2Page - Eon Silicon Solution Inc. EN29LV800BT-55RTI Datasheet HTML 3Page - Eon Silicon Solution Inc. EN29LV800BT-55RTI Datasheet HTML 4Page - Eon Silicon Solution Inc. EN29LV800BT-55RTI Datasheet HTML 5Page - Eon Silicon Solution Inc. EN29LV800BT-55RTI Datasheet HTML 6Page - Eon Silicon Solution Inc. EN29LV800BT-55RTI Datasheet HTML 7Page - Eon Silicon Solution Inc. EN29LV800BT-55RTI Datasheet HTML 8Page - Eon Silicon Solution Inc. EN29LV800BT-55RTI Datasheet HTML 9Page - Eon Silicon Solution Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 41 page
background image
This Data Sheet may be revised by subsequent versions
©2004 Eon Silicon Solution, Inc., www.essi.com.tw
or modifications due to changes in technical specifications.
1
EN29LV800B
Rev. G, Issue Date: 2006/05/16
FEATURES
• Single power supply operation
- Full voltage range: 2.7-3.6 volt read and write
operations for battery-powered applications.
- Regulated voltage range: 3.0-3.6 volt read
and write operations and for compatibility with
high performance 3.3 volt microprocessors.
• High performance
- Access times as fast as 55 ns
• Low power consumption (typical values at 5
MHz)
- 7 mA typical active read current
- 15 mA typical program/erase current
- 1
µA typical standby current (standard access
time to active mode)
• Flexible Sector Architecture:
- One 16-Kbyte, two 8-Kbyte, one 32-Kbyte,
and fifteen 64-Kbyte sectors (byte mode)
- One 8-Kword, two 4-Kword, one 16-Kword
and fifteen 32-Kword sectors (word mode)
• High performance program/erase speed
- Byte/Word program time: 8µs typical
- Sector erase time: 500ms typical
• Sector protection:
- Hardware locking of sectors to prevent
program or erase operations within individual
sectors
- Additionally, temporary Sector Unprotect
allows code changes in previously locked
sectors.
• JEDEC Standard Embedded Erase and
Program Algorithms
• JEDEC standard DATA# polling and toggle
bits feature
• Single Sector and Chip Erase
• Sector Unprotect Mode
• Erase Suspend / Resume modes:
Read or program another Sector during
Erase Suspend Mode
Low Vcc write inhibit < 2.5V
Minimum 100K endurance cycle
• Package Options
- 48-pin TSOP (Type 1)
- 48-ball 6mm x 8mm FBGA
• Commercial and industrial temperature
Range
GENERAL DESCRIPTION
The EN29LV800B is an 8-Megabit, electrically erasable, read/write non-volatile flash memory,
organized as 1,048,576 bytes or 524,288 words. Any byte can be programmed typically in 8µs. The
EN29LV800B features 3.0V voltage read and write operation, with access time as fast as 55ns to
eliminate the need for WAIT statements in high-performance microprocessor systems.
The EN29LV800B has separate Output Enable (OE#), Chip Enable (CE#), and Write Enable (WE#)
controls, which eliminate bus contention issues. This device is designed to allow either single Sector
or full chip erase operation, where each sector can be individually protected against program/erase
operations or temporarily unprotected to erase or program. The device can sustain a minimum of
100K program/erase cycles on each sector.
EN29LV800B
8 Megabit (1024K x 8-bit / 512K x 16-bit) Flash Memory
Boot Sector Flash Memory, CMOS 3.0 Volt-only


Similar Part No. - EN29LV800BT-55RTI

ManufacturerPart #DatasheetDescription
logo
Eon Silicon Solution In...
EN29LV800B70RS EON-EN29LV800B70RS Datasheet
239Kb / 43P
   8 Megabit (1024K x 8-bit / 512K x 16-bit) Flash Memory Boot Sector Flash Memory, CMOS 3.0 Volt-only
EN29LV800B70RSI EON-EN29LV800B70RSI Datasheet
239Kb / 43P
   8 Megabit (1024K x 8-bit / 512K x 16-bit) Flash Memory Boot Sector Flash Memory, CMOS 3.0 Volt-only
EN29LV800B70RSIP EON-EN29LV800B70RSIP Datasheet
239Kb / 43P
   8 Megabit (1024K x 8-bit / 512K x 16-bit) Flash Memory Boot Sector Flash Memory, CMOS 3.0 Volt-only
EN29LV800B70RSP EON-EN29LV800B70RSP Datasheet
239Kb / 43P
   8 Megabit (1024K x 8-bit / 512K x 16-bit) Flash Memory Boot Sector Flash Memory, CMOS 3.0 Volt-only
EN29LV800B70RT EON-EN29LV800B70RT Datasheet
239Kb / 43P
   8 Megabit (1024K x 8-bit / 512K x 16-bit) Flash Memory Boot Sector Flash Memory, CMOS 3.0 Volt-only
More results

Similar Description - EN29LV800BT-55RTI

ManufacturerPart #DatasheetDescription
logo
Eon Silicon Solution In...
EN29LV800 EON-EN29LV800 Datasheet
239Kb / 43P
   8 Megabit (1024K x 8-bit / 512K x 16-bit) Flash Memory Boot Sector Flash Memory, CMOS 3.0 Volt-only
EN29LV800C EON-EN29LV800C_11 Datasheet
407Kb / 41P
   8 Megabit (1024K x 8-bit / 512K x 16-bit) Flash Memory Boot Sector Flash Memory, CMOS 3.0 Volt-only
EN29LV800A EON-EN29LV800A Datasheet
590Kb / 41P
   8 Megabit (1024K x 8-bit / 512K x 16-bit) Flash Memory Boot Sector Flash Memory, CMOS 3.0 Volt-only
logo
List of Unclassifed Man...
EN29F800 ETC-EN29F800 Datasheet
221Kb / 38P
   8 Megabit (1024K x 8-bit / 512K x 16-bit) Flash Memory Boot Sector Flash Memory, CMOS 5.0 Volt-only
logo
Eon Silicon Solution In...
EN29SL800 EON-EN29SL800 Datasheet
337Kb / 43P
   8 Megabit (1024K x 8-bit / 512K x 16-bit) Flash Memory Boot Sector Flash Memory, CMOS 1.8 Volt-only
EN29LV160 EON-EN29LV160 Datasheet
420Kb / 45P
   16 Megabit (2048K x 8-bit / 1024K x 16-bit) Flash Memory Boot Sector Flash Memory, CMOS 3.0 Volt-only
EN29LV160C EON-EN29LV160C Datasheet
435Kb / 44P
   16 Megabit (2048K x 8-bit / 1024K x 16-bit) Flash Memory Boot Sector Flash Memory, CMOS 3.0 Volt-only
logo
List of Unclassifed Man...
EN29LV160J ETC1-EN29LV160J Datasheet
264Kb / 44P
   16 Megabit (2048K x 8-bit / 1024K x 16-bit) Flash Memory Boot Sector Flash Memory, CMOS 3.0 Volt-only
logo
Eon Silicon Solution In...
EN29LV160B EON-EN29LV160B_11 Datasheet
420Kb / 43P
   16 Megabit (2048K x 8-bit / 1024K x 16-bit) Flash Memory Boot Sector Flash Memory, CMOS 3.0 Volt-only
EN29LV400A EON-EN29LV400A Datasheet
771Kb / 41P
   4 Megabit (512K X 8-bit / 256K X 16-bit) Flash Memory Boot Sector Flash Memory, CMOS 3.0 Volt-only
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com