Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

1SMB2EZ51 Datasheet(PDF) 1 Page - Pan Jit International Inc.

Part # 1SMB2EZ51
Description  GLASS PASSIVATED JUNCTION SILICON ZENER DIODES
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANJIT [Pan Jit International Inc.]
Direct Link  http://www.panjit.com.tw
Logo PANJIT - Pan Jit International Inc.

1SMB2EZ51 Datasheet(HTML) 1 Page - Pan Jit International Inc.

  1SMB2EZ51 Datasheet HTML 1Page - Pan Jit International Inc. 1SMB2EZ51 Datasheet HTML 2Page - Pan Jit International Inc. 1SMB2EZ51 Datasheet HTML 3Page - Pan Jit International Inc. 1SMB2EZ51 Datasheet HTML 4Page - Pan Jit International Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
PAGE . 1
STAD-JUL.16.2005
1SMB2EZ6.8~1SMB2EZ100
FEATURES
• Low profile package
• Built-in strain relief
• Low inductance
• Typical I
D less than 1.0µA above 11V
• Plastic package has Underwriters Laboratory Flammability
Classification 94V-O
• High temperature soldering : 260°C /10 seconds at terminals
• Pb free product are available : 99% Sn can meet RoHS environment
substance directive request
MECHANICALDATA
Case: JEDEC DO-214AA, Molded plastic over passivated junction
Terminals: Solder plated, solderable per MIL-STD-750, Method 2026
Polarity: Indicated by cathode band
Standard packing: 12mm tape (E1A-481)
Weight: 0.003 ounce, 0.093 gram
GLASS PASSIVATED JUNCTION SILICON ZENER DIODES
NOTES:
A.Mounted on 5.0mm
2 (.013mm thick) land areas.
B.Measured on 8.3ms, and single half sine-wave or equivalent square wave ,duty cycle=4 pulses per minute maximum
.185(4.70)
.220(5.59)
.008(.203)
.050(1.27)
.012(.305)
.160(4.06)
.200(5.08)
.002(.051)
.030(0.76)
.006(.152)
SMB/DO-214AA
Unit: inch (mm)
VOLTAGE
6.8 to 100 Volts
POWER
2.0 Watts
MAXIMUM RATINGSAND ELECTRICALCHARACTERISTICS
Ratings at 25°C ambient temperature unless otherwise specified.
r
e
t
e
m
a
r
a
Pl
o
b
m
y
S
e
u
l
a
Vs
t
i
n
U
0
5
=
A
T
n
o
n
o
i
t
a
p
i
s
s
i
D
r
e
w
o
P
e
s
l
u
P
k
a
e
P
O
)
A
s
e
t
o
N
(
C
0
7
e
v
o
b
a
e
t
a
r
e
D
O C
PD
0
.
2
0
.
4
2
s
t
t
a
W
/
W
m
O C
e
v
a
w
-
e
n
i
s
f
l
a
h
e
l
g
n
i
s
s
m
3
.
8
t
n
e
r
r
u
C
e
g
r
u
S
d
r
a
w
r
o
F
k
a
e
P
)
d
o
h
t
e
m
C
E
D
E
J
(
d
a
o
l
d
e
t
a
r
n
o
d
e
s
o
p
m
i
r
e
p
u
s
IFSM
5
1s
p
m
A
e
g
n
a
R
e
r
u
t
a
r
e
p
m
e
T
e
g
a
r
o
t
S
d
n
a
n
o
i
t
c
n
u
J
g
n
i
t
a
r
e
p
O
TJ T
, STG
0
5
1
+
o
t
5
5
-
O C


Similar Part No. - 1SMB2EZ51

ManufacturerPart #DatasheetDescription
logo
Pan Jit International I...
1SMB2EZ51 PANJIT-1SMB2EZ51 Datasheet
126Kb / 5P
   SURFACE MOUNT SILICON ZENER DIODE(VOLTAGE - 11 TO 200 Volts Power - 2.0 Watts)
logo
Transys Electronics
1SMB2EZ51 TRSYS-1SMB2EZ51 Datasheet
366Kb / 5P
   SURFACE MOUNT SILICON ZENER DIODE
logo
Pan Jit International I...
1SMB2EZ51 PANJIT-1SMB2EZ51 Datasheet
356Kb / 5P
   GLASS PASSIVATED JUNCTION SILICON ZENER DIODES
logo
Shenzhen Taychipst Elec...
1SMB2EZ51 TAYCHIPST-1SMB2EZ51 Datasheet
12Mb / 4P
   GLASS PASSIVATED JUNCTION SILICON ZENER DIODES
More results

Similar Description - 1SMB2EZ51

ManufacturerPart #DatasheetDescription
logo
Pan Jit International I...
2EZ11 PANJIT-2EZ11_04 Datasheet
305Kb / 4P
   GLASS PASSIVATED JUNCTION SILICON ZENER DIODES
1N5913B PANJIT-1N5913B Datasheet
457Kb / 5P
   GLASS PASSIVATED JUNCTION SILICON ZENER DIODES
1SMB2EZ6.8 PANJIT-1SMB2EZ6.8_09 Datasheet
356Kb / 5P
   GLASS PASSIVATED JUNCTION SILICON ZENER DIODES
1SMB3EZ6.8 PANJIT-1SMB3EZ6.8_09 Datasheet
347Kb / 5P
   GLASS PASSIVATED JUNCTION SILICON ZENER DIODES
1N5334B PANJIT-1N5334B Datasheet
453Kb / 4P
   GLASS PASSIVATED JUNCTION SILICON ZENER DIODES
logo
Shenzhen Taychipst Elec...
1SMB2EZ6.8 TAYCHIPST-1SMB2EZ6.8 Datasheet
12Mb / 4P
   GLASS PASSIVATED JUNCTION SILICON ZENER DIODES
logo
Pan Jit International I...
3EZ6.8 PANJIT-3EZ6.8 Datasheet
693Kb / 4P
   GLASS PASSIVATED JUNCTION SILICON ZENER DIODES
1SMB3EZ47-AU PANJIT-1SMB3EZ47-AU Datasheet
319Kb / 6P
   GLASS PASSIVATED JUNCTION SILICON ZENER DIODES
3EZ11 PANJIT-3EZ11_04 Datasheet
294Kb / 4P
   GLASS PASSIVATED JUNCTION SILICON ZENER DIODES
logo
Shenzhen Taychipst Elec...
1SMB5913B TAYCHIPST-1SMB5913B Datasheet
13Mb / 4P
   GLASS PASSIVATED JUNCTION SILICON ZENER DIODES
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com