Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

2EZ15 Datasheet(PDF) 1 Page - Pan Jit International Inc.

Part # 2EZ15
Description  GLASS PASSIVATED JUNCTION SILICON ZENER DIODES
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANJIT [Pan Jit International Inc.]
Direct Link  http://www.panjit.com.tw
Logo PANJIT - Pan Jit International Inc.

2EZ15 Datasheet(HTML) 1 Page - Pan Jit International Inc.

  2EZ15 Datasheet HTML 1Page - Pan Jit International Inc. 2EZ15 Datasheet HTML 2Page - Pan Jit International Inc. 2EZ15 Datasheet HTML 3Page - Pan Jit International Inc. 2EZ15 Datasheet HTML 4Page - Pan Jit International Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
PAGE . 1
STAD-NOV.15.2004
DATA SHEET
2EZ11~2EZ39
FEATURES
• Low profile package
• Built-in strain relief
• Glass passivated iunction
• Low inductance
• Typical I
D less than 1.0µA above 11V
• Plastic package has Underwriters Laboratory Flammability
Classification 94V-O
• High temperature soldering : 260°C /10 seconds at terminals
• Pb free product are available : 99% Sn above meet Rohs environment
substance directive request
MECHANICALDATA
Case: JEDEC DO-15, Molded plastic over passivated junction
Terminals: Solder plated, solderable per MIL-STD-202G, Method 208
Polarity: Color band denotes positive end (cathode)
Standard packing: 52mm tape
Weight: 0.015 ounce, 0.04 gram
GLASS PASSIVATED JUNCTION SILICON ZENER DIODES
NOTES:
A.Mounted on 5.0mm2 (.013mm thick) land areas.
B.Measured on8.3ms, and single half sine-wave or equivalent square wave ,duty cycle=4 pulses per minute maximum
.034(.86)
.140(3.6)
.028(.71)
.104(2.6)
DO-15
Unit: inch(mm)
VOLTAGE
11 to 39 Volts
POWER
2.0 Watts
MAXIMUM RATINGSAND ELECTRICALCHARACTERISTICS
Ratings at 25°C ambient temperature unless otherwise specified.
r
e
t
e
m
a
r
a
Pl
o
b
m
y
S
e
u
l
a
Vs
t
i
n
U
0
5
=
A
T
n
o
n
o
i
t
a
p
i
s
s
i
D
r
e
w
o
P
e
s
l
u
P
k
a
w
P
O
)
A
s
e
t
o
N
(
C
0
7
e
v
o
b
a
e
t
a
r
e
D
OC
PD
2
0
.
4
2
s
t
t
a
W
/
W
m
O C
e
v
a
w
-
e
n
i
s
f
l
a
h
e
l
g
n
i
s
s
m
3
.
8
t
n
e
r
r
u
C
e
g
r
u
S
d
r
a
w
r
o
F
k
a
e
P
)
d
o
h
t
e
m
C
E
D
E
J
(
d
a
o
l
d
e
t
a
r
n
o
d
e
s
o
p
m
i
r
e
p
u
s
IFSM
5
1s
p
m
A
e
g
n
a
R
e
r
u
t
a
r
e
p
m
e
T
e
g
a
r
o
t
S
d
n
a
n
o
i
t
c
n
u
J
g
n
i
t
a
r
e
p
O
TJ T
, STG
0
5
1
+
o
t
5
5
-
O C


Similar Part No. - 2EZ15

ManufacturerPart #DatasheetDescription
logo
Pan Jit International I...
2EZ15 PANJIT-2EZ15 Datasheet
122Kb / 5P
   GLASS PASSIVATED JUNCTION SILICON ZENER DIODE(VOLTAGE - 11 TO 200 Volts Power - 2.0 Watts)
logo
Transys Electronics
2EZ15 TRSYS-2EZ15 Datasheet
339Kb / 5P
   GLASS PASSIVATED JUNCTION SILICON ZENER DIODE
logo
Pan Jit International I...
2EZ15 PANJIT-2EZ15 Datasheet
169Kb / 4P
   SILICON ZENER DIODES
2EZ150 PANJIT-2EZ150 Datasheet
122Kb / 5P
   GLASS PASSIVATED JUNCTION SILICON ZENER DIODE(VOLTAGE - 11 TO 200 Volts Power - 2.0 Watts)
logo
Transys Electronics
2EZ150 TRSYS-2EZ150 Datasheet
339Kb / 5P
   GLASS PASSIVATED JUNCTION SILICON ZENER DIODE
More results

Similar Description - 2EZ15

ManufacturerPart #DatasheetDescription
logo
Pan Jit International I...
1N5913B PANJIT-1N5913B Datasheet
457Kb / 5P
   GLASS PASSIVATED JUNCTION SILICON ZENER DIODES
1SMB2EZ6.8 PANJIT-1SMB2EZ6.8_09 Datasheet
356Kb / 5P
   GLASS PASSIVATED JUNCTION SILICON ZENER DIODES
1SMB3EZ6.8 PANJIT-1SMB3EZ6.8_09 Datasheet
347Kb / 5P
   GLASS PASSIVATED JUNCTION SILICON ZENER DIODES
1N5334B PANJIT-1N5334B Datasheet
453Kb / 4P
   GLASS PASSIVATED JUNCTION SILICON ZENER DIODES
logo
Shenzhen Taychipst Elec...
1SMB2EZ6.8 TAYCHIPST-1SMB2EZ6.8 Datasheet
12Mb / 4P
   GLASS PASSIVATED JUNCTION SILICON ZENER DIODES
logo
Pan Jit International I...
3EZ6.8 PANJIT-3EZ6.8 Datasheet
693Kb / 4P
   GLASS PASSIVATED JUNCTION SILICON ZENER DIODES
1SMB3EZ47-AU PANJIT-1SMB3EZ47-AU Datasheet
319Kb / 6P
   GLASS PASSIVATED JUNCTION SILICON ZENER DIODES
3EZ11 PANJIT-3EZ11_04 Datasheet
294Kb / 4P
   GLASS PASSIVATED JUNCTION SILICON ZENER DIODES
1SMB2EZ6.8 PANJIT-1SMB2EZ6.8 Datasheet
674Kb / 4P
   GLASS PASSIVATED JUNCTION SILICON ZENER DIODES
logo
Shenzhen Taychipst Elec...
1SMB5913B TAYCHIPST-1SMB5913B Datasheet
13Mb / 4P
   GLASS PASSIVATED JUNCTION SILICON ZENER DIODES
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com