Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

EN29LV640TB-70TC Datasheet(PDF) 8 Page - Eon Silicon Solution Inc.

Part # EN29LV640TB-70TC
Description  64 Megabit (8M x 8-bit / 4M x 16-bit) Flash Memory Boot Sector Flash Memory, CMOS 3.0 Volt-only
Download  53 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EON [Eon Silicon Solution Inc.]
Direct Link  http://www.essi.com.tw
Logo EON - Eon Silicon Solution Inc.

EN29LV640TB-70TC Datasheet(HTML) 8 Page - Eon Silicon Solution Inc.

Back Button EN29LV640TB-70TC Datasheet HTML 4Page - Eon Silicon Solution Inc. EN29LV640TB-70TC Datasheet HTML 5Page - Eon Silicon Solution Inc. EN29LV640TB-70TC Datasheet HTML 6Page - Eon Silicon Solution Inc. EN29LV640TB-70TC Datasheet HTML 7Page - Eon Silicon Solution Inc. EN29LV640TB-70TC Datasheet HTML 8Page - Eon Silicon Solution Inc. EN29LV640TB-70TC Datasheet HTML 9Page - Eon Silicon Solution Inc. EN29LV640TB-70TC Datasheet HTML 10Page - Eon Silicon Solution Inc. EN29LV640TB-70TC Datasheet HTML 11Page - Eon Silicon Solution Inc. EN29LV640TB-70TC Datasheet HTML 12Page - Eon Silicon Solution Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 53 page
background image
This Data Sheet may be revised by subsequent versions
©2004 Eon Silicon Solution, Inc., www.essi.com.tw
or modifications due to changes in technical specifications.
8
EN29LV640T/B
Rev. B, Issue Date: 2007/05/16
SA122
1111010xxx
64/32
7A0000–7AFFFF
3D0000–3D7FFF
SA123
1111011xxx
64/32
7B0000–7BFFFF
3D8000–3DFFFF
SA124
1111100xxx
64/32
7C0000–7CFFFF
3E0000–3E7FFF
SA125
1111101xxx
64/32
7D0000–7DFFFF
3E8000–3EFFFF
SA126
1111110xxx
64/32
7E0000–7EFFFF
3F0000–3F7FFF
SA127
1111111000
8/4
7F0000–7F1FFF
3F8000–3F8FFF
SA128
1111111001
8/4
7F2000–7F3FFF
3F9000–3F9FFF
SA129
1111111010
8/4
7F4000–7F5FFF
3FA000–3FAFFF
SA130
1111111011
8/4
7F6000–7F7FFF
3FB000–3FBFFF
SA131
1111111100
8/4
7F8000–7F9FFF
3FC000–3FCFFF
SA132
1111111101
8/4
7FA000–7FBFFF
3FD000–3FDFFF
SA133
1111111110
8/4
7FC000–7FDFFF
3FE000–3FEFFF
SA134
1111111111
8/4
7FE000–7FFFFF
3FF000–3FFFFF
Note
: The address bus is A21:A-1 in byte mode where BYTE# = V
B
ILB or A20:A0 in word mode where
BYTE# = V
B
IHB
U
Table 2B. Bottom Boot Sector Address Tables (EN29LV640B)
Sector
A21 – A12
Sector Size
(Kbytes / Kwords)
Address Range (h)
Byte mode (x8)
Address Range (h)
Word Mode (x16)
SA0
0000000000
8/4
000000–001FFF
000000–000FFF
SA1
0000000001
8/4
002000–003FFF
001000–001FFF
SA2
0000000010
8/4
004000–005FFF
002000–002FFF
SA3
0000000011
8/4
006000–007FFF
003000–003FFF
SA4
0000000100
8/4
008000–009FFF
004000–004FFF
SA5
0000000101
8/4
00A000–00BFFF
005000–005FFF
SA6
0000000110
8/4
00C000–00DFFF
006000–006FFF
SA7
0000000111
8/4
00E000–00FFFF
007000–007FFF
SA8
0000001xxx
64/32
010000–01FFFF
008000–00FFFF
SA9
0000010xxx
64/32
020000–02FFFF
010000–017FFF
SA10
0000011xxx
64/32
030000–03FFFF
018000–01FFFF
SA11
0000100xxx
64/32
040000–04FFFF
020000–027FFF
SA12
0000101xxx
64/32
050000–05FFFF
028000–02FFFF
SA13
0000110xxx
64/32
060000–06FFFF
030000–037FFF
SA14
0000111xxx
64/32
070000–07FFFF
038000–03FFFF
SA15
0001000xxx
64/32
080000–08FFFF
040000–047FFF
SA16
0001001xxx
64/32
090000–09FFFF
048000–04FFFF
SA17
0001010xxx
64/32
0A0000–0AFFFF
050000–057FFF


Similar Part No. - EN29LV640TB-70TC

ManufacturerPart #DatasheetDescription
logo
Eon Silicon Solution In...
EN29LV640 EON-EN29LV640 Datasheet
423Kb / 45P
   64 Megabit (4M x 16-bit ) CMOS 3.0 Volt-only, Uniform Sector Flash Memory
EN29LV640A EON-EN29LV640A Datasheet
549Kb / 53P
   64 Megabit (8M x 8-bit / 4M x 16-bit) Flash Memory Boot Sector Flash Memory, CMOS 3.0 Volt-only
EN29LV640AB-90BIP EON-EN29LV640AB-90BIP Datasheet
549Kb / 53P
   64 Megabit (8M x 8-bit / 4M x 16-bit) Flash Memory Boot Sector Flash Memory, CMOS 3.0 Volt-only
EN29LV640AB-90TIP EON-EN29LV640AB-90TIP Datasheet
549Kb / 53P
   64 Megabit (8M x 8-bit / 4M x 16-bit) Flash Memory Boot Sector Flash Memory, CMOS 3.0 Volt-only
EN29LV640AT-90BIP EON-EN29LV640AT-90BIP Datasheet
549Kb / 53P
   64 Megabit (8M x 8-bit / 4M x 16-bit) Flash Memory Boot Sector Flash Memory, CMOS 3.0 Volt-only
More results

Similar Description - EN29LV640TB-70TC

ManufacturerPart #DatasheetDescription
logo
Eon Silicon Solution In...
EN29LV640A EON-EN29LV640A Datasheet
549Kb / 53P
   64 Megabit (8M x 8-bit / 4M x 16-bit) Flash Memory Boot Sector Flash Memory, CMOS 3.0 Volt-only
EN29LV160C EON-EN29LV160C Datasheet
435Kb / 44P
   16 Megabit (2048K x 8-bit / 1024K x 16-bit) Flash Memory Boot Sector Flash Memory, CMOS 3.0 Volt-only
EN29LV160 EON-EN29LV160 Datasheet
420Kb / 45P
   16 Megabit (2048K x 8-bit / 1024K x 16-bit) Flash Memory Boot Sector Flash Memory, CMOS 3.0 Volt-only
EN29LV640 EON-EN29LV640 Datasheet
423Kb / 45P
   64 Megabit (4M x 16-bit ) CMOS 3.0 Volt-only, Uniform Sector Flash Memory
EN29LV800 EON-EN29LV800 Datasheet
239Kb / 43P
   8 Megabit (1024K x 8-bit / 512K x 16-bit) Flash Memory Boot Sector Flash Memory, CMOS 3.0 Volt-only
EN29LV800B EON-EN29LV800B Datasheet
351Kb / 41P
   8 Megabit (1024K x 8-bit / 512K x 16-bit) Flash Memory Boot Sector Flash Memory, CMOS 3.0 Volt-only
logo
List of Unclassifed Man...
EN29LV160J ETC1-EN29LV160J Datasheet
264Kb / 44P
   16 Megabit (2048K x 8-bit / 1024K x 16-bit) Flash Memory Boot Sector Flash Memory, CMOS 3.0 Volt-only
logo
Eon Silicon Solution In...
EN29LV160B EON-EN29LV160B_11 Datasheet
420Kb / 43P
   16 Megabit (2048K x 8-bit / 1024K x 16-bit) Flash Memory Boot Sector Flash Memory, CMOS 3.0 Volt-only
EN29LV800C EON-EN29LV800C_11 Datasheet
407Kb / 41P
   8 Megabit (1024K x 8-bit / 512K x 16-bit) Flash Memory Boot Sector Flash Memory, CMOS 3.0 Volt-only
EN29LV800A EON-EN29LV800A Datasheet
590Kb / 41P
   8 Megabit (1024K x 8-bit / 512K x 16-bit) Flash Memory Boot Sector Flash Memory, CMOS 3.0 Volt-only
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com