Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

1N5939B Datasheet(PDF) 5 Page - Pan Jit International Inc.

Part # 1N5939B
Description  GLASS PASSIVATED JUNCTION SILICON ZENER DIODES
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANJIT [Pan Jit International Inc.]
Direct Link  http://www.panjit.com.tw
Logo PANJIT - Pan Jit International Inc.

1N5939B Datasheet(HTML) 5 Page - Pan Jit International Inc.

  1N5939B Datasheet HTML 1Page - Pan Jit International Inc. 1N5939B Datasheet HTML 2Page - Pan Jit International Inc. 1N5939B Datasheet HTML 3Page - Pan Jit International Inc. 1N5939B Datasheet HTML 4Page - Pan Jit International Inc. 1N5939B Datasheet HTML 5Page - Pan Jit International Inc.  
Zoom Inzoom in Zoom Outzoom out
 5 / 5 page
background image
PAGE . 5
REV.0-MAR.23.2005
0
12
3
4
5
67
89
10
100
50
30
20
10
5
3
2
1
0.5
0.3
0.2
0.1
Vz, ZENER VOLTAGE (VOLTS)
Fig.7 Vz = 6.8 thru 10 Volts
100
50
30
20
10
5
3
2
1
0.5
0.3
0.2
0.1
0
1020304050
60
70
80
90
100
Vz, ZENER VOLTAGE (VOLTS)
Fig.8Vz=12thru82Volts
NOTE 3. ZENER VOLTAGE (Vz) MEASUREMENT
Nominal zener voltage is measured with the device function in thermal equilibrium with ambient
temperature at 25 C
NOTE 4. ZENER IMPEDANCE (Zz) DERIVATION
Zzt and Zzk are measured by dividing the ac voltage drop across the device by the accurrent applied.
The specified limits are for Iz(ac) = 0.1 Iz, (dc) with the ac freqency = 60Hz
O


Similar Part No. - 1N5939B

ManufacturerPart #DatasheetDescription
logo
Pan Jit International I...
1N5939B PANJIT-1N5939B Datasheet
81Kb / 3P
   GLASS PASSIVATED JUNCTION SILICON ZENER DIODE(VOLTAGE - 11 TO 200 Volts Power - 1.5 Watts)
logo
EIC discrete Semiconduc...
1N5939B EIC-1N5939B Datasheet
105Kb / 4P
   SILICON ZENER DIODES
logo
Transys Electronics
1N5939B TRSYS-1N5939B Datasheet
204Kb / 3P
   GLASS PASSIVATED JUNCTION SILICON ZENER DIODE
logo
Pan Jit International I...
1N5939B PANJIT-1N5939B Datasheet
56Kb / 4P
   SILICON ZENER DIODES
logo
Jinan Gude Electronic D...
1N5939B JGD-1N5939B Datasheet
157Kb / 2P
   1.5W SILICON ZENER DIODE
More results

Similar Description - 1N5939B

ManufacturerPart #DatasheetDescription
logo
Pan Jit International I...
2EZ11 PANJIT-2EZ11_04 Datasheet
305Kb / 4P
   GLASS PASSIVATED JUNCTION SILICON ZENER DIODES
1SMB2EZ6.8 PANJIT-1SMB2EZ6.8_09 Datasheet
356Kb / 5P
   GLASS PASSIVATED JUNCTION SILICON ZENER DIODES
1SMB3EZ6.8 PANJIT-1SMB3EZ6.8_09 Datasheet
347Kb / 5P
   GLASS PASSIVATED JUNCTION SILICON ZENER DIODES
1N5334B PANJIT-1N5334B Datasheet
453Kb / 4P
   GLASS PASSIVATED JUNCTION SILICON ZENER DIODES
logo
Shenzhen Taychipst Elec...
1SMB2EZ6.8 TAYCHIPST-1SMB2EZ6.8 Datasheet
12Mb / 4P
   GLASS PASSIVATED JUNCTION SILICON ZENER DIODES
logo
Pan Jit International I...
3EZ6.8 PANJIT-3EZ6.8 Datasheet
693Kb / 4P
   GLASS PASSIVATED JUNCTION SILICON ZENER DIODES
1SMB3EZ47-AU PANJIT-1SMB3EZ47-AU Datasheet
319Kb / 6P
   GLASS PASSIVATED JUNCTION SILICON ZENER DIODES
3EZ11 PANJIT-3EZ11_04 Datasheet
294Kb / 4P
   GLASS PASSIVATED JUNCTION SILICON ZENER DIODES
1SMB2EZ6.8 PANJIT-1SMB2EZ6.8 Datasheet
674Kb / 4P
   GLASS PASSIVATED JUNCTION SILICON ZENER DIODES
logo
Shenzhen Taychipst Elec...
1SMB5913B TAYCHIPST-1SMB5913B Datasheet
13Mb / 4P
   GLASS PASSIVATED JUNCTION SILICON ZENER DIODES
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com