Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

7B32-01-2 Datasheet(PDF) 4 Page - Analog Devices

Part # 7B32-01-2
Description  Isolated Process Current Input
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

7B32-01-2 Datasheet(HTML) 4 Page - Analog Devices

  7B32-01-2 Datasheet HTML 1Page - Analog Devices 7B32-01-2 Datasheet HTML 2Page - Analog Devices 7B32-01-2 Datasheet HTML 3Page - Analog Devices 7B32-01-2 Datasheet HTML 4Page - Analog Devices 7B32-01-2 Datasheet HTML 5Page - Analog Devices 7B32-01-2 Datasheet HTML 6Page - Analog Devices 7B32-01-2 Datasheet HTML 7Page - Analog Devices 7B32-01-2 Datasheet HTML 8Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
7B32
Rev. 0 | Page 4 of 8
Output Resistance
< 1
Voltage Output Protection
Continuous Short to Ground
Power Supply
Voltage Range, Operating
+14 V dc to +35 V dc
Current
+25 mA, maximum
Sensitivity
±0.0001%/% of Vs
Mechanical Dimensions
1.663" x 2.11" x 0.563"
(42.24 mm x 53.6 mm x 14.3 mm)
Weight
60 grams
Environmental
Temperature Range
Operating
-40°C to +85°C
Storage
-40°C to +85°C
Relative Humidity, 24 hours
0 to 90% @ +60°C non-condensing
ESD Sensitivity
IEC 801-2, Level 2
RFI Susceptibility
±0.5% Span error @ 400 MHz, 5 Watt, 3 ft
Warm-up time required to meet specifications is approximately 10 minutes.
* Contact factory for OEM requirements.
1Includes the combined effects of repeatability, hysteresis, and nonlinearity.
2Nonlinearity is calculated using best-fit straight line method.
3Vz is the nominal input voltage that results in a 0 V output.
Specifications subject to change without notice.


Similar Part No. - 7B32-01-2

ManufacturerPart #DatasheetDescription
logo
Analog Devices
7B32 AD-7B32_15 Datasheet
535Kb / 8P
   Isolated Process Current Input
REV. 0
More results

Similar Description - 7B32-01-2

ManufacturerPart #DatasheetDescription
logo
Analog Devices
5B42 AD-5B42 Datasheet
693Kb / 8P
   ISOLATED, PROCESS CURRENT INPUT
REV. 0
5B42 AD-5B42_15 Datasheet
693Kb / 8P
   Isolated, Process Current Input
REV. 0
3B32 AD-3B32 Datasheet
352Kb / 8P
   Isolated, Process Current Input
REV. 0
7B32 AD-7B32_15 Datasheet
535Kb / 8P
   Isolated Process Current Input
REV. 0
3B32 AD-3B32_15 Datasheet
360Kb / 8P
   Isolated, Process Current Input
REV. 0
7B35 AD-7B35 Datasheet
532Kb / 8P
   Isolated Process Current Input with Loop Power
REV. 0
7B35 AD-7B35_15 Datasheet
533Kb / 8P
   Isolated Process Current Input with Loop Power
REV. 0
7B39 AD-7B39_15 Datasheet
532Kb / 8P
   Isolated, Process Current Output
REV. 0
3B39 AD-3B39 Datasheet
385Kb / 8P
   Isolated Process Current Output
REV. 0
3B39 AD-3B39_15 Datasheet
386Kb / 8P
   Isolated Process Current Output
REV. 0
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com