Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

1.5SMC13 Datasheet(PDF) 3 Page - Pan Jit International Inc.

Part # 1.5SMC13
Description  SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANJIT [Pan Jit International Inc.]
Direct Link  http://www.panjit.com.tw
Logo PANJIT - Pan Jit International Inc.

1.5SMC13 Datasheet(HTML) 3 Page - Pan Jit International Inc.

  1.5SMC13 Datasheet HTML 1Page - Pan Jit International Inc. 1.5SMC13 Datasheet HTML 2Page - Pan Jit International Inc. 1.5SMC13 Datasheet HTML 3Page - Pan Jit International Inc. 1.5SMC13 Datasheet HTML 4Page - Pan Jit International Inc. 1.5SMC13 Datasheet HTML 5Page - Pan Jit International Inc.  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
PAGE . 3
STAD-MAY.25.2007
1.5SMC SERIES
r
e
b
m
u
N
t
r
a
P
V RWM
V BR
I
@
T
IR @VRWM
VC @IPP
g
n
i
k
r
a
M
e
d
o
C
.
n
i
M
.
x
a
M
IT
-
I
N
U
-
I
B
-
I
N
U
-
I
B
V
V
V
A
m
µ
µ
µ
µ
µ A
µ
µ
µ
µ
µ A
V
A
-
I
N
U
-
I
B
r
o
s
s
e
r
p
p
u
S
e
g
a
t
l
o
V
t
n
e
i
s
n
a
r
T
W
0
0
5
1
A
3
4
C
M
S
5
.
1
A
C
3
4
C
M
S
5
.
1
8
.
6
3
9
.
0
4
2
.
5
4
1
5
5
3
.
9
5
3
.
5
2
R
X
F
R
X
J
7
4
C
M
S
5
.
1
C
7
4
C
M
S
5
.
1
1
.
8
3
3
.
2
4
7
.
1
5
1
5
5
8
.
7
6
2
.
2
2
S
X
F
S
X
J
A
7
4
C
M
S
5
.
1
A
C
7
4
C
M
S
5
.
1
2
.
0
4
7
.
4
4
4
.
9
4
1
5
5
8
.
4
6
2
.
3
2
T
X
F
T
X
J
1
5
C
M
S
5
.
1
C
1
5
C
M
S
5
.
1
3
.
1
4
9
.
5
4
1
.
6
5
1
5
5
5
.
3
7
4
.
0
2
U
X
F
U
X
J
A
1
5
C
M
S
5
.
1
A
C
1
5
C
M
S
5
.
1
6
.
3
4
5
.
8
4
6
.
3
5
1
5
5
1
.
0
7
4
.
1
2
V
X
F
V
X
J
6
5
C
M
S
5
.
1
C
6
5
C
M
S
5
.
1
6
.
5
4
4
.
0
5
6
.
1
6
1
5
5
5
.
0
8
6
.
8
1
W
X
F
W
X
J
A
6
5
C
M
S
5
.
1
A
C
6
5
C
M
S
5
.
1
8
.
7
4
2
.
3
5
8
.
8
5
1
5
5
7
7
5
.
9
1
X
X
F
X
X
J
2
6
C
M
S
5
.
1
C
2
6
C
M
S
5
.
1
2
.
0
5
8
.
5
5
2
.
8
6
1
5
5
9
8
9
.
6
1
Y
X
F
Y
X
J
A
2
6
C
M
S
5
.
1
A
C
2
6
C
M
S
5
.
1
3
5
9
.
8
5
1
.
5
6
1
5
5
5
8
7
.
7
1
Z
X
F
Z
X
J
8
6
C
M
S
5
.
1
C
8
6
C
M
S
5
.
1
1
.
5
5
2
.
1
6
8
.
4
7
1
5
5
8
9
3
.
5
1
A
Y
F
A
Y
J
A
8
6
C
M
S
5
.
1
A
C
8
6
C
M
S
5
.
1
1
.
8
5
6
.
4
6
4
.
1
7
1
5
5
2
9
3
.
6
1
B
Y
F
B
Y
J
5
7
C
M
S
5
.
1
C
5
7
C
M
S
5
.
1
7
.
0
6
5
.
7
6
5
.
2
8
1
5
5
8
0
1
9
.
3
1
C
Y
F
C
Y
J
A
5
7
C
M
S
5
.
1
A
C
5
7
C
M
S
5
.
1
1
.
4
6
3
.
1
7
8
.
8
7
1
5
5
3
0
1
6
.
4
1
D
Y
F
D
Y
J
2
8
C
M
S
5
.
1
C
2
8
C
M
S
5
.
1
4
.
6
6
8
.
3
7
2
.
0
9
1
5
5
8
1
1
7
.
2
1
E
Y
F
E
Y
J
A
2
8
C
M
S
5
.
1
A
C
2
8
C
M
S
5
.
1
1
.
0
7
9
.
7
7
1
.
6
8
1
5
5
3
1
1
3
.
3
1
F
Y
F
F
Y
J
1
9
C
M
S
5
.
1
C
1
9
C
M
S
5
.
1
7
.
3
7
9
.
1
8
0
0
1
1
5
5
1
3
1
4
.
1
1
G
Y
F
G
Y
J
A
1
9
C
M
S
5
.
1
A
C
1
9
C
M
S
5
.
1
8
.
7
7
5
.
6
8
5
.
5
9
1
5
5
5
2
1
2
1
H
Y
F
H
Y
J
0
0
1
C
M
S
5
.
1
C
0
0
1
C
M
S
5
.
1
1
8
0
9
0
1
1
1
5
5
4
4
1
4
.
0
1
J
Y
F
J
Y
J
A
0
0
1
C
M
S
5
.
1
A
C
0
0
1
C
M
S
5
.
1
5
.
5
8
5
9
5
0
1
1
5
5
7
3
1
1
1
K
Y
F
K
Y
J
0
1
1
C
M
S
5
.
1
C
0
1
1
C
M
S
5
.
1
2
.
9
8
9
9
1
2
1
1
5
5
8
5
1
5
.
9
L
Y
F
L
Y
J
A
0
1
1
C
M
S
5
.
1
A
C
0
1
1
C
M
S
5
.
1
4
9
5
0
1
6
1
1
1
5
5
2
5
1
9
.
9
M
Y
F
M
Y
J
0
2
1
C
M
S
5
.
1
C
0
2
1
C
M
S
5
.
1
2
.
7
9
8
0
1
2
3
1
1
5
5
3
7
1
7
.
8
N
Y
F
N
Y
J
A
0
2
1
C
M
S
5
.
1
A
C
0
2
1
C
M
S
5
.
1
2
0
1
4
1
1
6
2
1
1
5
5
5
6
1
1
.
9
P
Y
F
P
Y
J
0
3
1
C
M
S
5
.
1
C
0
3
1
C
M
S
5
.
1
5
0
1
7
1
1
3
4
1
1
5
5
7
8
1
8
Q
Y
F
Q
Y
J
A
0
3
1
C
M
S
5
.
1
A
C
0
3
1
C
M
S
5
.
1
1
1
1
4
2
1
7
3
1
1
5
5
9
7
1
4
.
8
R
Y
F
R
Y
J
0
5
1
C
M
S
5
.
1
C
0
5
1
C
M
S
5
.
1
1
2
1
5
3
1
5
6
1
1
5
5
5
1
2
7
S
Y
F
S
Y
J
A
0
5
1
C
M
S
5
.
1
A
C
0
5
1
C
M
S
5
.
1
8
2
1
3
4
1
8
5
1
1
5
5
7
0
2
2
.
7
T
Y
F
T
Y
J
0
6
1
C
M
S
5
.
1
C
0
6
1
C
M
S
5
.
1
0
3
1
4
4
1
6
7
1
1
5
5
0
3
2
5
.
6
U
Y
F
U
Y
J
A
0
6
1
C
M
S
5
.
1
A
C
0
6
1
C
M
S
5
.
1
6
3
1
2
5
1
8
6
1
1
5
5
9
1
2
8
.
6
V
Y
F
V
Y
J
0
7
1
C
M
S
5
.
1
C
0
7
1
C
M
S
5
.
1
8
3
1
3
5
1
7
8
1
1
5
5
4
4
2
2
.
6
W
Y
F
W
Y
J
A
0
7
1
C
M
S
5
.
1
A
C
0
7
1
C
M
S
5
.
1
5
4
1
2
6
1
9
7
1
1
5
5
4
3
2
4
.
6
X
Y
F
X
Y
J
0
8
1
C
M
S
5
.
1
C
0
8
1
C
M
S
5
.
1
6
4
1
2
6
1
8
9
1
1
5
5
8
5
2
8
.
5
Y
Y
F
Y
Y
J
A
0
8
1
C
M
S
5
.
1
A
C
0
8
1
C
M
S
5
.
1
4
5
1
1
7
1
9
8
1
1
5
5
6
4
2
1
.
6
Z
Y
F
Z
Y
J
0
0
2
C
M
S
5
.
1
C
0
0
2
C
M
S
5
.
1
2
6
1
0
8
1
0
2
2
1
5
5
7
8
2
2
.
5
A
W
F
A
W
J
A
0
0
2
C
M
S
5
.
1
A
C
0
0
2
C
M
S
5
.
1
1
7
1
0
9
1
0
1
2
1
5
5
4
7
2
5
.
5
B
W
F
B
W
J
0
2
2
C
M
S
5
.
1
C
0
2
2
C
M
S
5
.
1
5
7
1
8
9
1
2
4
2
1
5
5
4
4
3
3
.
4
C
W
F
C
W
J
A
0
2
2
C
M
S
5
.
1
A
C
0
2
2
C
M
S
5
.
1
5
8
1
9
0
2
1
3
2
1
5
5
8
2
3
6
.
4
D
W
F
D
W
J
0
5
2
C
M
S
5
.
1
C
0
5
2
C
M
S
5
.
1
2
0
2
5
2
2
5
7
2
1
5
5
0
6
3
3
.
4
E
W
F
E
W
J
A
0
5
2
C
M
S
5
.
1
A
C
0
5
2
C
M
S
5
.
1
4
1
2
7
3
2
3
6
2
1
5
5
4
4
3
5
.
4
F
W
F
F
W
J


Similar Part No. - 1.5SMC13

ManufacturerPart #DatasheetDescription
logo
Taiwan Semiconductor Co...
1.5SMC13 TSC-1.5SMC13 Datasheet
68Kb / 4P
   Surface Mount Transient Voltage Suppressor
logo
Zibo Seno Electronic En...
1.5SMC13 ZSELEC-1.5SMC13 Datasheet
80Kb / 5P
   6.8 to 440Volts 1500Watts SMD TRANSIENT VOLTAGE SUPPRESSORS
logo
List of Unclassifed Man...
1.5SMC13 ETC1-1.5SMC13 Datasheet
97Kb / 6P
   1500 W Unidirectional and Bidirectional Surface Mounted Transient Voltage Suppressor Diodes
logo
Nantong Hornby Electron...
1.5SMC13 HORNBY-1.5SMC13 Datasheet
335Kb / 5P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSORS
logo
Taiwan Semiconductor Co...
1.5SMC13 TSC-1.5SMC13 Datasheet
276Kb / 4P
   1500 Watts Surface Mount Transient Voltage Suppressor
More results

Similar Description - 1.5SMC13

ManufacturerPart #DatasheetDescription
logo
EIC discrete Semiconduc...
SMBJ50 EIC-SMBJ50 Datasheet
110Kb / 4P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
STUB06I EIC-STUB06I_05 Datasheet
79Kb / 4P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
logo
Diotech Company.
3.0SMCJ5.0 DIOTECH-3.0SMCJ5.0 Datasheet
1Mb / 3P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
logo
EIC discrete Semiconduc...
3.0SMCJ11 EIC-3.0SMCJ11 Datasheet
58Kb / 4P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
3.0SMCJ11C EIC-3.0SMCJ11C Datasheet
57Kb / 4P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
logo
MIC GROUP RECTIFIERS
SMB5.0 MIC-SMB5.0 Datasheet
74Kb / 4P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
logo
Pan Jit International I...
SMF5.0A_SERIES PANJIT-SMF5.0A_SERIES_14 Datasheet
84Kb / 6P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
logo
Sangdest Microelectroni...
3.0SMCJ-GT3 SMC-3.0SMCJ-GT3 Datasheet
291Kb / 5P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
logo
PACELEADER INDUSTRIAL
SMAJ PACELEADER-SMAJ Datasheet
4Mb / 4P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
SMBJ PACELEADER-SMBJ Datasheet
342Kb / 5P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
SMCJ PACELEADER-SMCJ Datasheet
349Kb / 5P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com