Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

EN25B32-100VI Datasheet(PDF) 7 Page - Eon Silicon Solution Inc.

Part # EN25B32-100VI
Description  32 Mbit Serial Flash Memory with Boot and Parameter Sectors
Download  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EON [Eon Silicon Solution Inc.]
Direct Link  http://www.essi.com.tw
Logo EON - Eon Silicon Solution Inc.

EN25B32-100VI Datasheet(HTML) 7 Page - Eon Silicon Solution Inc.

Back Button EN25B32-100VI Datasheet HTML 3Page - Eon Silicon Solution Inc. EN25B32-100VI Datasheet HTML 4Page - Eon Silicon Solution Inc. EN25B32-100VI Datasheet HTML 5Page - Eon Silicon Solution Inc. EN25B32-100VI Datasheet HTML 6Page - Eon Silicon Solution Inc. EN25B32-100VI Datasheet HTML 7Page - Eon Silicon Solution Inc. EN25B32-100VI Datasheet HTML 8Page - Eon Silicon Solution Inc. EN25B32-100VI Datasheet HTML 9Page - Eon Silicon Solution Inc. EN25B32-100VI Datasheet HTML 10Page - Eon Silicon Solution Inc. EN25B32-100VI Datasheet HTML 11Page - Eon Silicon Solution Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 38 page
background image
This Data Sheet may be revised by subsequent versions
©2004 Eon Silicon Solution, Inc., www.essi.com.tw
or modifications due to changes in technical specifications.
7
EN25B32
Rev. C, Issue Date: 2007/06/21
Table 2b. Top Boot Block Sector Architecture (Special order)
Sector
SECTOR SIZE (KByte)
Address range
67
4
3FF000h – 3FFFFFh
66
4
3FE000h – 3FEFFFh
65
8
3FC000h – 3FDFFFh
64
16
3F8000h – 3FBFFFh
63
32
3F0000h – 3F7FFFh
62
64
3E0000h – 3EFFFFh
61
64
3D0000h – 3DFFFFh
60
64
3C0000h – 3CFFFFh
59
64
3B0000h – 3BFFFFh
58
64
3A0000h – 3AFFFFh
57
64
390000h – 39FFFFh
56
64
380000h – 38FFFFh
55
64
370000h – 37FFFFh
54
64
360000h – 36FFFFh
53
64
350000h – 35FFFFh
52
64
340000h – 34FFFFh
51
64
330000h – 33FFFFh
50
64
320000h – 32FFFFh
49
64
310000h – 31FFFFh
48
64
300000h – 30FFFFh
47
64
2F0000h – 2FFFFFh
46
64
2E0000h – 2EFFFFh
45
64
2D0000h – 2DFFFFh
44
64
2C0000h – 2CFFFFh
43
64
2B0000h – 2BFFFFh
42
64
2A0000h – 2AFFFFh
41
64
290000h – 29FFFFh
40
64
280000h – 28FFFFh
39
64
270000h – 27FFFFh
38
64
260000h – 26FFFFh
37
64
250000h – 25FFFFh
35
64
240000h – 24FFFFh
35
64
230000h – 23FFFFh
34
64
220000h – 22FFFFh
33
64
210000h – 21FFFFh
32
64
200000h – 20FFFFh
31
64
1F0000h – 1FFFFFh
30
64
1E0000h – 1EFFFFh
29
64
1D0000h – 1DFFFFh
28
64
1C0000h – 1CFFFFh
27
64
1B0000h – 1BFFFFh
26
64
1A0000h – 1AFFFFh
25
64
190000h – 19FFFFh
24
64
180000h – 18FFFFh
23
64
170000h – 17FFFFh
22
64
160000h – 16FFFFh


Similar Part No. - EN25B32-100VI

ManufacturerPart #DatasheetDescription
logo
Eon Silicon Solution In...
EN25B05 EON-EN25B05 Datasheet
386Kb / 30P
   512 Kbit Serial Flash Memory with Boot and Parameter Sectors
EN25B05-50GC EON-EN25B05-50GC Datasheet
386Kb / 30P
   512 Kbit Serial Flash Memory with Boot and Parameter Sectors
EN25B05-50GCP EON-EN25B05-50GCP Datasheet
386Kb / 30P
   512 Kbit Serial Flash Memory with Boot and Parameter Sectors
EN25B05-50GI EON-EN25B05-50GI Datasheet
386Kb / 30P
   512 Kbit Serial Flash Memory with Boot and Parameter Sectors
EN25B05-50GIP EON-EN25B05-50GIP Datasheet
386Kb / 30P
   512 Kbit Serial Flash Memory with Boot and Parameter Sectors
More results

Similar Description - EN25B32-100VI

ManufacturerPart #DatasheetDescription
logo
Eon Silicon Solution In...
EN25B16 EON-EN25B16 Datasheet
459Kb / 36P
   16 Mbit Serial Flash Memory with Boot and Parameter Sectors
EN25B20 EON-EN25B20 Datasheet
397Kb / 32P
   2 Mbit Serial Flash Memory with Boot and Parameter Sectors
EN25B80 EON-EN25B80 Datasheet
452Kb / 33P
   8 Mbit Serial Flash Memory with Boot and Parameter Sectors
EN25B10 EON-EN25B10 Datasheet
391Kb / 31P
   1 Mbit Serial Flash Memory with Boot and Parameter Sectors
EN25B40 EON-EN25B40 Datasheet
462Kb / 36P
   4 Mbit Serial Flash Memory with Boot and Parameter Sectors
logo
Winbond
W25B40AVSNIG-TR WINBOND-W25B40AVSNIG-TR Datasheet
1Mb / 36P
   4M-BIT SERIAL FLASH MEMORY WITH BOOT AND PARAMETER SECTORS
logo
Eon Silicon Solution In...
EN25B05 EON-EN25B05 Datasheet
386Kb / 30P
   512 Kbit Serial Flash Memory with Boot and Parameter Sectors
logo
Winbond
W25B40 WINBOND-W25B40 Datasheet
1Mb / 36P
   4M-BIT SERIAL FLASH MEMORY WITH BOOT AND PARAMETER SECTORS
logo
Eon Silicon Solution In...
EN25B64 EON-EN25B64 Datasheet
420Kb / 37P
   64 Megabit Serial Flash Memory with Boot and Parameter Sectors
logo
Numonyx B.V
M29W320ET NUMONYX-M29W320ET Datasheet
1Mb / 63P
   32 Mbit (4Mbx8 or 2Mbx16, Uniform Parameter Blocks, Boot Block) 3V supply Flash memory
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com