Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

EN25P40 Datasheet(PDF) 3 Page - Eon Silicon Solution Inc.

Part # EN25P40
Description  4 Mbit Uniform Sector, Serial Flash Memory
Download  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EON [Eon Silicon Solution Inc.]
Direct Link  http://www.essi.com.tw
Logo EON - Eon Silicon Solution Inc.

EN25P40 Datasheet(HTML) 3 Page - Eon Silicon Solution Inc.

  EN25P40 Datasheet HTML 1Page - Eon Silicon Solution Inc. EN25P40 Datasheet HTML 2Page - Eon Silicon Solution Inc. EN25P40 Datasheet HTML 3Page - Eon Silicon Solution Inc. EN25P40 Datasheet HTML 4Page - Eon Silicon Solution Inc. EN25P40 Datasheet HTML 5Page - Eon Silicon Solution Inc. EN25P40 Datasheet HTML 6Page - Eon Silicon Solution Inc. EN25P40 Datasheet HTML 7Page - Eon Silicon Solution Inc. EN25P40 Datasheet HTML 8Page - Eon Silicon Solution Inc. EN25P40 Datasheet HTML 9Page - Eon Silicon Solution Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 31 page
background image
This Data Sheet may be revised by subsequent versions
©2004 Eon Silicon Solution, Inc., www.essi.com.tw
or modifications due to changes in technical specifications.
3
EN25P40
Rev. D, Issue Date: 2006/12/25
SIGNAL DESCRIPTION
Serial Data Input (DI)
The SPI Serial Data Input (DI) pin provides a means for instructions, addresses and data to be
serially written to (shifted into) the device. Data is latched on the rising edge of the Serial Clock (CLK)
input pin.
Serial Data Output (DO)
The SPI Serial Data Output (DO) pin provides a means for data and status to be serially read from
(shifted out of) the device. Data is shifted out on the falling edge of the Serial Clock (CLK) input pin.
Serial Clock (CLK)
The SPI Serial Clock Input (CLK) pin provides the timing for serial input and output operations. ("See
SPI Mode")
Chip Select (CS#)
The SPI Chip Select (CS#) pin enables and disables device operation. When CS# is high the device
is deselected and the Serial Data Output (DO) pin is at high impedance. When deselected, the
devices power consumption will be at standby levels unless an internal erase, program or status
register cycle is in progress. When CS# is brought low the device will be selected, power
consumption will increase to active levels and instructions can be written to and data read from the
device. After power-up, CS# must transition from high to low before a new instruction will be
accepted.
Hold (HOLD#)
The HOLD pin allows the device to be paused while it is actively selected. When HOLD is brought
low, while CS# is low, the DO pin will be at high impedance and signals on the DI and CLK pins will
be ignored (don’t care). The hold function can be useful when multiple devices are sharing the same
SPI signals.
Write Protect (WP#)
The Write Protect (WP#) pin can be used to prevent the Status Register from being written. Used
in conjunction with the Status Register’s Block Protect (BP0, BP1and BP2) bits and Status
Register Protect (SRP) bits, a portion or the entire memory array can be hardware protected.
Table 1. PIN Names
Symbol
Pin Name
CLK
Serial Clock Input
DI
Serial Data Input
DO
Serial Data Output
CS#
Chip Enable
WP#
Write Protect
HOLD#
Hold Input
Vcc
Supply Voltage (2.7-3.6V)
Vss
Ground


Similar Part No. - EN25P40

ManufacturerPart #DatasheetDescription
logo
Eon Silicon Solution In...
EN25P05 EON-EN25P05 Datasheet
376Kb / 30P
   512 Kbit Uniform Sector, Serial Flash Memory
EN25P05-100GC EON-EN25P05-100GC Datasheet
376Kb / 30P
   512 Kbit Uniform Sector, Serial Flash Memory
EN25P05-100GCP EON-EN25P05-100GCP Datasheet
376Kb / 30P
   512 Kbit Uniform Sector, Serial Flash Memory
EN25P05-100GI EON-EN25P05-100GI Datasheet
376Kb / 30P
   512 Kbit Uniform Sector, Serial Flash Memory
EN25P05-100GIP EON-EN25P05-100GIP Datasheet
376Kb / 30P
   512 Kbit Uniform Sector, Serial Flash Memory
More results

Similar Description - EN25P40

ManufacturerPart #DatasheetDescription
logo
Eon Silicon Solution In...
EN25P20 EON-EN25P20 Datasheet
388Kb / 32P
   2 Mbit Uniform Sector, Serial Flash Memory
EN25P32 EON-EN25P32 Datasheet
452Kb / 34P
   32 Mbit Uniform Sector, Serial Flash Memory
EN25P80 EON-EN25P80 Datasheet
386Kb / 30P
   8 Mbit Uniform Sector, Serial Flash Memory
EN25P10 EON-EN25P10 Datasheet
385Kb / 31P
   1 Mbit Uniform Sector, Serial Flash Memory
EN25P16 EON-EN25P16 Datasheet
445Kb / 32P
   16 Mbit Uniform Sector, Serial Flash Memory
EN25F40 EON-EN25F40 Datasheet
462Kb / 33P
   4 Mbit Serial Flash Memory with 4Kbytes Uniform Sector
EN25F20 EON-EN25F20 Datasheet
394Kb / 31P
   2 Mbit Serial Flash Memory with 4Kbytes Uniform Sector
EN25F20 EON-EN25F20_1 Datasheet
1Mb / 33P
   2 Mbit Serial Flash Memory with 4Kbytes Uniform Sector
EN25F80 EON-EN25F80 Datasheet
454Kb / 33P
   8 Mbit Serial Flash Memory with 4Kbytes Uniform Sector
EN25T16A EON-EN25T16A Datasheet
681Kb / 35P
   16 Megabit Uniform Sector, Serial Flash Memory
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com