Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

EN25F40-75GI Datasheet(PDF) 9 Page - Eon Silicon Solution Inc.

Part # EN25F40-75GI
Description  4 Mbit Serial Flash Memory with 4Kbytes Uniform Sector
Download  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EON [Eon Silicon Solution Inc.]
Direct Link  http://www.essi.com.tw
Logo EON - Eon Silicon Solution Inc.

EN25F40-75GI Datasheet(HTML) 9 Page - Eon Silicon Solution Inc.

Back Button EN25F40-75GI Datasheet HTML 5Page - Eon Silicon Solution Inc. EN25F40-75GI Datasheet HTML 6Page - Eon Silicon Solution Inc. EN25F40-75GI Datasheet HTML 7Page - Eon Silicon Solution Inc. EN25F40-75GI Datasheet HTML 8Page - Eon Silicon Solution Inc. EN25F40-75GI Datasheet HTML 9Page - Eon Silicon Solution Inc. EN25F40-75GI Datasheet HTML 10Page - Eon Silicon Solution Inc. EN25F40-75GI Datasheet HTML 11Page - Eon Silicon Solution Inc. EN25F40-75GI Datasheet HTML 12Page - Eon Silicon Solution Inc. EN25F40-75GI Datasheet HTML 13Page - Eon Silicon Solution Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 33 page
background image
This Data Sheet may be revised by subsequent versions
©2004 Eon Silicon Solution, Inc., www.essi.com.tw
or modifications due to changes in technical specifications.
9
EN25F40
Rev. B, Issue Date: 2007/05/09
Power-down
Manufacturer/
Device ID
90h
dummy
dummy
00h(5)
(M7-M0)
(ID7-ID0)
Read Identification
9Fh
(M7-M0)
(ID15-ID8)
(ID7-ID0)
Enter OTP mode
3Ah
Notes:
1. Data bytes are shifted with Most Significant Bit first. Byte fields with data in parenthesis “( )” indicate data being read from
the device on the DO pin.
2. The Status Register contents will repeat continuously until CS# terminate the instruction.
3. All sectors may use any address within the sector.
4. The Device ID will repeat continuously until CS# terminate the instruction.
5. The Manufacturer ID and Device ID bytes will repeat continuously until CS# terminate the instruction.
00h on Byte 4 starts with MID and alternate with DID, 01h on Byte 4 starts with DID and alternate with MID.
Table 5. Manufacturer and Device Identification
OP Code
(M7-M0)
(ID15-ID0)
(ID7-ID0)
ABh
12h
90h
1Ch
12h
9Fh
1Ch
3113h
Write Enable (WREN) (06h)
The Write Enable (WREN) instruction (Figure 5) sets the Write Enable Latch (WEL) bit. The Write Enable
Latch (WEL) bit must be set prior to every Page Program (PP), Sector Erase (SE), Block Erase (BE), Chip
Erase (CE) and Write Status Register (WRSR) instruction.
The Write Enable (WREN) instruction is entered by driving Chip Select (CS#) Low, sending the instruction
code, and then driving Chip Select (CS#) High.
Write Disable (WRDI) (04h)
The Write Disable instruction (Figure 6) resets the Write Enable Latch (WEL) bit in the Status Register to
a 0 or exit from OTP mode to normal mode. The Write Disable instruction is entered by driving Chip Select
(CS#) low, shifting the instruction code “04h” into the DI pin and then driving Chip Select (CS#) high. Note
that the WEL bit is automatically reset after Power-up and upon completion of the Write Status Register,
Page Program, Sector Erase, Block Erase (BE) and Chip Erase instructions.


Similar Part No. - EN25F40-75GI

ManufacturerPart #DatasheetDescription
logo
Eon Silicon Solution In...
EN25F40-75GIP EON-EN25F40-75GIP Datasheet
1Mb / 35P
   4 Megabit Serial Flash Memory with 4Kbytes Uniform Sector
More results

Similar Description - EN25F40-75GI

ManufacturerPart #DatasheetDescription
logo
Eon Silicon Solution In...
EN25F20 EON-EN25F20 Datasheet
394Kb / 31P
   2 Mbit Serial Flash Memory with 4Kbytes Uniform Sector
EN25F80 EON-EN25F80 Datasheet
454Kb / 33P
   8 Mbit Serial Flash Memory with 4Kbytes Uniform Sector
EN25F20 EON-EN25F20_1 Datasheet
1Mb / 33P
   2 Mbit Serial Flash Memory with 4Kbytes Uniform Sector
EN25LF40 EON-EN25LF40 Datasheet
482Kb / 32P
   4 Megabit Serial Flash Memory with 4Kbytes Uniform Sector
EN25F40 EON-EN25F40_1 Datasheet
1Mb / 35P
   4 Megabit Serial Flash Memory with 4Kbytes Uniform Sector
EN25LF40 EON-EN25LF40_1 Datasheet
1Mb / 35P
   4 Megabit Serial Flash Memory with 4Kbytes Uniform Sector
EN25P40 EON-EN25P40 Datasheet
426Kb / 31P
   4 Mbit Uniform Sector, Serial Flash Memory
EN25F05 EON-EN25F05_1 Datasheet
1Mb / 32P
   512 Kbit Serial Flash Memory with 4Kbytes Uniform Sector
EN25F10 EON-EN25F10_1 Datasheet
1Mb / 32P
   1 Megabit Serial Flash Memory with 4Kbytes Uniform Sector
EN25F10 EON-EN25F10 Datasheet
425Kb / 31P
   1 Megabit Serial Flash Memory with 4Kbytes Uniform Sector
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com