Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

EN25P10 Datasheet(PDF) 10 Page - Eon Silicon Solution Inc.

Part # EN25P10
Description  1 Mbit Uniform Sector, Serial Flash Memory
Download  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EON [Eon Silicon Solution Inc.]
Direct Link  http://www.essi.com.tw
Logo EON - Eon Silicon Solution Inc.

EN25P10 Datasheet(HTML) 10 Page - Eon Silicon Solution Inc.

Back Button EN25P10 Datasheet HTML 6Page - Eon Silicon Solution Inc. EN25P10 Datasheet HTML 7Page - Eon Silicon Solution Inc. EN25P10 Datasheet HTML 8Page - Eon Silicon Solution Inc. EN25P10 Datasheet HTML 9Page - Eon Silicon Solution Inc. EN25P10 Datasheet HTML 10Page - Eon Silicon Solution Inc. EN25P10 Datasheet HTML 11Page - Eon Silicon Solution Inc. EN25P10 Datasheet HTML 12Page - Eon Silicon Solution Inc. EN25P10 Datasheet HTML 13Page - Eon Silicon Solution Inc. EN25P10 Datasheet HTML 14Page - Eon Silicon Solution Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 31 page
background image
This Data Sheet may be revised by subsequent versions
©2004 Eon Silicon Solution, Inc., www.essi.com.tw
or modifications due to changes in technical specifications.
10
EN25P10
Rev. C, Issue Date: 2007/5/4
Read Status Register (RDSR) (05h)
The Read Status Register (RDSR) instruction allows the Status Register to be read. The Status Register
may be read at any time, even while a Program, Erase or Write Status Register cycle is in progress.
When one of these cycles is in progress, it is recommended to check the Write In Progress (WIP) bit
before sending a new instruction to the device. It is also possible to read the Status Register continuously,
as shown in Figure 7.
Table 6. Status Register Bit Locations
SRP
0
0
0
BP1
BP0
WEL
BUSY
The status and control bits of the Status Register are as follows:
BUSY bit. The BUSY bit indicates whether the memory is busy with a Write Status Register, Program or
Erase cycle. When set to 1, such a cycle is in progress, when reset to 0 no such cycle is in progress.
WEL bit. The Write Enable Latch (WEL) bit indicates the status of the internal Write Enable Latch. When
set to 1 the internal Write Enable Latch is set, when set to 0 the internal Write Enable Latch is reset and
no Write Status Register, Program or Erase instruction is accepted.
BP1, BP0 bits. The Block Protect (BP1, BP0) bits are non-volatile. They define the size of the area to be
software protected against Program and Erase instructions. These bits are written with the Write Status
Register (WRSR) instruction. When one or both of the Block Protect (BP1, BP0) bits is set to 1, the
relevant memory area (as defined in Table 3.) becomes protected against Page Program (PP) and Sector
Erase (SE) instructions. The Block Protect (BP1, BP0) bits can be written provided that the Hardware
Protected mode has not been set. The Bulk Erase (BE) instruction is executed if, and only if, both Block
Protect (BP1, BP0) bits are 0.
Reserved bit. Status register bit locations 5 and 6 are reserved for future use. Current devices will read 0
for these bit locations. It is recommended to mask out the reserved bit when testing the Status Register.
Doing this will ensure compatibility with future devices.
SRP bit. The Status Register Protect (SRP) bit is operated in conjunction with the Write Protect (WP#)
signal. The Status Register Write Protect (SRP) bit and Write Protect (WP#) signal allow the device to be
put in the Hardware Protected mode (when the Status Register Protect (SRP) bit is set to 1, and Write
Protect (WP#) is driven Low). In this mode, the non-volatile bits of the Status Register (SRP, BP1, BP0)
become read-only bits and the Write Status Register (WRSR) instruction is no longer accepted for
execution.
Status Register Protect
Reserved Bits
Block Protect Bits
Write Enable Latch
Busy


Similar Part No. - EN25P10

ManufacturerPart #DatasheetDescription
logo
Eon Silicon Solution In...
EN25P16 EON-EN25P16 Datasheet
445Kb / 32P
   16 Mbit Uniform Sector, Serial Flash Memory
EN25P16-50FC EON-EN25P16-50FC Datasheet
445Kb / 32P
   16 Mbit Uniform Sector, Serial Flash Memory
EN25P16-50FCP EON-EN25P16-50FCP Datasheet
445Kb / 32P
   16 Mbit Uniform Sector, Serial Flash Memory
EN25P16-50FI EON-EN25P16-50FI Datasheet
445Kb / 32P
   16 Mbit Uniform Sector, Serial Flash Memory
EN25P16-50FIP EON-EN25P16-50FIP Datasheet
445Kb / 32P
   16 Mbit Uniform Sector, Serial Flash Memory
More results

Similar Description - EN25P10

ManufacturerPart #DatasheetDescription
logo
Eon Silicon Solution In...
EN25P20 EON-EN25P20 Datasheet
388Kb / 32P
   2 Mbit Uniform Sector, Serial Flash Memory
EN25P40 EON-EN25P40 Datasheet
426Kb / 31P
   4 Mbit Uniform Sector, Serial Flash Memory
EN25P32 EON-EN25P32 Datasheet
452Kb / 34P
   32 Mbit Uniform Sector, Serial Flash Memory
EN25P80 EON-EN25P80 Datasheet
386Kb / 30P
   8 Mbit Uniform Sector, Serial Flash Memory
EN25P16 EON-EN25P16 Datasheet
445Kb / 32P
   16 Mbit Uniform Sector, Serial Flash Memory
EN25F20 EON-EN25F20 Datasheet
394Kb / 31P
   2 Mbit Serial Flash Memory with 4Kbytes Uniform Sector
EN25F20 EON-EN25F20_1 Datasheet
1Mb / 33P
   2 Mbit Serial Flash Memory with 4Kbytes Uniform Sector
EN25F40 EON-EN25F40 Datasheet
462Kb / 33P
   4 Mbit Serial Flash Memory with 4Kbytes Uniform Sector
EN25F80 EON-EN25F80 Datasheet
454Kb / 33P
   8 Mbit Serial Flash Memory with 4Kbytes Uniform Sector
EN25F10 EON-EN25F10 Datasheet
425Kb / 31P
   1 Megabit Serial Flash Memory with 4Kbytes Uniform Sector
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com