Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

EN25F80 Datasheet(PDF) 8 Page - Eon Silicon Solution Inc.

Part # EN25F80
Description  8 Mbit Serial Flash Memory with 4Kbytes Uniform Sector
Download  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EON [Eon Silicon Solution Inc.]
Direct Link  http://www.essi.com.tw
Logo EON - Eon Silicon Solution Inc.

EN25F80 Datasheet(HTML) 8 Page - Eon Silicon Solution Inc.

Back Button EN25F80 Datasheet HTML 4Page - Eon Silicon Solution Inc. EN25F80 Datasheet HTML 5Page - Eon Silicon Solution Inc. EN25F80 Datasheet HTML 6Page - Eon Silicon Solution Inc. EN25F80 Datasheet HTML 7Page - Eon Silicon Solution Inc. EN25F80 Datasheet HTML 8Page - Eon Silicon Solution Inc. EN25F80 Datasheet HTML 9Page - Eon Silicon Solution Inc. EN25F80 Datasheet HTML 10Page - Eon Silicon Solution Inc. EN25F80 Datasheet HTML 11Page - Eon Silicon Solution Inc. EN25F80 Datasheet HTML 12Page - Eon Silicon Solution Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 33 page
background image
This Data Sheet may be revised by subsequent versions
©2004 Eon Silicon Solution, Inc., www.essi.com.tw
or modifications due to changes in technical specifications.
8
EN25F80
Rev. D, Issue Date: 2007/05/16
TABLE 3. Protected Area Sizes Sector Organization
Status Register
Content
Memory Content
BP2
Bit
BP1
Bit
BP0
Bit
Protect Blocks
Addresses
Density(KB)
Portion
1
1
1
All
000000h-0FFFFFh
1024KB
All
1
1
0
All
000000h-0FFFFFh
1024KB
All
1
0
1
All
000000h-0FFFFFh
1024KB
All
1
0
0
8 to 15
080000h-0FFFFFh
512KB
Upper 1/2
0
1
1
12 to 15
0C0000h-0FFFFFh
256KB
Upper 1/4
0
1
0
14 to 15
0E0000h-0FFFFFh
128KB
Upper 1/8
0
0
1
15
0F0000h-0FFFFFh
64KB
Upper 1/16
0
0
0
None
None
None
None
Hold Function
The Hold (HOLD) signal is used to pause any serial communications with the device without resetting the
clocking sequence. However, taking this signal Low does not terminate any Write Status Register,
Program or Erase cycle that is currently in progress.
To enter the Hold condition, the device must be selected, with Chip Select (CS#) Low. The Hold condition
starts on the falling edge of the Hold (HOLD) signal, provided that this coincides with Serial Clock (CLK)
being Low (as shown in Figure 4.).
The Hold condition ends on the rising edge of the Hold (HOLD) signal, provided that this coincides with
Serial Clock (CLK) being Low.
If the falling edge does not coincide with Serial Clock (CLK) being Low, the Hold condition starts after
Serial Clock (CLK) next goes Low. Similarly, if the rising edge does not coincide with Serial Clock (CLK)
being Low, the Hold condition ends after Serial Clock (CLK) next goes Low. (This is shown in Figure 4.).
During the Hold condition, the Serial Data Output (DO) is high impedance, and Serial Data Input (DI) and
Serial Clock (CLK) are Don’t Care.
Normally, the device is kept selected, with Chip Select (CS#) driven Low, for the whole duration of the
Hold condition. This is to ensure that the state of the internal logic remains unchanged from the moment
of entering the Hold condition.
If Chip Select (CS#) goes High while the device is in the Hold condition, this has the effect of resetting the
internal logic of the device. To restart communication with the device, it is necessary to drive Hold (HOLD)
High, and then to drive Chip Select (CS#) Low. This prevents the device from going back to the Hold
condition.
Figure 4. Hold Condition Waveform


Similar Part No. - EN25F80

ManufacturerPart #DatasheetDescription
logo
Eon Silicon Solution In...
EN25F80 EON-EN25F80 Datasheet
1Mb / 35P
   8 Megabit Serial Flash Memory with 4Kbytes Uniform Sector
EN25F80-100GCP EON-EN25F80-100GCP Datasheet
1Mb / 35P
   8 Megabit Serial Flash Memory with 4Kbytes Uniform Sector
EN25F80-100GIP EON-EN25F80-100GIP Datasheet
1Mb / 35P
   8 Megabit Serial Flash Memory with 4Kbytes Uniform Sector
EN25F80-100HCP EON-EN25F80-100HCP Datasheet
1Mb / 35P
   8 Megabit Serial Flash Memory with 4Kbytes Uniform Sector
EN25F80-100HIP EON-EN25F80-100HIP Datasheet
1Mb / 35P
   8 Megabit Serial Flash Memory with 4Kbytes Uniform Sector
More results

Similar Description - EN25F80

ManufacturerPart #DatasheetDescription
logo
Eon Silicon Solution In...
EN25F20 EON-EN25F20 Datasheet
394Kb / 31P
   2 Mbit Serial Flash Memory with 4Kbytes Uniform Sector
EN25F20 EON-EN25F20_1 Datasheet
1Mb / 33P
   2 Mbit Serial Flash Memory with 4Kbytes Uniform Sector
EN25F40 EON-EN25F40 Datasheet
462Kb / 33P
   4 Mbit Serial Flash Memory with 4Kbytes Uniform Sector
EN25F80 EON-EN25F80_1 Datasheet
1Mb / 35P
   8 Megabit Serial Flash Memory with 4Kbytes Uniform Sector
EN25P80 EON-EN25P80 Datasheet
386Kb / 30P
   8 Mbit Uniform Sector, Serial Flash Memory
EN25F05 EON-EN25F05_1 Datasheet
1Mb / 32P
   512 Kbit Serial Flash Memory with 4Kbytes Uniform Sector
EN25F10 EON-EN25F10_1 Datasheet
1Mb / 32P
   1 Megabit Serial Flash Memory with 4Kbytes Uniform Sector
EN25F10 EON-EN25F10 Datasheet
425Kb / 31P
   1 Megabit Serial Flash Memory with 4Kbytes Uniform Sector
EN25LF10 EON-EN25LF10 Datasheet
417Kb / 30P
   1 Megabit Serial Flash Memory with 4Kbytes Uniform Sector
EN25F32 EON-EN25F32 Datasheet
666Kb / 40P
   32 Megabit Serial Flash Memory with 4Kbytes Uniform Sector
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com