Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TPS71726DCKRG4 Datasheet(PDF) 7 Page - Texas Instruments

Part # TPS71726DCKRG4
Description  Low Noise, High-Bandwidth PSRR Low-Dropout 150mA Linear Regulator
Download  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPS71726DCKRG4 Datasheet(HTML) 7 Page - Texas Instruments

Back Button TPS71726DCKRG4 Datasheet HTML 3Page - Texas Instruments TPS71726DCKRG4 Datasheet HTML 4Page - Texas Instruments TPS71726DCKRG4 Datasheet HTML 5Page - Texas Instruments TPS71726DCKRG4 Datasheet HTML 6Page - Texas Instruments TPS71726DCKRG4 Datasheet HTML 7Page - Texas Instruments TPS71726DCKRG4 Datasheet HTML 8Page - Texas Instruments TPS71726DCKRG4 Datasheet HTML 9Page - Texas Instruments TPS71726DCKRG4 Datasheet HTML 10Page - Texas Instruments TPS71726DCKRG4 Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 26 page
background image
www.ti.com
300
250
200
150
100
50
0
-
40
65
125
T ( C)
J °
5
35
-
25 -10
20
50
80
95
110
I
=10mA
OUT
I
=150mA
OUT
150
120
90
60
30
0
2.5
5.5
6.5
V
(V)
IN
3.5
4.5
I
=150mA
OUT
I
=100 A
m
OUT
V
=2.8V
OUT
150
120
90
60
30
0
0
100
150
I
(mA)
OUT
50
-
40
65
125
T ( C)
J °
5
35
-
25 -10
20
50
80
95
110
150
120
90
60
30
0
I
=150mA
OUT
I
=100 A
m
OUT
-
40
65
125
T ( C)
J °
5
35
-
25 -10
20
50
80
95
110
5
4
3
2
1
0
V
=6.5V
IN
V
=4.5V
IN
V
=3.3V
IN
V
=0.4V
EN
600
500
400
300
200
2.5
5.5
6.5
V
(V)
IN
3.5
4.5
T =+125 C
J
°
T =+85 C
J
°
T =+25 C
J
°
T = 40 C
-
J
°
TPS717xx
SBVS068D – FEBRUARY 2006 – REVISED OCTOBER 2007
TYPICAL CHARACTERISTICS (continued)
Over operating temperature range (TJ = –40°C to +125°C), VIN = VOUT(TYP) + 0.5V or 2.5V, whichever is greater; IOUT = 0.5mA,
VEN = VIN, COUT = 1.0µF, CNR = 0.01µF, unless otherwise noted. For TPS71701, VOUT = 2.8V.
Typical values are at TJ = +25°C.
DROPOUT VOLTAGE vs
GROUND PIN CURRENT vs
TEMPERATURE
INPUT VOLTAGE
Figure 9.
Figure 10.
GROUND PIN CURRENT vs
GROUND PIN CURRENT vs
OUTPUT CURRENT
TEMPERATURE (ENABLED)
Figure 11.
Figure 12.
GROUND PIN CURRENT vs
CURRENT LIMIT vs
TEMPERATURE (DISABLED)
INPUT VOLTAGE
Figure 13.
Figure 14.
Copyright © 2006–2007, Texas Instruments Incorporated
Submit Documentation Feedback
7


Similar Part No. - TPS71726DCKRG4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS71726DCKRG4 TI-TPS71726DCKRG4 Datasheet
818Kb / 24P
[Old version datasheet]   Low Noise, High-Bandwidth PSRR Low-Dropout 150mA Linear Regulator
TPS71726DCKRG4 TI-TPS71726DCKRG4 Datasheet
959Kb / 27P
[Old version datasheet]   Low Noise, High-Bandwidth PSRR Low-Dropout 150mA Linear Regulator
TPS71726DCKRG4 TI-TPS71726DCKRG4 Datasheet
928Kb / 28P
[Old version datasheet]   Low Noise, High-Bandwidth PSRR Low-Dropout 150mA Linear Regulator
TPS71726DCKRG4 TI-TPS71726DCKRG4 Datasheet
1Mb / 28P
[Old version datasheet]   Low Noise, High-Bandwidth PSRR Low-Dropout 150mA Linear Regulator
TPS71726DCKRG4 TI1-TPS71726DCKRG4 Datasheet
1Mb / 32P
[Old version datasheet]   Low Noise, High-Bandwidth PSRR Low-Dropout 150mA Linear Regulator
More results

Similar Description - TPS71726DCKRG4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS71750DSER TI1-TPS71750DSER Datasheet
1Mb / 32P
[Old version datasheet]   Low Noise, High-Bandwidth PSRR Low-Dropout 150mA Linear Regulator
TPS717XX TI-TPS717XX_08 Datasheet
959Kb / 27P
[Old version datasheet]   Low Noise, High-Bandwidth PSRR Low-Dropout 150mA Linear Regulator
TPS71701 TI-TPS71701 Datasheet
928Kb / 28P
[Old version datasheet]   Low Noise, High-Bandwidth PSRR Low-Dropout 150mA Linear Regulator
TPS717XX TI-TPS717XX Datasheet
818Kb / 24P
[Old version datasheet]   Low Noise, High-Bandwidth PSRR Low-Dropout 150mA Linear Regulator
TPS717XX TI-TPS717XX_09 Datasheet
1Mb / 28P
[Old version datasheet]   Low Noise, High-Bandwidth PSRR Low-Dropout 150mA Linear Regulator
TPS7A80XX TI-TPS7A80XX Datasheet
1Mb / 20P
[Old version datasheet]   Low-Noise, High-Bandwidth PSRR, Low-Dropout 1A Linear Regulator
TPS7A80XX TI-TPS7A80XX_1 Datasheet
1Mb / 24P
[Old version datasheet]   Low-Noise, High-Bandwidth PSRR,Low-Dropout 1A Linear Regulator
TPS717 TI1-TPS717_16 Datasheet
1Mb / 43P
[Old version datasheet]   Low-Noise, High-Bandwidth PSRR, Low-Dropout, 150-mA Linear Regulator
TPS717-Q1 TI1-TPS717-Q1_16 Datasheet
1Mb / 35P
[Old version datasheet]   Low-Noise, High-Bandwidth PSRR, Low-Dropout, 150-mA Linear Regulator
TPS71750-Q1 TI1-TPS71750-Q1 Datasheet
1Mb / 23P
[Old version datasheet]   Low Noise, High-Bandwidth PSRR Low-Dropout 150-mA Linear Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com