Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

EN25B32T-100HC Datasheet(PDF) 4 Page - Eon Silicon Solution Inc.

Part # EN25B32T-100HC
Description  32 Mbit Serial Flash Memory with Boot and Parameter Sectors
Download  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EON [Eon Silicon Solution Inc.]
Direct Link  http://www.essi.com.tw
Logo EON - Eon Silicon Solution Inc.

EN25B32T-100HC Datasheet(HTML) 4 Page - Eon Silicon Solution Inc.

  EN25B32T-100HC Datasheet HTML 1Page - Eon Silicon Solution Inc. EN25B32T-100HC Datasheet HTML 2Page - Eon Silicon Solution Inc. EN25B32T-100HC Datasheet HTML 3Page - Eon Silicon Solution Inc. EN25B32T-100HC Datasheet HTML 4Page - Eon Silicon Solution Inc. EN25B32T-100HC Datasheet HTML 5Page - Eon Silicon Solution Inc. EN25B32T-100HC Datasheet HTML 6Page - Eon Silicon Solution Inc. EN25B32T-100HC Datasheet HTML 7Page - Eon Silicon Solution Inc. EN25B32T-100HC Datasheet HTML 8Page - Eon Silicon Solution Inc. EN25B32T-100HC Datasheet HTML 9Page - Eon Silicon Solution Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 38 page
background image
This Data Sheet may be revised by subsequent versions
©2004 Eon Silicon Solution, Inc., www.essi.com.tw
or modifications due to changes in technical specifications.
4
EN25B32
Rev. C, Issue Date: 2007/06/21
SIGNAL DESCRIPTION
Serial Data Input (DI)
The SPI Serial Data Input (DI) pin provides a means for instructions, addresses and data to be
serially written to (shifted into) the device. Data is latched on the rising edge of the Serial Clock (CLK)
input pin.
Serial Data Output (DO)
The SPI Serial Data Output (DO) pin provides a means for data and status to be serially read from (shifted
out of) the device. Data is shifted out on the falling edge of the Serial Clock (CLK) input pin.
Serial Clock (CLK)
The SPI Serial Clock Input (CLK) pin provides the timing for serial input and output operations. ("See SPI
Mode")
Chip Select (CS#)
The SPI Chip Select (CS#) pin enables and disables device operation. When CS# is high the device is
deselected and the Serial Data Output (DO) pin is at high impedance. When deselected, the devices
power consumption will be at standby levels unless an internal erase, program or status register cycle is
in progress. When CS# is brought low the device will be selected, power consumption will increase to
active levels and instructions can be written to and data read from the device. After power-up, CS# must
transition from high to low before a new instruction will be accepted.
Hold (HOLD#)
The HOLD pin allows the device to be paused while it is actively selected. When HOLD is brought low,
while CS# is low, the DO pin will be at high impedance and signals on the DI and CLK pins will be ignored
(don’t care). The hold function can be useful when multiple devices are sharing the same SPI signals.
Write Protect (WP#)
The Write Protect (WP#) pin can be used to prevent the Status Register from being written. Used in
conjunction with the Status Register’s Block Protect (BP0, BP1and BP2) bits and Status Register Protect
(SRP) bits, a portion or the entire memory array can be hardware protected.
Table 1. PIN Names
Symbol
Pin Name
CLK
Serial Clock Input
DI
Serial Data Input
DO
Serial Data Output
CS#
Chip Enable
WP#
Write Protect
HOLD#
Hold Input
Vcc
Supply Voltage (2.7-3.6V)
Vss
Ground


Similar Part No. - EN25B32T-100HC

ManufacturerPart #DatasheetDescription
logo
Eon Silicon Solution In...
EN25B05 EON-EN25B05 Datasheet
386Kb / 30P
   512 Kbit Serial Flash Memory with Boot and Parameter Sectors
EN25B05-50GC EON-EN25B05-50GC Datasheet
386Kb / 30P
   512 Kbit Serial Flash Memory with Boot and Parameter Sectors
EN25B05-50GCP EON-EN25B05-50GCP Datasheet
386Kb / 30P
   512 Kbit Serial Flash Memory with Boot and Parameter Sectors
EN25B05-50GI EON-EN25B05-50GI Datasheet
386Kb / 30P
   512 Kbit Serial Flash Memory with Boot and Parameter Sectors
EN25B05-50GIP EON-EN25B05-50GIP Datasheet
386Kb / 30P
   512 Kbit Serial Flash Memory with Boot and Parameter Sectors
More results

Similar Description - EN25B32T-100HC

ManufacturerPart #DatasheetDescription
logo
Eon Silicon Solution In...
EN25B16 EON-EN25B16 Datasheet
459Kb / 36P
   16 Mbit Serial Flash Memory with Boot and Parameter Sectors
EN25B20 EON-EN25B20 Datasheet
397Kb / 32P
   2 Mbit Serial Flash Memory with Boot and Parameter Sectors
EN25B80 EON-EN25B80 Datasheet
452Kb / 33P
   8 Mbit Serial Flash Memory with Boot and Parameter Sectors
EN25B10 EON-EN25B10 Datasheet
391Kb / 31P
   1 Mbit Serial Flash Memory with Boot and Parameter Sectors
EN25B40 EON-EN25B40 Datasheet
462Kb / 36P
   4 Mbit Serial Flash Memory with Boot and Parameter Sectors
logo
Winbond
W25B40AVSNIG-TR WINBOND-W25B40AVSNIG-TR Datasheet
1Mb / 36P
   4M-BIT SERIAL FLASH MEMORY WITH BOOT AND PARAMETER SECTORS
logo
Eon Silicon Solution In...
EN25B05 EON-EN25B05 Datasheet
386Kb / 30P
   512 Kbit Serial Flash Memory with Boot and Parameter Sectors
logo
Winbond
W25B40 WINBOND-W25B40 Datasheet
1Mb / 36P
   4M-BIT SERIAL FLASH MEMORY WITH BOOT AND PARAMETER SECTORS
logo
Eon Silicon Solution In...
EN25B64 EON-EN25B64 Datasheet
420Kb / 37P
   64 Megabit Serial Flash Memory with Boot and Parameter Sectors
logo
Numonyx B.V
M29W320ET NUMONYX-M29W320ET Datasheet
1Mb / 63P
   32 Mbit (4Mbx8 or 2Mbx16, Uniform Parameter Blocks, Boot Block) 3V supply Flash memory
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com