Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PJESD6V8LCQ5G Datasheet(PDF) 2 Page - Pan Jit International Inc.

Part # PJESD6V8LCQ5G
Description  5-TVS/ZENER ARRAY FOR ESD AND LATCH-UP PROTECTION
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANJIT [Pan Jit International Inc.]
Direct Link  http://www.panjit.com.tw
Logo PANJIT - Pan Jit International Inc.

PJESD6V8LCQ5G Datasheet(HTML) 2 Page - Pan Jit International Inc.

  PJESD6V8LCQ5G Datasheet HTML 1Page - Pan Jit International Inc. PJESD6V8LCQ5G Datasheet HTML 2Page - Pan Jit International Inc. PJESD6V8LCQ5G Datasheet HTML 3Page - Pan Jit International Inc. PJESD6V8LCQ5G Datasheet HTML 4Page - Pan Jit International Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
Parameter
Symbol
Min
Units
Conditions
Typical
Max
Reverse Stand-Off Voltage
Reverse Breakdown Voltage
Reverse Leakage Current
Clamping Voltage (8/20µs)
Clamping Voltage (8/20µs)
Off State Junction Capacitance
Off State Junction Capacitance
VWRM
V
BR
I R
c
V
Vc
Cj
Cj
BR
I
=
R
V
=
I
=
pp
I
=
pp
0 Vdc Bias f = 1MHz
Between I/O pins and pin 2
5 Vdc Bias f = 1MHz
Between I/O pins and pin 2
5.0
V
6.2
6.8
7.2
V
µA
0.5
9V
10
V
9.1
10
pF
pF
5.0
6
1mA
5.0V
1 A
2 A
PJESD6V8LCQ5G
www.panjit.com
PJESD5V6LCQ5G Series
10/5/2006
Page 2
Tj = 25°C
ELECTRICAL CHARACTERISTICS (Per Device)
Pulse Waveform
0
10
20
30
40
50
60
70
80
90
100
110
0
5
10
15
20
25
30
time, µsec
50% of Ipp @ 20µs
Rise time 10-90% - 8µs
TYPICAL CHARACTERISTICS 25°C unless otherwise noted
Typical Leakage Current vs Temperature
0.0001
0.0010
0.0100
0.1000
25
50
75
100
125
150
Temp,°C
3V
5V
Surge Pulse Waveform Definition
Clamping Voltage vs. Peak current
6
7
8
9
10
1
1.2
1.4
1.6
1.8
2
Ipp, A (8/20µsec)
6V8
5V6
0
2
4
6
8
10
12
01
2
3
45
Bias Voltage, Vdc
Off-State junction Capacitance
6V8
5V6


Similar Part No. - PJESD6V8LCQ5G

ManufacturerPart #DatasheetDescription
logo
Pan Jit International I...
PJESD6V8LC-2W PANJIT-PJESD6V8LC-2W Datasheet
167Kb / 3P
   Low capacitance TVS arrays for ESD protection
PJESD6V8LC-4 PANJIT-PJESD6V8LC-4 Datasheet
262Kb / 4P
   Low capacitance TVS arrays for ESD protection
PJESD6V8LC-4W PANJIT-PJESD6V8LC-4W Datasheet
213Kb / 4P
   LOW CAPACITANCE UNIDIRECTIONAL QUADRUPLE ESD PROTECTION DIODE ARRAYS
PJESD6V8LC-5W PANJIT-PJESD6V8LC-5W Datasheet
206Kb / 4P
   LOW CAPACITANCE 5-FOLD ESD PROTECTION DIODE ARRAYS
More results

Similar Description - PJESD6V8LCQ5G

ManufacturerPart #DatasheetDescription
logo
Pan Jit International I...
PJQMF05LC PANJIT-PJQMF05LC Datasheet
47Kb / 4P
   5-TVS/ZENER ARRAY FOR ESD AND LATCH-UP PROTECTION
PJCF05LC PANJIT-PJCF05LC Datasheet
176Kb / 4P
   5-TVS/ZENER ARRAY FOR ESD AND LATCH-UP PROTECTION
PJQA5V6C PANJIT-PJQA5V6C Datasheet
77Kb / 2P
   5 - TVS/ZENER ARRAY FOR ESD AND LATCH-UP PROTECTION
PJSMF03LC PANJIT-PJSMF03LC Datasheet
111Kb / 5P
   5-TVS/ZENER ARRAY FOR ESD AND LATCH-UP PROTECTION
PJSMF05LC PANJIT-PJSMF05LC_04 Datasheet
90Kb / 3P
   5-TVS/ZENER ARRAY FOR ESD AND LATCH-UP PROTECTION
PJCLAMP0504A PANJIT-PJCLAMP0504A Datasheet
63Kb / 4P
   QUAD TVS/ZENER ARRAY FOR ESD AND LATCH-UP PROTECTION
PJQA5V6 PANJIT-PJQA5V6 Datasheet
54Kb / 2P
   QUAD TVS/ZENER ARRAY FOR ESD AND LATCH-UP PROTECTION
PJSMS05C PANJIT-PJSMS05C Datasheet
74Kb / 4P
   PENTA TVS/ZENER ARRAY FOR ESD AND LATCH-UP PROTECTION
PJQA5V6 PANJIT-PJQA5V6_09 Datasheet
61Kb / 2P
   QUAD TVS/ZENER ARRAY FOR ESD AND LATCH-UP PROTECTION
PJSMDA05 PANJIT-PJSMDA05_09 Datasheet
242Kb / 4P
   QUAD TVS/ZENER ARRAY FOR ESD AND LATCH-UP PROTECTION
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com