Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PJ6676 Datasheet(PDF) 3 Page - Pan Jit International Inc.

Part # PJ6676
Description  25V N-Channel Enhancement Mode MOSFET
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANJIT [Pan Jit International Inc.]
Direct Link  http://www.panjit.com.tw
Logo PANJIT - Pan Jit International Inc.

PJ6676 Datasheet(HTML) 3 Page - Pan Jit International Inc.

  PJ6676 Datasheet HTML 1Page - Pan Jit International Inc. PJ6676 Datasheet HTML 2Page - Pan Jit International Inc. PJ6676 Datasheet HTML 3Page - Pan Jit International Inc. PJ6676 Datasheet HTML 4Page - Pan Jit International Inc. PJ6676 Datasheet HTML 5Page - Pan Jit International Inc.  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
PAGE . 3
STAD-JUL.19.2006
PJ6676
Fig. 1-TYPICAL FORWARD CHARACTERISTIC
FIG.1- Output Characteristic
Typical Characteristics Curves (T =25 C,unless otherwise noted)
A
O
FIG.2- Transfer Characteristic
FIG.3- On Resistance vs Drain Current
FIG.4- On Resistance vs Gate to Source Voltage
FIG.5- On Resistance vs Junction Temperature
FIG.6- Capacitance
0
10
20
30
40
50
60
012345
VDS - Drain-to-Source Voltage (V)
V = 4.5V, 5.0V, 6.0V, 10.0V
GS
3.5V
3.0V
2.5V
4.0V
0
10
20
30
40
50
60
1.52
2.53
3.54
4.5
VGS - Gate-to-Source Voltage (V)
T =125 C
J
O
T =25 C
J
O
T =-55 C
J
O
V =10V
DS
V =10V
DS
V =10V
DS
0
5
10
15
20
25
30
24
68
10
VGS - Gate-to-Source Voltage (V)
ID =15A
0
4
8
12
16
0
10
203040
5060
ID - Drain Current (A)
V =10V
GS
V =4.5V
GS
0.7
0.9
1.1
1.3
1.5
1.7
-50
-25
0
25
50
75
100
125
150
TJ - Junction Tem perature (
oC)
V =10V
I =15A
GS
D
0
1000
2000
3000
4000
5000
0
5
10
15
20
25
VDS - Drain-to-Source Voltage (V)
V =0V
f=1MH
GS
Z
Ciss
Coss
Crss
T =125 C
J
O
T =25 C
J
O


Similar Part No. - PJ6676

ManufacturerPart #DatasheetDescription
logo
Hammond Manufacturing L...
PJ664 HAMMOND-PJ664 Datasheet
186Kb / 1P
   DATA SUBJECT TO CHANGE WITHOUT NOTLCE
PJ664H HAMMOND-PJ664H Datasheet
185Kb / 1P
   DATA SUBJECT TO CHANGE WITHOUT NOTLCE
PJ664HP4 HAMMOND-PJ664HP4 Datasheet
201Kb / 1P
   DATA SUBJECT TO CHANGE WITHOUT NOTLCE
PJ664HP4 HAMMOND-PJ664HP4 Datasheet
216Kb / 3P
   Bo챤tier pour boutons-poussoirs en polyester de type 4, 4X
PJ664HW HAMMOND-PJ664HW Datasheet
187Kb / 1P
   DATA SUBJECT TO CHANGE WITHOUT NOTLCE
More results

Similar Description - PJ6676

ManufacturerPart #DatasheetDescription
logo
Champion Microelectroni...
CMT35N03G CHAMP-CMT35N03G Datasheet
255Kb / 6P
   25V N-CHANNEL ENHANCEMENT-MODE MOSFET
logo
Pan Jit International I...
PJD09N03 PANJIT-PJD09N03 Datasheet
142Kb / 4P
   25V N-Channel Enhancement Mode MOSFET
PJ12N03D PANJIT-PJ12N03D Datasheet
151Kb / 4P
   25V N-Channel Enhancement Mode MOSFET
PJ6680 PANJIT-PJ6680 Datasheet
152Kb / 5P
   25V N-Channel Enhancement Mode MOSFET
PJ6694 PANJIT-PJ6694 Datasheet
207Kb / 5P
   25V N-Channel Enhancement Mode MOSFET
logo
Cystech Electonics Corp...
MTB010N02DFJ6 CYSTEKEC-MTB010N02DFJ6 Datasheet
670Kb / 9P
   25V N-CHANNEL Enhancement Mode MOSFET
logo
First Components Intern...
FMD50N02 FCI-FMD50N02 Datasheet
363Kb / 2P
   25V N-Channel Enhancement-Mode MOSFET
logo
Diodes Incorporated
DMG301NU DIODES-DMG301NU Datasheet
509Kb / 6P
   25V N-CHANNEL ENHANCEMENT MODE MOSFET
logo
Pan Jit International I...
PJ06N03D PANJIT-PJ06N03D Datasheet
145Kb / 4P
   25V N-Channel Enhancement Mode MOSFET
logo
Diodes Incorporated
DMG301NU DIODES-DMG301NU_15 Datasheet
509Kb / 6P
   25V N-CHANNEL ENHANCEMENT MODE MOSFET
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com